Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AB25CP-HB Datasheet(PDF) 1 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # AB25CP-HB
Description  Process Sealed Subminiature Pushbuttons
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

AB25CP-HB Datasheet(HTML) 1 Page - Nihon Kaiheiki Industry Co. Ltd.

  AB25CP-HB Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. AB25CP-HB Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. AB25CP-HB Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. AB25CP-HB Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. AB25CP-HB Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. AB25CP-HB Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
03-07
Process Sealed Subminiature Pushbuttons
Series AB
Distinctive Characteristics
Subminiature size (1/3 size of Series M switches) saves space on
PC boards.
Specifically developed for logic-level applications.
Totally sealed body construction prevents contact
contamination and allows time- and money-saving
automated soldering and cleaning.
Award-winning STC contact mechanism with
benefits unavailable in conventional mecha-
nisms: smoother, positive detent actuation,
increased contact stability and unparalleled
logic-level reliability. (Additional STC details
in Terms & Acronyms; see Supplement section.)
Molded-in, epoxy sealed or ultrasonically
welded terminals lock out flux, solvents, and
other contaminants.
.100” x .100” (2.54mm x 2.54mm) terminal spacing
conforms to standard PC board grid spacing.
Matching indicators available and shown at the end of Section M.
Actual Size


Similar Part No. - AB25CP-HB

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
AB250-C1000G EIC-AB250-C1000G Datasheet
22Kb / 2P
   AVALANCHE GLASS PASSIVATED BRIDGE RECTIFIERS
AB250-C1000G EIC-AB250-C1000G Datasheet
85Kb / 2P
   AVALANCHE GLASS PASSIVATED BRIDGE RECTIFIERS
AB250-C1500RG EIC-AB250-C1500RG Datasheet
54Kb / 2P
   AVALANCHE GLASS PASSIVATED BRIDGE RECTIFIERS
More results

Similar Description - AB25CP-HB

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
BB15AP-FA NKK-BB15AP-FA Datasheet
232Kb / 6P
   Process Sealed Subminiature Antistatic Pushbuttons
M2B15AA5W03-F NKK-M2B15AA5W03-F Datasheet
231Kb / 7P
   Process Sealed Miniature Pushbuttons
logo
List of Unclassifed Man...
M2B15AA5G30-FC ETC2-M2B15AA5G30-FC Datasheet
191Kb / 7P
   Process Sealed Miniature Pushbuttons
GB15AP ETC2-GB15AP Datasheet
125Kb / 4P
   Process Sealed Ultra-Miniature Pushbuttons
GB15AH-XC ETC2-GB15AH-XC Datasheet
125Kb / 4P
   Process Sealed Ultra-Miniature Pushbuttons
logo
Nihon Kaiheiki Industry...
GB15AP-XA NKK-GB15AP-XA Datasheet
144Kb / 5P
   Process Sealed Ultra-Miniature Pushbuttons
G3B15AP-XA NKK-G3B15AP-XA Datasheet
233Kb / 6P
   Ultra-Miniature Process Sealed SMT Pushbuttons
logo
List of Unclassifed Man...
A18AV ETC2-A18AV Datasheet
980Kb / 8P
   Process Sealed Subminiature Toggles
logo
Nihon Kaiheiki Industry...
A11A NKK-A11A Datasheet
243Kb / 7P
   Process Sealed Subminiature Toggles
logo
List of Unclassifed Man...
A23K1V-DA ETC2-A23K1V-DA Datasheet
241Kb / 7P
   Process Sealed Subminiature Rockers
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com