Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EB2011PG-CF Datasheet(PDF) 5 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # EB2011PG-CF
Description  Light Touch Miniature Pushbuttons
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

EB2011PG-CF Datasheet(HTML) 5 Page - Nihon Kaiheiki Industry Co. Ltd.

  EB2011PG-CF Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. EB2011PG-CF Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. EB2011PG-CF Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. EB2011PG-CF Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. EB2011PG-CF Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. EB2011PG-CF Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
03-07
Light Touch Miniature Pushbuttons
Series EB
CAPS & COLORS
TYPICAL SWITCH DIMENSIONS
Solder Lug
Single Pole
Solder Lug
Double Pole
B
Cap Colors
Available:
A
B
C
AT443
.315” (8.0mm) Diameter Snap-on Cap
AT442
.394” (10.0mm) Diameter Snap-on Cap
Momentary
Plunger Length
EB2011-BA
EB2061-BA
E
F
G
H
Plunger Extension
Due to a difference in plunger lengths on the momentary and alternate action models, cap distance from top of bushing varies.
Cap Material: Polycarbonate
Finish: Glossy
C
Cap Colors
Available:
A
B
C
E
F
G
H
Cap Material: Polycarbonate
Finish: Glossy
Black
White
Red
Yellow
Green
Blue
Gray
Black
White
Red
Yellow
Green
Blue
Gray
Momentary
Cap Location
Alternate
Plunger Length
Alternate
Cap Location
(7.0)
.276
Keyway
(11.0)
.433
(3.9) Typ
.154
(0.5)
.020
(4.0) Typ
.157
(4.5)
.177
For Momentary Devices
(8.5)
.335
(7.6)
.299
(18.0)
.709
(6.8)
.268
(1.4)
.055
(0.7) Typ
.028
(1.1) x (2.0) Typ
.043 x .079
M6 P0.75
(8.0) Dia
.315
3
2
1
(2.0) Typ
.079
COM
(11.7)
.461
Keyway
(11.0)
.433
(3.9) Typ
.154
(0.5)
.020
(4.0) Typ
.157
(4.5)
.177
For Momentary Devices
(8.5)
.335
(7.6)
.299
(18.0)
.709
(6.8)
.268
(1.4)
.055
(0.7) Typ
.028
(1.1) x (2.0) Typ
.043 x .079
M6 P0.75
(8.0) Dia
.315
3
2
1
(2.0) Typ
.079
4
5
6
COM
(4.7)
.185
(2.3) Dia
.091
(3.0) Dia
.118
(9.3)
.366
(3.3) Dia
.130
(2.3) Dia
.091
(3.0) Dia
.118
(8.0)
.315
(8.0) Dia
.315
(7.6)
.299
(8.0)
.315
(10.0) Dia
.394
(2.7)
.106
(1.2)
.047
(2.5)
.098
(1.4)
.055


Similar Part No. - EB2011PG-CF

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
EB2011PG-C-J20 NKK-EB2011PG-C-J20 Datasheet
327Kb / 9P
   Light Touch Miniature Pushbuttons
EB2011PG-C-J30 NKK-EB2011PG-C-J30 Datasheet
327Kb / 9P
   Light Touch Miniature Pushbuttons
EB2011PG-C-J40 NKK-EB2011PG-C-J40 Datasheet
327Kb / 9P
   Light Touch Miniature Pushbuttons
EB2011PG-C-J50 NKK-EB2011PG-C-J50 Datasheet
327Kb / 9P
   Light Touch Miniature Pushbuttons
More results

Similar Description - EB2011PG-CF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EB2011-A-J40 ETC2-EB2011-A-J40 Datasheet
222Kb / 8P
   Light Touch Miniature Pushbuttons
logo
Nihon Kaiheiki Industry...
EB2011-A-J20 NKK-EB2011-A-J20 Datasheet
327Kb / 9P
   Light Touch Miniature Pushbuttons
MB2011SS1W NKK-MB2011SS1W Datasheet
238Kb / 8P
   Miniature Pushbuttons
logo
List of Unclassifed Man...
KB15CKW01-12-FF ETC2-KB15CKW01-12-FF Datasheet
725Kb / 13P
   Miniature Pushbuttons
logo
Nihon Kaiheiki Industry...
MB2011SB1W01 NKK-MB2011SB1W01 Datasheet
333Kb / 11P
   Miniature Pushbuttons
KB15SKW01 NKK-KB15SKW01 Datasheet
400Kb / 10P
   Miniature Pushbuttons
logo
GREATECS
KB15SKW01-05-GG GREATECS-KB15SKW01-05-GG Datasheet
457Kb / 11P
   Miniature Pushbuttons
logo
Nihon Kaiheiki Industry...
MB2011SS1W01-CA NKK-MB2011SS1W01-CA Datasheet
204Kb / 8P
   Miniature Pushbuttons
M2B15AA5W03-F NKK-M2B15AA5W03-F Datasheet
231Kb / 7P
   Process Sealed Miniature Pushbuttons
logo
List of Unclassifed Man...
M2B15AA5G30-FC ETC2-M2B15AA5G30-FC Datasheet
191Kb / 7P
   Process Sealed Miniature Pushbuttons
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com