Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G211E Datasheet(PDF) 2 Page - MicroPower Direct, LLC

Part # G211E
Description  Low Cost, 2W Compact MiniDIP DC/DC Converters
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

G211E Datasheet(HTML) 2 Page - MicroPower Direct, LLC

  G211E Datasheet HTML 1Page - MicroPower Direct, LLC G211E Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Notes:
All dimensions are typical in inches (mm)
Tolerance x.xx =
±0.01 (±0.25)
Pin 1 is marked by a “dot” or indentation on the top of the unit
Model
Number
Input
Output
Load
Regulation
(%, Max)
Efficiency
(%, Typ)
Fuse Rating
Slow-Blow
(mA)
Voltage (VDC)
Current (mA)
Voltage
(VDC)
Current
(mA, Max)
Current
(mA, Min)
Nominal
Range
Full-Load
No-Load
G201E
5
4.5 - 5.5
494
30
5.0
400.0
40.0
15
81
1,000
G202E
5
4.5 - 5.5
488
30
9.0
222.0
23.0
15
82
1,000
G203E
5
4.5 - 5.5
476
30
12.0
167.0
17.0
15
84
1,000
G204E
5
4.5 - 5.5
476
30
15.0
133.0
14.0
15
84
1,000
G205E
5
4.5 - 5.5
488
30
±5.0
±200.0
±20.0
15
82
1,000
G206E
5
4.5 - 5.5
482
30
±9.0
±111.0
±12.0
15
83
1,000
G207E
5
4.5 - 5.5
470
30
±12.0
±83.0
±9.0
15
85
1,000
G208E
5
4.5 - 5.5
470
30
±15.0
±67.0
±7.0
15
85
1,000
G211E
12
10.8 - 13.2
203
15
5.0
400.0
40.0
15
82
500
G212E
12
10.8 - 13.2
201
15
9.0
222.0
23.0
15
83
500
G213E
12
10.8 - 13.2
196
15
12.0
167.0
17.0
15
85
500
G214E
12
10.8 - 13.2
196
15
15.0
133.0
14.0
15
85
500
G215E
12
10.8 - 13.2
201
15
±5.0
±200.0
±20.0
15
83
500
G216E
12
10.8 - 13.2
198
15
±9.0
±111.0
±12.0
15
84
500
G217E
12
10.8 - 13.2
194
15
±12.0
±83.0
±9.0
15
86
500
G218E
12
10.8 - 13.2
194
15
±15.0
±67.0
±7.0
15
86
500
G221E
24
21.6 - 26.4
100
8
5.0
400.0
40.0
15
83
250
G222E
24
21.6 - 26.4
99
8
9.0
222.0
23.0
15
84
250
G223E
24
21.6 - 26.4
97
8
12.0
167.0
17.0
15
86
250
G224E
24
21.6 - 26.4
97
8
15.0
133.0
14.0
15
86
250
G225E
24
21.6 - 26.4
99
8
±5.0
±200.0
±20.0
15
84
250
G226E
24
21.6 - 26.4
98
8
±9.0
±111.0
±12.0
15
85
250
G227E
24
21.6 - 26.4
96
8
±12.0
±83.0
±9.0
15
87
250
G228E
24
21.6 - 26.4
96
8
±15.0
±67.0
±7.0
15
87
250
Pin
Single
Dual
Pin
Single
Dual
1
-Vin
-Vin
9
+Vout
+Vout
7
NC
NC
11
No Pin
-Vout
8
-Vout
Common
14
+Vin
+Vin
Derating Curve
Notes:
1. Output load regulation is specified for a load change of 10% to
100%.
2. These units should not be operated with a load under 10% of
full load. Operation at no-load may cause damage to the unit.
3. These converters will operate without external components.
However, when measuring output ripple, it is recommended
that an external ceramic capacitor be placed from the +Vout
pin to the -Vout pin for single output units and from each out-
put to common for dual output units. An input capacitor will
enhance stability over temperature and input line variations.
Recommended capacitor values are given in the table below.
For applications requiring very low output noise levels, a simple
LC filter should be effective.
4. Dual output units may be connected to provide a 10V, 18V, 24V
or 30 VDC output. To do this, connect the load across the posi-
tive (+Vout) and negative (-Vout) outputs and float the output
common
5. It is recommended that a fuse be used on the input of a power
supply for protection. See the Model Selection table above for
the correct rating.
Vin
Input
Capacitor
Vout
Output Capacitor
Single
Dual
5 VDC
4.7
µF
5 VDC
10.0
µF
4.7
µF
12 VDC
2.2
µF
9 VDC
4.7
µF
2.2
µF
24 VDC
1.0
µF
12 VDC
2.2
µF
1.0
µF
15 VDC
1.0
µF
0.47
µF
MicroPower Direct
www.micropowerdirect.com
292 Page Street Ste D Stoughton, MA 02072
TEL: (781) 344-8226
FAX: (781) 344-8481
E-Mail: sales@micropowerdirect.com
Model Selection Guide
Mechanical Dimensions
Pin Connections


Similar Part No. - G211E

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
G211EI MPD-G211EI Datasheet
204Kb / 2P
   High Isolation, 2W Low Cost, MiniDIP DC/DC Converters
More results

Similar Description - G211E

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
G200EI MPD-G200EI Datasheet
204Kb / 2P
   High Isolation, 2W Low Cost, MiniDIP DC/DC Converters
MG200MRRI4 MPD-MG200MRRI4 Datasheet
235Kb / 2P
   Medical Approved Compact MiniDIP, 2W DC/DC Converters
G200I MPD-G200I Datasheet
77Kb / 2P
   Compact MiniDIP, 2W High Isolation DC/DC Converters
G200 MPD-G200 Datasheet
75Kb / 2P
   Compact MiniDIP, 2W Single & Dual Output DC/DC Converters
MHI200GRI8 MPD-MHI200GRI8 Datasheet
484Kb / 2P
   Compact, 2W MiniDIP Ultra-High Isolation DC/DC Converters
G200RW MPD-G200RW Datasheet
164Kb / 2P
   Compact MiniDIP, 2W Wide Input Range DC/DC Converters
G100EI MPD-G100EI Datasheet
180Kb / 2P
   Low Cost, 1W MiniDIP High Isolation DC/DC Converters
G100E MPD-G100E Datasheet
183Kb / 2P
   Low Cost, 1W MiniDIP Single & Dual Output DC/DC Converters
MG800RU MPD-MG800RU Datasheet
466Kb / 2P
   Compact, 8W 4:1 Input, MiniDIP DC/DC Converters
E200E MPD-E200E Datasheet
201Kb / 2P
   Low Cost, 2W Ultra-Miniature SIP DC/DC Converters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com