Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U10A40 Datasheet(PDF) 1 Page - Mospec Semiconductor

Part # U10A40
Description  FAST RECTIFIERS(10A,300-600V)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor

U10A40 Datasheet(HTML) 1 Page - Mospec Semiconductor

  U10A40 Datasheet HTML 1Page - Mospec Semiconductor U10A40 Datasheet HTML 2Page - Mospec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image


Similar Part No. - U10A40

ManufacturerPart #DatasheetDescription
logo
Amphenol Communications...
U10A43820001T AMPHENOLCS-U10A43820001T Datasheet
349Kb / 3P
   PROVEN, HIGH SPEED, NEXTGENERATION SAS-4 INTERFACE
U10A43820002T AMPHENOLCS-U10A43820002T Datasheet
349Kb / 3P
   PROVEN, HIGH SPEED, NEXTGENERATION SAS-4 INTERFACE
U10A43820101T AMPHENOLCS-U10A43820101T Datasheet
349Kb / 3P
   PROVEN, HIGH SPEED, NEXTGENERATION SAS-4 INTERFACE
U10A43820102T AMPHENOLCS-U10A43820102T Datasheet
349Kb / 3P
   PROVEN, HIGH SPEED, NEXTGENERATION SAS-4 INTERFACE
U10A43821001T AMPHENOLCS-U10A43821001T Datasheet
349Kb / 3P
   PROVEN, HIGH SPEED, NEXTGENERATION SAS-4 INTERFACE
More results

Similar Description - U10A40

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
U08A30 MOSPEC-U08A30 Datasheet
134Kb / 2P
   FAST RECTIFIERS(8A,300-600V)
U15A30 MOSPEC-U15A30 Datasheet
136Kb / 2P
   FAST RECTIFIERS(15A,300-600V)
logo
Shindengen Electric Mfg...
SF10L60U SHINDENGEN-SF10L60U Datasheet
333Kb / 6P
   Super Fast Recovery Rectifiers(600V 10A)
DF10L60 SHINDENGEN-DF10L60 Datasheet
388Kb / 6P
   Super Fast Recovery Rectifiers(600V 10A)
logo
Taiwan Semiconductor Co...
UG1004G TSC-UG1004G Datasheet
209Kb / 4P
   10A, 200V - 600V Ultra Fast Rectifiers
logo
Mospec Semiconductor
U06C30 MOSPEC-U06C30 Datasheet
141Kb / 2P
   POWER RECTIFIERS(6.0A,300-600V)
F30D30 MOSPEC-F30D30 Datasheet
140Kb / 2P
   POWER RECTIFIERS(30A,300-600V)
U20C30 MOSPEC-U20C30 Datasheet
141Kb / 2P
   POWER RECTIFIERS(20A,300-600V)
U20D30 MOSPEC-U20D30 Datasheet
140Kb / 2P
   POWER RECTIFIERS(20A,300-600V)
U30D30 MOSPEC-U30D30 Datasheet
142Kb / 2P
   POWER RECTIFIERS(30A,300-600V)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com