Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G111EI Datasheet(PDF) 1 Page - MicroPower Direct, LLC

Part # G111EI
Description  Low Cost, 1W MiniDIP High Isolation DC/DC Converters
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

G111EI Datasheet(HTML) 1 Page - MicroPower Direct, LLC

  G111EI Datasheet HTML 1Page - MicroPower Direct, LLC G111EI Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Key Features:
1W Output Power
Compact “MiniDIP” Case
3,000 VDC Isolation
UL Approved (File E245422)
Single & Dual Outputs
>3.5 MHour MTBF
24 Standard Models
LOWEST COST!!
G100EI
Low Cost, 1W MiniDIP
High Isolation
DC/DC Converters
Series
Input
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Voltage Range
5 VDC Input
4.5
5.0
5.5
VDC
12 VDC Input
10.8
12.0
13.2
24 VDC Input
21.6
24.0
26.4
Input Filter
Internal Capacitor
Reverse Polarity Input Current
0.3
A
Output
Parameter
Conditions
Min.
Typ.
Max.
Units
Output Voltage Accuracy
±1.0
±3.0
%
Output Voltage Balance
Dual Output , Balanced Loads
±0.1
±1.0
%
Line Regulation
For Vin Change of 1%
±1.2
%
Load Regulation (Note 1)
See Model Selection Guide
Ripple & Noise (20 MHz) (Note 2)
50
75
mV P - P
Output Power Protection
120
%
Temperature Coefficient
±0.02
±0.03
%/ºC
Output Short Circuit
Momentary (1.0 Sec.)
General
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation Voltage
60 Seconds
3,000
VDC
Isolation Resistance
500 VDC
1,000
Isolation Capacitance
100 kHz, 1V
60
pF
Switching Frequency
150
kHz
Environmental
Parameter
Conditions
Min.
Typ.
Max.
Units
Operating Temperature Range
Ambient
-40
+25
+85
ºC
Storage Temperature Range
-55
+125
ºC
Cooling
Free Air Convection
Humidity
RH, Non-condensing
95
%
Physical
Case Size
0.80 x 0.40 x 0.25 Inches (20.4 x 10.2 x 6.5 mm)
Case Material
Non-Conductive Black Plastic (UL94-V0)
Weight
0.07 Oz (2.1g)
Reliability Specifications
Parameter
Conditions
Min.
Typ.
Max.
Units
MTBF
MIL HDBK 217F, 25ºC, Gnd Benign
3.5
MHours
Safety Standards
UL 1950, EN 60950, IEC 60950
Safety Approvals
UL, cUL; File No. E245422
Absolute Maximum Ratings
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Voltage Surge (1 Sec)
5 VDC Input
-0.7
9.0
VDC
12 VDC Input
-0.7
18.0
24 VDC Input
-0.7
30.0
Lead Temperature
1.5 mm From Case For 10 Sec
300
ºC
Internal Power Dissipation
All Models
450
mW
Caution: Exceeding Absolute Maximum Ratings may damage the module. These are not continuous operating ratings.
MicroPower Direct
292 Page Street
Suite D
Stoughton, MA 02072
USA
T: (781) 344-8226
F: (781) 344-8481
E: sales@micropowerdirect.com
W: www.micropowerdirect.com
RoHS Compliant
Electrical Specifications
Specifications typical @ +25°C, nominal input voltage & rated output current, unless otherwise noted. Specifications subject to change without notice.


Similar Part No. - G111EI

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
G111EI MPD-G111EI Datasheet
181Kb / 2P
   G100EI SERIES
More results

Similar Description - G111EI

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
G200EI MPD-G200EI Datasheet
204Kb / 2P
   High Isolation, 2W Low Cost, MiniDIP DC/DC Converters
H100I MPD-H100I Datasheet
180Kb / 2P
   Ultra-Miniature MiniDIP 1W, High Isolation DC/DC Converters
G100E MPD-G100E Datasheet
183Kb / 2P
   Low Cost, 1W MiniDIP Single & Dual Output DC/DC Converters
logo
List of Unclassifed Man...
D118EI ETC1-D118EI Datasheet
82Kb / 2P
   Low Cost, 1W High Isolation SIP DC/DC Converters
logo
MicroPower Direct, LLC
D100EI MPD-D100EI Datasheet
183Kb / 2P
   Low Cost, 1W SIP High Isolation DC/DC Converters
G200E MPD-G200E Datasheet
199Kb / 2P
   Low Cost, 2W Compact MiniDIP DC/DC Converters
D100EHI MPD-D100EHI Datasheet
181Kb / 2P
   Low Cost, Miniature SIP 1W, Very High Isolation DC/DC Converters
LF100ESI MPD-LF100ESI Datasheet
288Kb / 2P
   Low Cost, Single Output 1W High Isolation SMT DC/DC Converters
LF100EDI MPD-LF100EDI Datasheet
244Kb / 2P
   Low Cost, Dual Output High Isolation 1W SMT DC/DC Converters
A100EHI MPD-A100EHI Datasheet
181Kb / 2P
   Low Cost, Miniature DIP 1W, Very High Isolation DC/DC Converters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com