Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AB11CB-FB Datasheet(PDF) 4 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # AB11CB-FB
Description  Process Sealed Subminiature Pushbuttons
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

AB11CB-FB Datasheet(HTML) 4 Page - Nihon Kaiheiki Industry Co. Ltd.

  AB11CB-FB Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. AB11CB-FB Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. AB11CB-FB Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. AB11CB-FB Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. AB11CB-FB Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. AB11CB-FB Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
03-07
Process Sealed Subminiature Pushbuttons
Series AB
PLUNGERS
SLIP-ON CAPS
PC TERMINALS
Plunger Position
( ) = Momentary
Connected Terminals
Throw & Schematics
Pole
Model
Normal
Down
Normal
Down
Note: Terminal numbers are not
actually on the switch.
SP
AB11
OFF
(ON)
OPEN
3-1
SPST
SP
AB15
ON
(ON)
2-3
2-1
SPDT
DP
AB25
ON
(ON)
2-3 5-6
2-1 5-4
DPDT
Material: Polyamide
For use with
plungers A & B only.
.213” (5.4mm)
Long
Standard Plunger Color: White
Contact factory for red or black options.
.183” (4.6mm)
Long
(on SP only)
Use of a support bracket is recommended to increase PCB mounting strength and stability.
B1 & V1 terminal dimensions appear on the pushbutton drawings which follow.
POLES & CIRCUITS
.080” (2.03mm)
Long
(on SP only)
(2.8) Dia
.110
(5.4)
.213
(4.6)
.183
(2.8) Dia
.110
(2.8) Dia
.110
(2.03)
.080
AT475
.201” (5.1mm) Diameter Cap
AT496
.295” (7.5mm) Diameter Cap
Material: Polyamide
For use with
plungers A & B only.
(4.0)
.157
(5.4)
.213
(5.1) Dia
.201
(2.8) Dia
.110
(6.3)
.248
(5.4)
.213
(7.5) Dia
.295
(4.0)
.157
(6.3)
.248
(2.8) Dia
.110
Straight
Straight
with Bracket
Right Angle
with Bracket
Vertical
with Bracket
(2.54) Typ
.100
(0.6) Dia Typ
.024
(5.08) Typ
.200
(0.8)
.031
(8.8)
.346
(9.0)
.354
(5.08)
.200
(5.08)
.200
(10.16)
.400
(9.0)
.354
(8.8)
.346
(2.54) Typ
.100
(0.3) Typ
.012
(0.7) Typ
.028
(0.6) Dia Typ
.024
(9.0)
.354
(2.54) Typ
.100
(2.54) Typ
.100
(5.08)
.200
(0.6) Dia Typ
.024
(8.8)
.346
(0.5)
.020
(0.7)
.028
(0.3)
.012
(5.08)
.200
(5.08)
.200
(2.54) Typ
.100
(0.3)
.012
(0.7)
.028
(9.0)
.354
(8.8)
.346
(0.6) Dia Typ
.024
(0.5) Typ
.020
3
1
INTERNAL
CONNECTION
2 (COM)
3
1
Colors Available:
Black
White
Red
A
B
C
P
B
H
V
F
H
A
B
C
3
1
2
4
5
6
(COM)


Similar Part No. - AB11CB-FB

ManufacturerPart #DatasheetDescription
logo
Chip Integration Techno...
AB110S CITC-AB110S Datasheet
94Kb / 3P
   1A Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
logo
Microdiode Electronics ...
AB110S CHENDA-AB110S Datasheet
676Kb / 2P
   4 0 to 200 Volts Current - 1.0 Ampere
AB110S CHENDA-AB110S Datasheet
751Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
AB110S CHENDA-AB110S Datasheet
455Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Chip Integration Techno...
AB110S-A CITC-AB110S-A Datasheet
590Kb / 4P
   Single Phase 0.8AMP Surface Mount Glass Passivated Bridge Rectifiers
More results

Similar Description - AB11CB-FB

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
BB15AP-FA NKK-BB15AP-FA Datasheet
232Kb / 6P
   Process Sealed Subminiature Antistatic Pushbuttons
M2B15AA5W03-F NKK-M2B15AA5W03-F Datasheet
231Kb / 7P
   Process Sealed Miniature Pushbuttons
logo
List of Unclassifed Man...
M2B15AA5G30-FC ETC2-M2B15AA5G30-FC Datasheet
191Kb / 7P
   Process Sealed Miniature Pushbuttons
GB15AP ETC2-GB15AP Datasheet
125Kb / 4P
   Process Sealed Ultra-Miniature Pushbuttons
GB15AH-XC ETC2-GB15AH-XC Datasheet
125Kb / 4P
   Process Sealed Ultra-Miniature Pushbuttons
logo
Nihon Kaiheiki Industry...
GB15AP-XA NKK-GB15AP-XA Datasheet
144Kb / 5P
   Process Sealed Ultra-Miniature Pushbuttons
G3B15AP-XA NKK-G3B15AP-XA Datasheet
233Kb / 6P
   Ultra-Miniature Process Sealed SMT Pushbuttons
logo
List of Unclassifed Man...
A18AV ETC2-A18AV Datasheet
980Kb / 8P
   Process Sealed Subminiature Toggles
logo
Nihon Kaiheiki Industry...
A11A NKK-A11A Datasheet
243Kb / 7P
   Process Sealed Subminiature Toggles
logo
List of Unclassifed Man...
A23K1V-DA ETC2-A23K1V-DA Datasheet
241Kb / 7P
   Process Sealed Subminiature Rockers
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com