Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74HC594 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SN74HC594
Description  8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74HC594 Datasheet(HTML) 6 Page - Texas Instruments

  SN74HC594 Datasheet HTML 1Page - Texas Instruments SN74HC594 Datasheet HTML 2Page - Texas Instruments SN74HC594 Datasheet HTML 3Page - Texas Instruments SN74HC594 Datasheet HTML 4Page - Texas Instruments SN74HC594 Datasheet HTML 5Page - Texas Instruments SN74HC594 Datasheet HTML 6Page - Texas Instruments SN74HC594 Datasheet HTML 7Page - Texas Instruments SN74HC594 Datasheet HTML 8Page - Texas Instruments SN74HC594 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
SN54HC594, SN74HC594
8-BIT SHIFT REGISTERS
WITH OUTPUT REGISTERS
SCLS040C – DECEMBER 1982 – REVISED FEBRUARY 1998
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
timing requirements over recommended operating free-air temperature range (unless otherwise
noted)
VCC
TA = 25°C
SN54HC594
SN74HC594
UNIT
VCC
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
2 V
5
3.3
4
fclock
Clock frequency
4.5 V
25
17
20
MHz
6 V
29
20
24
2 V
100
150
125
SRCLK or RCLK high or low
4.5 V
20
30
25
t
Pulse duration
6 V
17
25
21
ns
tw
Pulse duration
2 V
100
150
125
ns
SRCLR or RCLR low
4.5 V
20
30
25
6 V
17
25
21
2 V
90
135
110
SER before SRCLK
4.5 V
18
27
22
6 V
15
23
19
↑†
2 V
90
135
110
SRCLK
↑ before RCLK↑†
4.5 V
18
27
22
6 V
15
23
19
2 V
50
75
63
tsu
Setup time
SRCLR low before RCLK
4.5 V
10
15
13
ns
6 V
9
13
11
2 V
20
20
20
SRCLR high (inactive) before SRCLK
4.5 V
10
10
10
6 V
10
10
10
2 V
5
5
5
RCLR high (inactive) before SRCLK
4.5 V
5
5
5
6 V
5
5
5
2 V
5
5
5
th
Hold time, SER after SRCLK
4.5 V
5
5
5
ns
6 V
5
5
5
† This setup time ensures the output register sees stable data from the shift-register outputs. The clocks may be tied together, in which case the
output register is one clock pulse behind the shift register.
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.


Similar Part No. - SN74HC594

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HC594D TI1-SN74HC594D Datasheet
946Kb / 18P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN74HC594D TI1-SN74HC594D Datasheet
1Mb / 26P
[Old version datasheet]   8-Bit Shift Registers With Output Registers
logo
Burr-Brown (TI)
SN74HC594D BURR-BROWN-SN74HC594D Datasheet
285Kb / 13P
   EVALUATION FIXTURE
logo
Texas Instruments
SN74HC594DE4 TI1-SN74HC594DE4 Datasheet
946Kb / 18P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN74HC594DE4 TI1-SN74HC594DE4 Datasheet
1Mb / 26P
[Old version datasheet]   8-Bit Shift Registers With Output Registers
More results

Similar Description - SN74HC594

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LV594A TI-SN54LV594A_10 Datasheet
639Kb / 20P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54LV594A TI-SN54LV594A_08 Datasheet
522Kb / 19P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54LV594A TI1-SN54LV594A_15 Datasheet
1Mb / 28P
[Old version datasheet]   8-Bit Shift Registers With Output Registers
SN54AHCT594 TI-SN54AHCT594_00 Datasheet
130Kb / 8P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54AHC594 TI1-SN54AHC594_15 Datasheet
1Mb / 27P
[Old version datasheet]   8-Bit Shift Registers With Output Registers
SN54AHCT594 TI-SN54AHCT594_08 Datasheet
701Kb / 19P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54AHCT594 TI-SN54AHCT594 Datasheet
270Kb / 14P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54LV594A TI-SN54LV594A_07 Datasheet
437Kb / 20P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54LV594A TI-SN54LV594A Datasheet
185Kb / 11P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54AHC594 TI-SN54AHC594 Datasheet
443Kb / 17P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com