Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SK14LL Datasheet(PDF) 4 Page - SeCoS Halbleitertechnologie GmbH

Part # SK14LL
Description  1.0AMP Surface Mount Schottky Barrier Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SK14LL Datasheet(HTML) 4 Page - SeCoS Halbleitertechnologie GmbH

  SK14LL Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SK14LL Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SK14LL Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SK14LL Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Any changing of specification will not be informed individual
SK12L ~ SK14SL
VOLTAGE 20V ~ 40V
Low VF Types
1.0AMP Surface Mount Schottky Barrier Rectifiers
0
100
200
300
400
500
600
FORWARD VOLTAGE (MILLIVOLTS)
FORWARDCURRENT
(MILLIAMPERES)
o
Tj=100 C
o
Tj=25 C
FIG. 9 (For SK14LL)
0
100
200
300
400
500
600
FORWARD VOLTAGE (MILLIVOLTS)
FORWARDCURRENT
(MILLIAMPERES)
o
Tj=100 C
o
Tj=25 C
FIG. 10 (For SK14SL)
TYPICAL FORWARD
CHARACTERISTICS
TYPICAL FORWARD
CHARACTERISTICS
http://www.SeCoSGmbH.com
Elektronische Bauelemente
01-Jun-200
6 Rev. B
Page 4 of 4


Similar Part No. - SK14LL

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SK14 MCC-SK14 Datasheet
275Kb / 5P
   NOT RECOMMENDED FOR NEW DESIGNS
logo
Mospec Semiconductor
SK14 MOSPEC-SK14 Datasheet
228Kb / 3P
   SCHOTTKY BARRIER RECTIFIERS(1.0A,20-60V)
logo
Diode Semiconductor Kor...
SK14 DSK-SK14 Datasheet
168Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Won-Top Electronics
SK14 WTE-SK14 Datasheet
45Kb / 4P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Shenzhen Yixinwei Techn...
SK14 YIXIN-SK14 Datasheet
119Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SK14LL

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
LL5817 TSC-LL5817_1 Datasheet
273Kb / 2P
   1.0AMP. Surface Mount Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
SM120B SECOS-SM120B Datasheet
155Kb / 2P
   1.0AMP Surface Mount Schottky Barrier Rectifiers
SK12BL SECOS-SK12BL Datasheet
880Kb / 2P
   1.0AMP Surface Mount Schottky Barrier Rectifiers
logo
Shenzhen Luguang Electr...
LL5817 LUGUANG-LL5817 Datasheet
233Kb / 2P
   1.0AMP. Surface Mount Schottky Barrier Rectifiers
LSR102 LUGUANG-LSR102 Datasheet
234Kb / 2P
   1.0AMP. Surface Mount Schottky Barrier Rectifiers
logo
Taiwan Semiconductor Co...
LL5817 TSC-LL5817_10 Datasheet
433Kb / 2P
   1.0AMP. Surface Mount Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
SM120S SECOS-SM120S Datasheet
119Kb / 2P
   1.0AMP Surface Mount Schottky Barrier Rectifiers
SM120B SECOS-SM120B_15 Datasheet
156Kb / 2P
   1.0AMP Surface Mount Schottky Barrier Rectifiers
SK12AL SECOS-SK12AL Datasheet
604Kb / 2P
   1.0AMP Surface Mount Schottky Barrier Rectifiers
SK12L SECOS-SK12L_15 Datasheet
156Kb / 4P
   1.0AMP Surface Mount Schottky Barrier Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com