Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FP0115CAC1DC-C3 Datasheet(PDF) 3 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # FP0115CAC1DC-C3
Description  Contactless Pushbuttons
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

FP0115CAC1DC-C3 Datasheet(HTML) 3 Page - Nihon Kaiheiki Industry Co. Ltd.

  FP0115CAC1DC-C3 Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. FP0115CAC1DC-C3 Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. FP0115CAC1DC-C3 Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. FP0115CAC1DC-C3 Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. FP0115CAC1DC-C3 Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
03-07
Contactless Pushbuttons
Series FP01
Actuator Up
Actuator Down
Status of Photo Interrupter:
Unshaded
Shaded
Collector Current I
C:
0.8mA minimum
10µA maximum
Status of Photo Transistor:
On
Off
Output Condition of Photo Transistor:
I
F = 20mA & VCE = 5V
SWITCH SPECIFICATIONS
Total Travel:
.079” (2.0mm)
Operating Force:
0.75 N (.169 lbf)
Mechanical Life:
3,000,000 operations minimum
Operating Temperature Range:
–25°C through +50°C (–13°F through +122°F)
MECHANICAL SPECIFICATIONS
Actuator:
Polyacetal
Housing:
Polyamide
MATERIALS
Actuator Position
Photo Interrupter
Schematics
Model
Normal
Down
Unshaded
Shaded
LED connector pins are 5 & 6;
interrupter connector pins are
3-4 & 1-2.
FP0115
Single
Photo
Transistor
When shaded, the photo transistor momentarily activates
electrical function which signals the external device to
change its state.
ACTUATOR & INTERRUPTER
HOUSING SHAPE & COLOR
INTERNAL RECEPTACLE
C
Round Shape
Black Housing
A
Internal male connector socket
Receptacle
C1
6 5 4 3 2 1
1
5
6
5
4
3
2
1
Normally Unshaded with
Momentary Shaded status


Similar Part No. - FP0115CAC1DC-C3

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
FP0115CAC1DC-C3 NKK-FP0115CAC1DC-C3 Datasheet
186Kb / 4P
   Contactless Pushbuttons
logo
List of Unclassifed Man...
FP0115CAC1DC-C3 ETC2-FP0115CAC1DC-C3 Datasheet
347Kb / 4P
   Distinctive Characteristics
logo
Nihon Kaiheiki Industry...
FP0115CAC1DC-C3 NKK-FP0115CAC1DC-C3 Datasheet
176Kb / 4P
   Distinctive Characteristics
More results

Similar Description - FP0115CAC1DC-C3

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
FP0115CAC1BC NKK-FP0115CAC1BC_10 Datasheet
186Kb / 4P
   Contactless Pushbuttons
logo
C&K Components
1.15108.4510000 CK-COMPONENTS-1.15108.4510000 Datasheet
1Mb / 83P
   Pushbuttons
logo
List of Unclassifed Man...
HB15SKW01-6G-JB ETC2-HB15SKW01-6G-JB Datasheet
379Kb / 6P
   Subminiature Pushbuttons
logo
Nihon Kaiheiki Industry...
MB2011SS1W NKK-MB2011SS1W Datasheet
238Kb / 8P
   Miniature Pushbuttons
logo
List of Unclassifed Man...
KB15CKW01-12-FF ETC2-KB15CKW01-12-FF Datasheet
725Kb / 13P
   Miniature Pushbuttons
logo
Nihon Kaiheiki Industry...
MB2011SB1W01 NKK-MB2011SB1W01 Datasheet
333Kb / 11P
   Miniature Pushbuttons
HB15SKW01-A NKK-HB15SKW01-A Datasheet
133Kb / 4P
   Subminiature Pushbuttons
KB15SKW01 NKK-KB15SKW01 Datasheet
400Kb / 10P
   Miniature Pushbuttons
HB15SKW01-5C-AB NKK-HB15SKW01-5C-AB Datasheet
182Kb / 6P
   Subminiature Pushbuttons
HB15SKW01-5C-AB NKK-HB15SKW01-5C-AB_10 Datasheet
163Kb / 6P
   Subminiature Pushbuttons
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com