Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BB16AV-FC Datasheet(PDF) 1 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # BB16AV-FC
Description  Process Sealed Subminiature Antistatic Pushbuttons
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

BB16AV-FC Datasheet(HTML) 1 Page - Nihon Kaiheiki Industry Co. Ltd.

  BB16AV-FC Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. BB16AV-FC Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. BB16AV-FC Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. BB16AV-FC Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. BB16AV-FC Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. BB16AV-FC Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
03-07
Process Sealed Subminiature Antistatic Pushbuttons
Series BB
Distinctive Characteristics
Subminiature size (1/3 size of Series M switches) saves space on PC boards.
Specifically developed for logic-level applications.
Available in momentary and maintained circuits.
Industry’s smallest alternate action (maintained)
pushbutton with latchdown feature providing
visible, audible, and tactile feedback.
Antistatic superstructure, consisting of the carbon
impregnated bushing and the support bracket,
prevents static discharge to the contacts. Static
electricity from an operator’s touch travels from
the actuator through the bushing and bracket to
the PC board.
Award-winning STC contact mechanism with
benefits unavailable in conventional mechanisms:
smoother, positive detent actuation, increased
contact stability and unparalleled logic-level
reliability. (Additional STC details in Terms &
Acronyms; see Supplement section.)
Smooth, 6mm diameter bushing simplifies panel layout.
Totally sealed body construction prevents contact contamination
and allows time- and money-saving soldering and cleaning.
.100” x .100” (2.54mm x 2.54mm) terminal spacing conforms to standard
PC board grids.
Actual Size


Similar Part No. - BB16AV-FC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BB16AV-FC ETC1-BB16AV-FC Datasheet
1Mb / 6P
   MOMENTARY & ALTERNATE/ANTISTATIC/WASHABLE
More results

Similar Description - BB16AV-FC

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
B12AP NKK-B12AP Datasheet
299Kb / 8P
   Process Sealed Subminiature Antistatic Toggles
AB11AP-FA NKK-AB11AP-FA Datasheet
241Kb / 6P
   Process Sealed Subminiature Pushbuttons
SK13AEG13 NKK-SK13AEG13 Datasheet
137Kb / 4P
   Antistatic Process Sealed Keylocks
M2B15AA5W03-F NKK-M2B15AA5W03-F Datasheet
231Kb / 7P
   Process Sealed Miniature Pushbuttons
logo
GREATECS
SK13AEG13 GREATECS-SK13AEG13 Datasheet
758Kb / 1P
   Antistatic Process Sealed Keylock Switches
logo
List of Unclassifed Man...
M2B15AA5G30-FC ETC2-M2B15AA5G30-FC Datasheet
191Kb / 7P
   Process Sealed Miniature Pushbuttons
GB15AP ETC2-GB15AP Datasheet
125Kb / 4P
   Process Sealed Ultra-Miniature Pushbuttons
GB15AH-XC ETC2-GB15AH-XC Datasheet
125Kb / 4P
   Process Sealed Ultra-Miniature Pushbuttons
logo
Nihon Kaiheiki Industry...
GB15AP-XA NKK-GB15AP-XA Datasheet
144Kb / 5P
   Process Sealed Ultra-Miniature Pushbuttons
G3B15AP-XA NKK-G3B15AP-XA Datasheet
233Kb / 6P
   Ultra-Miniature Process Sealed SMT Pushbuttons
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com