Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SJ1084 Datasheet(PDF) 3 Page - SeCoS Halbleitertechnologie GmbH

Part # SJ1084
Description  Adjustable or Fixed-Mode Regulator
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SJ1084 Datasheet(HTML) 3 Page - SeCoS Halbleitertechnologie GmbH

  SJ1084 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SJ1084 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SJ1084 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SJ1084 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
01-Jun-2002 Rev. A
Page
3 of 4
h tp://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
Elektronische Bauelemente
Functional Description
Introduction
The SJ1084 adjustable Low Dropout (LDO) regulator is a 3 terminal device that can easily be programmed with the
addition of two external resistors to any voltages within the range of 1.25V to 2.5V. The SJ1084 only needs 1.5V differential
between Vin and Vout to maintain output regulation, the output voltage tolerances are also extremely tight and they include
the transient response as port of the specification. For example, Intel VRE specification calls for a total of +/-100mV
including initial tolerance, load regulation and 0 to 5.0A load step. The SJ1084 is specifically designed to meet the fast
current transient needs as well as providing an accurate initial voltage, reducing the overall system cost with the need for
fewer output capacitors.
Output Voltage Setting
The SJ1084 can be programmed to any voltages in the range of 1.25V to 5V with the addition of R1 and R2 external
resistors According to the following formula:
The SJ1084 keeps a constant 1.25V between the output pin and the adjust pin. By placing a resistor R1 across these two
pins a constant current flows through R1, adding to the Iadj current requirement of the GJ1084 is 10mA, R1 is typically
selected to be 121 resistor so that It automatically satisfies the minimum current requirement .Notice that since Iadj is
typically in the range of 55uA it only adds a small error to the output voltage and should only be considered when a very
precise output voltage setting is required. For example, in a typical 3.3V application where R1=121 and R2=200 the
error due to Iadj is only 0.3% of the nominal set point.
Load Regulation
Since the SJ1084 is only a 3 terminal device, it is not possible to provide true remote sensing of the output voltage at the
load.
The best load Regulation is achieved when the bottom side of R2 is connected to the load and the top-side of R1 resistor is
connected directly to the case or the Vout pin of the regulator and not to the load. It is important to note that for high current
applications, this can re-present a significant percentage of the overall load regulation and one must keep the path from the
regulator to the load as short as possible to minimize this effect.
Stability
The SJ1084 requires the use of an output capacitor as part of the frequency compensation in order to make the regulator
stable. For most applications a minimum of 10uF aluminum electrolytic capacitor insures both stability and good transient
response.
Thermal Design
The SJ1084 incorporates an internal shutdown that protects the device when the junction temperature exceeds the
maximum allowable junction temperatures. Although this device can operate with junction temperatures in the range of
150 ,
:::: it is recommended that the selected heat sink be chosen such that during maximum continuous load operation the
junction temperature is kept below the temperature.
Layout Consideration
The output capacitors must be located as close to the Vout terminal of the device as possible .It is recommended to use a
section of a layer of the PC board as a plane to connect the Vout pin to the output capacitors to prevent any high frequency
oscillation that may result due to excessive trace inductance.
SJ1084ADJ
SJ1084
5A Low Dropout Positive
Adjustable or Fixed-Mode Regulator


Similar Part No. - SJ1084

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
SJ108178 JAE-SJ108178 Datasheet
259Kb / 1P
   FF084A1
logo
SeCoS Halbleitertechnol...
SJ1085 SECOS-SJ1085 Datasheet
569Kb / 4P
   Adjustable or Fixed-Mode Regulator
SJ1086 SECOS-SJ1086 Datasheet
593Kb / 4P
   Adjustable or Fixed-Mode Regulator
More results

Similar Description - SJ1084

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SM1117A SECOS-SM1117A Datasheet
569Kb / 4P
   Adjustable or Fixed-Mode Regulator
SE1086 SECOS-SE1086 Datasheet
564Kb / 4P
   Adjustable or Fixed-Mode Regulator
SL1117A SECOS-SL1117A Datasheet
595Kb / 4P
   Adjustable or Fixed-Mode Regulator
SL1118 SECOS-SL1118 Datasheet
601Kb / 4P
   Adjustable or Fixed-Mode Regulator
SU1086 SECOS-SU1086 Datasheet
605Kb / 4P
   Adjustable or Fixed-Mode Regulator
SU1117A SECOS-SU1117A Datasheet
621Kb / 4P
   Adjustable or Fixed-Mode Regulator
SJ1116 SECOS-SJ1116 Datasheet
571Kb / 4P
   Adjustable or Fixed-Mode Regulator
SL1117A SECOS-SL1117A_11 Datasheet
452Kb / 4P
   Adjustable or Fixed-Mode Regulator
SU1085 SECOS-SU1085 Datasheet
631Kb / 4P
   Adjustable or Fixed-Mode Regulator
SJ1086 SECOS-SJ1086 Datasheet
593Kb / 4P
   Adjustable or Fixed-Mode Regulator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com