Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A11E Datasheet(PDF) 1 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # A11E
Description  Process Sealed Subminiature Toggles
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

A11E Datasheet(HTML) 1 Page - Nihon Kaiheiki Industry Co. Ltd.

  A11E Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. A11E Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. A11E Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. A11E Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. A11E Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. A11E Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. A11E Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Process Sealed Subminiature Toggles
Series A
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
03-07
Distinctive Characteristics
Subminiature size saves space on PC boards.
Specifically developed for logic-level applications.
Totally sealed body construction prevents contact contamination
and allows time- and money-saving automated soldering and
cleaning.
Award-winning STC contact mechanism with
benefits unavailable in conventional mechanisms:
smoother, positive detent actuation, increased
contact stability and unparalleled logic-level
reliability. (Additional STC details in Terms &
Acronyms; see Supplement contents.)
Molded-in, epoxy sealed or ultrasonically
welded terminals lock out flux, solvents,
and other contaminants.
.100” x .100” (2.54mm x 2.54mm) terminal
spacing conforms to standard PC board grid
spacing.
Toggle option in antistatic material available for
dissipating electrostatic discharges.
Matching indicators available and shown at the end of Section M.
Actual Size


Similar Part No. - A11E

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
A11EB-GA NKK-A11EB-GA Datasheet
245Kb / 7P
   General Specifications
A11EB-JA NKK-A11EB-JA Datasheet
245Kb / 7P
   General Specifications
A11EB1-GA NKK-A11EB1-GA Datasheet
245Kb / 7P
   General Specifications
A11EB1-JA NKK-A11EB1-JA Datasheet
245Kb / 7P
   General Specifications
logo
EMP-Centauri s.r.o.
A11ECS-1 EMP-CENTAURI-A11ECS-1 Datasheet
437Kb / 1P
   Amplifier 1in / 1out
More results

Similar Description - A11E

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A18AV ETC2-A18AV Datasheet
980Kb / 8P
   Process Sealed Subminiature Toggles
A18EP ETC2-A18EP Datasheet
980Kb / 8P
   Process Sealed Subminiature Toggles
A22JB ETC2-A22JB Datasheet
213Kb / 7P
   Process Sealed Subminiature Toggles
A12EH ETC2-A12EH Datasheet
980Kb / 8P
   Process Sealed Subminiature Toggles
A2SHV ETC2-A2SHV Datasheet
213Kb / 7P
   Process Sealed Subminiature Toggles
logo
Nihon Kaiheiki Industry...
B12AP NKK-B12AP Datasheet
299Kb / 8P
   Process Sealed Subminiature Antistatic Toggles
M2T12SA5W03 NKK-M2T12SA5W03 Datasheet
219Kb / 7P
   Process Sealed Miniature Toggles
G12AP NKK-G12AP Datasheet
126Kb / 4P
   Process Sealed Ultra-Miniature Toggles
logo
List of Unclassifed Man...
G13AH ETC2-G13AH Datasheet
121Kb / 4P
   Process Sealed Ultra-Miniature Toggles
G3TOGGLES ETC2-G3TOGGLES Datasheet
618Kb / 6P
   Process Sealed Ultra-Miniature SMT Toggles
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com