Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N5914B Datasheet(PDF) 1 Page - SEMTECH ELECTRONICS LTD.

Part # 1N5914B
Description  3 W SILICON ZENER DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

1N5914B Datasheet(HTML) 1 Page - SEMTECH ELECTRONICS LTD.

  1N5914B Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. 1N5914B Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD. 1N5914B Datasheet HTML 3Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Dated :30/04/2008
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
1N5913B...1N5956B
3 W SILICON ZENER DIODES
Absolute Maximum Ratings (Ta = 25 OC)
Parameter
Symbol
Value
Unit
Maximum Steady State Power Dissipation
at TL = 75 OC, Lead Length = 3/8"
Ptot
3
W
Junction Temperature
Tj
175
O
C
Storage Temperature Range
TS
- 65 to + 175
O
C
Characteristics at Ta = 25 OC
Parameter
Symbol
Max.
Unit
Forward Voltage
at IF = 200 mA
VF
1.5
V
Max. 4.2
Max. 2.8
Glass Case DO-41
Max. 0.7
Min. 25.4
Min. 25.4
XXX
Cathode Band
Part No.
ST
"ST" Brand
Dimensions in mm
Black
Black
Black


Similar Part No. - 1N5914B

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
1N5914B JGD-1N5914B Datasheet
157Kb / 2P
   1.5W SILICON ZENER DIODE
logo
SUNMATE electronic Co.,...
1N5914B SUNMATE-1N5914B Datasheet
346Kb / 2P
   1.5 Watts Axial Leaded Zener Diodes
logo
Microsemi Corporation
1N5914B MICROSEMI-1N5914B Datasheet
89Kb / 3P
   SILICON 1.5 WATT ZENER DIODES
logo
Inchange Semiconductor ...
1N5914B ISC-1N5914B Datasheet
208Kb / 1P
   Axial-Leaded 1.5 Watt diodes
logo
Central Semiconductor C...
1N5914B CENTRAL-1N5914B Datasheet
53Kb / 1P
   ZENER DIODES
More results

Similar Description - 1N5914B

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
1EZ110D5 MCC-1EZ110D5_16 Datasheet
260Kb / 4P
   1.0 W Silicon Zener Diodes Zener Diodes
logo
SEMTECH ELECTRONICS LTD...
1N5335B SEMTECH_ELEC-1N5335B Datasheet
312Kb / 3P
   5 W SILICON ZENER DIODES
logo
Microsemi Corporation
3EZ39D5 MICROSEMI-3EZ39D5 Datasheet
69Kb / 2P
   SILICON 3 WATT ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
SMB5342 SEMTECH_ELEC-SMB5342 Datasheet
162Kb / 2P
   5 W SURFACE MOUNT SILICON ZENER DIODES
logo
List of Unclassifed Man...
BZY97C10 ETC1-BZY97C10 Datasheet
74Kb / 5P
   1.5 W Zener Diodes
logo
Central Semiconductor C...
CPZ25 CENTRAL-CPZ25 Datasheet
61Kb / 1P
   Zener Diodes 1.5 W Zener Diode Chip
logo
EIC discrete Semiconduc...
BZX55C2V4 EIC-BZX55C2V4 Datasheet
28Kb / 2P
   SILICON ZENER DIODES
logo
Central Semiconductor C...
CMPZDC2V4 CENTRAL-CMPZDC2V4_15 Datasheet
395Kb / 2P
   SILICON ZENER DIODES
logo
EIC discrete Semiconduc...
2EZ100D10 EIC-2EZ100D10_07 Datasheet
96Kb / 3P
   SILICON ZENER DIODES
logo
Pan Jit International I...
1SMB3EZ6.8 PANJIT-1SMB3EZ6.8 Datasheet
305Kb / 4P
   SILICON ZENER DIODES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com