Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF32 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SF32
Description  3.0AMP Super Fast Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SF32 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SF32 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SF32 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Any changing of specification will not be informed individual
SF31 THRU SF35
VOLTAGE 50V ~ 600V
3.0AMP Super Fast Rectifiers
http://www.SeCoSGmbH.com
Elektronische Bauelemente
FEATURES
MECHANICAL DATA
* Low forward voltage drop
* High current capability
* High reliability
* High surge current capability
* Case: Molded plastic
* Epoxy: UL 94V-0 rate flame retardant
* Lead: Axial leads, solderable per MIL-STD-202,
method 208 guranteed
* Polarity: Color band denotes cathode end
* Mounting position: Any
* Weight: 1.10 grams
* Good for switching mode application
DO-27
Dimensions in inches and (millimeters)
1.0(25.4)
MIN.
1.0(25.4)
MIN.
.375(9.5)
.285(7.2)
.052(1.3)
.048(1.2)
DIA.
.220(5.6)
.197(5.0)
DIA.
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
SF31
SF32
SF33
SF34
SF35
UNITS
3.0
50
35
50
100
70
100
200
105
200
400
140
400
600
210
600
75
50
50
-65 ~ +150
A
A
pF
C
V
V
V
5.0
50
V
nS
0.95
1.30
1.70
35
50
A
A
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
.375"(9.5mm) Lead Length at Ta=55 C
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Maximum Instantaneous Forward Voltage at 3.0A
Maximum DC Reverse Current
Ta=25 C
at Rated DC Blocking Voltage
Ta=100 C
Maximum Reverse Recovery Time (Note 1)
Typical Junction Capacitance (Note 2)
Operating and Storage Temperature Range TJ, TSTG
Rating 25 C ambient temperature unless otherwies specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
NOTES:
1. Reverse Recovery Time test condition: IF=0.5A, IR=1.0A, IRR=0.25A
2. Measured at 1MHz and applied reverse voltage of 4.0V D.C
01-Jun-2007 Rev. C
Page 1 of 2
RoHS Compliant Product
A suffix of "-C" specifies halogen-free


Similar Part No. - SF32

ManufacturerPart #DatasheetDescription
logo
Diotech Company.
SF32 DIOTECH-SF32 Datasheet
678Kb / 2P
   SUPER FAST RECOVERY SILICON RECTIFIER
logo
Mospec Semiconductor
SF32 MOSPEC-SF32 Datasheet
131Kb / 2P
   POWER RECTIFIERS(3.0A,50-400V)
logo
SAMYANG ELECTRONICS CO....
SF32 SAMYANG-SF32 Datasheet
1Mb / 2P
   SUPER FAST RECTIFIERS
logo
Rugao Dachang Electroni...
SF32 DACHANG-SF32 Datasheet
121Kb / 2P
   Plastic Super Fast Recover Rectifier
logo
Leshan Radio Company
SF32 LRC-SF32 Datasheet
59Kb / 2P
   SUPER FAST DIODES
More results

Similar Description - SF32

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
SF31G CYSTEKEC-SF31G Datasheet
263Kb / 3P
   3.0Amp. Glass Passivated Super Fast Rectifiers
logo
Shenzhen Luguang Electr...
ES3MB LUGUANG-ES3MB Datasheet
1Mb / 2P
   3.0AMP Glass Passivated Super Fast Rectifiers
logo
SeCoS Halbleitertechnol...
SUF301B SECOS-SUF301B Datasheet
219Kb / 2P
   3.0AMP Surface Mount Super Fast Recovery Rectifiers
SUF301C SECOS-SUF301C Datasheet
233Kb / 2P
   3.0AMP Surface Mount Super Fast Recovery Rectifiers
logo
Tak Cheong Electronics ...
FR301 TAK_CHEONG-FR301 Datasheet
103Kb / 2P
   3.0AMP. Fast Recovery Rectifiers
logo
SeCoS Halbleitertechnol...
FR301 SECOS-FR301 Datasheet
95Kb / 2P
   3.0AMP Fast Recovery Rectifiers
logo
First Silicon Co., Ltd
SF31 FS-SF31 Datasheet
496Kb / 2P
   Super Fast Rectifiers Reverse Voltage 50V~600V, Forward Current 3.0Amp
logo
Shanghai Lunsure Electr...
SF31 CHENYI-SF31 Datasheet
90Kb / 3P
   3.0Amp super fast rectifier 50to600 volts
logo
Formosa MS
FR301G FORMOSA-FR301G Datasheet
35Kb / 2P
   3.0AMP GLASS PASSIVATED FAST RECOVERY RECTIFIERS
logo
Bytes
FR301G BYTES-FR301G Datasheet
153Kb / 2P
   3.0AMP GLASS PASSIVATED FAST RECOVERY RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com