Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SEF206A Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SEF206A
Description  2.0AMP High Efficiency Recovery Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SEF206A Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SEF206A Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SEF206A Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Any changing of specification will not be informed individual
SEF201A THRU SEF206A
VOLTAGE 50V ~ 800V
2.0AMP High Efficiency Recovery Rectifiers
0.1
1.0
.01
10
50
RATING AND CHARACTERISTIC CURVES (S
EF201A THRU SEF206A)
FIG.1-TYPICAL FORWARD
CHARACTERISTICS
FIG.2-TYPICAL FORWARD CURRENT DERATING CURVE
FIG.5-TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE,(V)
FORWARD VOLTAGE,(V)
Pulse Width 300us
1% Duty Cycle
0.
4
0.
8
1.2
1.6
2.0
2.4
35
30
25
20
15
10
5
0
(+)
(+)
25Vdc
(approx.)
( )
( )
PULSE
GENERATOR
(NOTE 2)
OSCILLISCOPE
(NOTE 1)
1
NON-
INDUCTIVE
W
NOTES: 1. Rise Time= 7ns max., Input Impedance= 1 megohm.22pF.
2. Rise Time= 10ns max., Source Impedance= 50 ohms.
+0.5A
0
-0.25A
-1.0A
|
|
|
|
|
|
|
|
1cm
SET TIME BASE FOR
50 / 10ns / cm
trr
.01
.05
.1
.5
1
5
10
50
100
D.U.T.
.6
.
9
1.
1 1.4 1.7 2.0 2.3 2.6
3.0
AMBIENT TEMPERATURE ( C)
FIG.3- TEST CIRCUIT DIAGRAM AND REVERSE
RECOVERY TIME CHARACTERISTICS
10
NONINDUCTIVE
50
NONINDUCTIVE
W
W
Tj=25 C
FIG.4-MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
10
0
20
30
40
50
NUMBER OF CYCLES AT 60Hz
1
10
5
50
100
Tj=25 C
8.3ms Single Half
Sine Wave
JEDEC method
Single Phase
Half Wave 60Hz
Resistive Or Inductive Load
0
20
40
60
80
100
120
140
160
180
200
0
http://www.SeCoSGmbH.com
Elektronische Bauelemente
SEF206A
SEF201A~SEF203A
SEF204A
SEF205A
01-Jun-200
6 Rev. B
Page
2 of 2


Similar Part No. - SEF206A

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SEF206A SECOS-SEF206A Datasheet
314Kb / 2P
   2.5AMP High Efficiency Recovery Rectifiers
SEF206AM SECOS-SEF206AM Datasheet
169Kb / 2P
   Voltage 50 ~ 1000 V 2.0 Amp High Efficiency Recovery Rectifiers
More results

Similar Description - SEF206A

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SEF201B SECOS-SEF201B Datasheet
210Kb / 2P
   2.0AMP High Efficiency Recovery Rectifiers
FR201 SECOS-FR201 Datasheet
186Kb / 2P
   2.0AMP Fast Recovery Rectifiers
logo
Tak Cheong Electronics ...
FR201 TAK_CHEONG-FR201 Datasheet
103Kb / 2P
   2.0AMP. Fast Recovery Rectifiers
logo
Shenzhen Luguang Electr...
FR201 LUGUANG-FR201 Datasheet
1Mb / 2P
   2.0AMP. Fast Recovery Rectifiers
logo
SeCoS Halbleitertechnol...
ES21B SECOS-ES21B Datasheet
331Kb / 2P
   2.0Amp Super Fast Recovery Rectifiers
ES21B SECOS-ES21B_15 Datasheet
331Kb / 2P
   2.0Amp Super Fast Recovery Rectifiers
logo
Shenzhen Luguang Electr...
SFR201 LUGUANG-SFR201 Datasheet
1Mb / 2P
   2.0AMP. Soft Fast Recovery Rectifiers
logo
SeCoS Halbleitertechnol...
ES25A SECOS-ES25A Datasheet
200Kb / 2P
   High Efficiency Recovery Rectifiers
ES14A SECOS-ES14A Datasheet
271Kb / 2P
   High Efficiency Recovery Rectifiers
ES25A SECOS-ES25A_15 Datasheet
200Kb / 2P
   High Efficiency Recovery Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com