Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SD103AX Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SD103AX
Description  Schottky Plastic-Encapsulated Diode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SD103AX Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SD103AX Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SD103AX Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Elektronische Bauelemente
SD103AX
VOLTAGE 40 V, 350 mA
Schottky Plastic-Encapsulated Diode
01-June-2002 Rev. A
Page 2 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RATINGS AND CHARACTERISTIC CURVES


Similar Part No. - SD103AX

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
SD103AX BILIN-SD103AX Datasheet
198Kb / 3P
   Schottky Barrier Diode
logo
DONGGUAN YOU FENG WEI E...
SD103AX YFWDIODE-SD103AX Datasheet
574Kb / 3P
   Schottky Barrier Diode
logo
Micro Commercial Compon...
SD103AX MCC-SD103AX Datasheet
297Kb / 3P
   200mW Small Signal Schottky Diode 40 Volts
logo
SHIKUES Electronics
SD103AX SKTECHNOLGY-SD103AX Datasheet
542Kb / 3P
   Schottky Barrier Diode
logo
Shenzhen Jin Yu Semicon...
SD103AX HTSEMI-SD103AX Datasheet
3Mb / 1P
   SCHOTTKY BARRIER DIODE
More results

Similar Description - SD103AX

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
BAV23 SECOS-BAV23_15 Datasheet
399Kb / 2P
   Plastic Encapsulated Schottky Diode
SD103AX SECOS-SD103AX_15 Datasheet
178Kb / 2P
   Schottky Plastic-Encapsulated Diode
BAV23 SECOS-BAV23 Datasheet
393Kb / 2P
   Plastic Encapsulated Schottky Diode
SD103AX SECOS-SD103AX_12 Datasheet
167Kb / 2P
   40V , 0.35A Schottky Plastic-Encapsulated Diode
logo
TRANSYS Electronics Lim...
BAW56DW TEL-BAW56DW Datasheet
117Kb / 2P
   Plastic-Encapsulated Diode
logo
SeCoS Halbleitertechnol...
MMBD4148T SECOS-MMBD4148T_15 Datasheet
241Kb / 2P
   Plastic-Encapsulated Diode
logo
TRANSYS Electronics Lim...
BZX84C2V4W TEL-BZX84C2V4W Datasheet
104Kb / 1P
   Plastic-Encapsulated DIODE
1SS370 TEL-1SS370 Datasheet
61Kb / 1P
   Plastic-Encapsulated Diode
BAS19W TEL-BAS19W Datasheet
62Kb / 1P
   Plastic-Encapsulated Diode
MMBD4148W TEL-MMBD4148W Datasheet
60Kb / 1P
   Plastic-Encapsulated Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com