Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SD103B Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SD103B
Description  0.35AMP Schottky Barrier Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SD103B Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SD103B Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SD103B Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Elektronische Bauelemente
SD103A THRU SD103C
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
1.0
10
100
1000
0.10
0.01
0
0.5
1.0
V , FORWARD VOLTAGE (V)
Fig. 1 Typical Forward Characteristics
F
0
1
2
3
4
5
0
0.5
1.0
1.5
V , FORWARD VOLTAGE (V)
Fig.2 Typical High Current Fwd Characteristics
F
t = 300 s
duty cycle = 2%
p
µ
0
10
20
30
40
50
0
100
200
T , AMBIENT TEMPERATURE ( C)
Fig. 3 Blocking Voltage Derating Curves
A
°
100mA
200mA
I = 400mA
F
0.1
1.0
100
20
30
40
V , REVERSE VOLTAGE (V)
Fig.4Typ. Junction Capacitance vs Reverse Voltage
R
10
10
0
01-Jun-2002 Rev. A
Page 2 of 2
VOLTAGE 20V ~ 40V
0.35AMP Schottky Barrier Rectifiers


Similar Part No. - SD103B

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SD103B SEMTECH-SD103B Datasheet
194Kb / 3P
   Silicon Schottky Barrier Diodes for general purpose applications?
logo
Vishay Siliconix
SD103B VISHAY-SD103B Datasheet
109Kb / 5P
   Small Signal Schottky Diodes
Rev. 1.5, 28-Feb-07
logo
SHENZHEN YONGERJIA INDU...
SD103B WINNERJOIN-SD103B Datasheet
136Kb / 4P
   Schottky Barrier Diode
logo
Diodes Incorporated
SD103B DIODES-SD103B Datasheet
66Kb / 3P
   SCHOTTKY BARRIER DIODE
DS11009 Rev. 11 - 2
logo
SEMTECH ELECTRONICS LTD...
SD103B SEMTECH_ELEC-SD103B Datasheet
121Kb / 2P
   SILICON SCHOTTKY BARRIER DIODES
More results

Similar Description - SD103B

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SMD103A SECOS-SMD103A Datasheet
1Mb / 2P
   0.35AMP Schottky Barrier Rectifiers
SD103AW SECOS-SD103AW_15 Datasheet
309Kb / 2P
   0.35AMP Surface Mount Schottky Barrier Rectifiers
SD103AW SECOS-SD103AW Datasheet
308Kb / 2P
   0.35AMP Surface Mount Schottky Barrier Rectifiers
SCS157V SECOS-SCS157V Datasheet
706Kb / 2P
   0.35Amp 40V Low Vf Schottky Barrier Rectifiers
SD103AWS SECOS-SD103AWS Datasheet
370Kb / 2P
   0.35AMP Surf ace Mount Schottky Barrier Rectifiers
SD103AWS SECOS-SD103AWS_15 Datasheet
371Kb / 2P
   0.35AMP Surf ace Mount Schottky Barrier Rectifiers
logo
Leshan Radio Company
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
SB220 LRC-SB220 Datasheet
262Kb / 7P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
logo
Diotec Semiconductor
SBT1020 DIOTEC-SBT1020 Datasheet
378Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS, SCHOTTKY BARRIER GLEICHRICHTER
logo
Shenzhen Ping Sheng Ele...
15SQ030 PFS-15SQ030 Datasheet
269Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com