Electronic Components Datasheet Search |
|
VST-20X20-FU1 Datasheet(PDF) 2 Page - JDS Uniphase Corporation |
|
VST-20X20-FU1 Datasheet(HTML) 2 Page - JDS Uniphase Corporation |
2 / 2 page Copyright © 2007 Polatis Inc. All rights reserved. All information in this document is provided for informational purposes only and is subject to change without notice. Polatis Inc. assumes no liability for actions taken based on information contained herein. The performance characteristics of the switch trays vary according to the fiber count and the selected VOA and OPM options. perForMance speciFications Fiber count Designator i K -100,-300,-400 -200,-500 -100,-300,-400 -200,-500 Input& Input& OutputMonitor OutputMonitor OutputMonitor OutputMonitor orAbsoluteVOA orRelativeVOA orAbsoluteVOA orRelativeVOA InsertionLoss@1550nm1 <1.2dB <1.3dB <1.6dB <1.7dB PolarizationDependentLoss @0dBattenuation <0.1dB <0.1dB <0.15dB <0.15dB Crosstalk <-70dB <-60dB OperatingWavelengthRange5 1260-1625nm WavelengthDependentLoss <0.3dB(C+LBand) Repeatability6 <±0.05dB ReturnLoss2 >55dB SwitchingTime <17ms MaximumOpticalPower3 +24dBm SwitchLifetime 108cycles OperatingTemp(Normal) +10°to+40°C,<85%RHnon-condensing OperatingTemp(Extended) -5°to+55°C,<90%RHnon-condensing StorageTemp(Normal) -40°to+70°C,<40%RHnon-condensing StorageTemp(Extended) -40°to+70°C,<95%RHnon-condensing Qualification(Normal) DesignedtomeetEN60950 Qualification(Extended) DesignedtomeetTelcordiaGR63 EN60950 VOA Performance OpticalAttenuationRange7 >40dB VOAResolution <0.25dB OutputStability@0dB8 <±0.05dB OPM Performance OperatingWavelengthRange5 1290-1330nm+1450-1625nm OPMDynamicRange4 -30to+24dBm OPMAccuracy <±0.5dBm ordering information The part numbering scheme for Polatis products is as follows: Fiber Count 04 08 12 16 20 24 28 32 CC 04 I I I I K K K K - 08 I I I I K K K K K 12 I I I I K K K K K 16 I I I I K K K K K 20 K K K K K K K K K 24 K K K K K K K K K 28 K K K K K K K K K 32 K K K K K K K K K VST - x - 1-- Fibers 4-32Input 8-32Reconfigurable Fibers 4-32Output CC=Reconfigurable Connector L=LC F=FC C=SC T=ST U=MU Polish U=UPC A=APC Fiber 1=Singlemode9/125µm Interface E=Ethernet&RS232 M=Ethernet(Multisession)&RS232 G=GPIB,Ethernet&RS232 Protocol S=SCPI T=TL1 N=SNMP Power B=Battery(48V) Mainsconnectortype A=NorthAmerica/Japan E=ContinentalEurope U=UK C=China/Australia Environmental N=Normal E=Extended Customization S=Standard R=Rearpanelconnectors V=Non-standardvariant SwitchConfiguration* -100=OutputpowermonitorswithabsoluteVOA -200=Input&outputpowermonitorswithrelativeVOA -300=Outputpowermonitors -400=Inputpowermonitors -500=Input&outputpowermonitors * Reconfigurable only have options 100, 300 & 400. packaging information Fiber Count Connector Tray Power Dimensions Dissipation 8-32 LCorMU 19”rackmount 8-16 FC,SCorST 1rackunithigh 25W 17-32 FC,SCorST 19”rackmount 2rackunitshigh 33-64 All 19”rackmount 45W 3rackunitshigh All parameters are measured excluding connectors at 1550nm and 20°C with an unpolarized source after thermal equalization unless stated. 1. Measured using a 3 patch-cord method as defined in TIA/EIA-526-14A. 2. With APC connectors return loss >70dB without connectors. 3. Switch will operate on dark fiber. 4. Dynamic range for extended temperature is –20 to +24dBm. 5. Calibrated range for optical power monitors; switch operable over 1260-1625nm. 6. At zero attenuation. 7. When output power is within OPM dynamic range. 8. For stability at various levels of attenuation please contact Polatis for further details. Partially populated VOA & OPM options also available. Call for details. For More inForMation Visit our website: www.jdsu.com E-mail us: sales@jdsu.com Phone us: North American Sales: 1 866 228 3762 Latin American Sales: +55 11 5503 3800 Asia Pacific Sales: +852 2892 0990 EMEA Sales: +49 7121 86 2222 |
Similar Part No. - VST-20X20-FU1 |
|
Similar Description - VST-20X20-FU1 |