Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VST-24XCC-UU1-MS Datasheet(PDF) 2 Page - JDS Uniphase Corporation

Part # VST-24XCC-UU1-MS
Description  Reconfigurable VOA & Power Meter Switch Tray VST
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

VST-24XCC-UU1-MS Datasheet(HTML) 2 Page - JDS Uniphase Corporation

  VST-24XCC-UU1-MS Datasheet HTML 1Page - JDS Uniphase Corporation VST-24XCC-UU1-MS Datasheet HTML 2Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Copyright © 2006 Polatis Inc. All rights reserved. All information in this document is
provided for informational purposes only and is subject to change without notice.
Polatis Inc. assumes no liability for actions taken based on information contained herein.
The performance characteristics of the switch trays
vary according to the fiber count and the selected
VOA and OPM options.
Packaging Information
Ordering Information
The part numbering scheme for Polatis products is as
follows:
VST -
x C C -
1 -
-
Fibers
8-32 Reconfigurable
Fibers
CC = Reconfigurable
Connector
L = LC
F = FC
C = SC
T = ST
U = MU
Polish
U = UPC
A = APC
Fiber
1 = Single mode 9/125µm
Interface
E = Ethernet & RS232
M = Ethernet (Multisession) & RS232
G = GPIB, Ethernet & RS232
Protocol
S = SCPI
T = TL1
Power
B = Battery (48V)
Mains connector type
A = North America/Japan
E = Continental Europe
U = UK
C = China/Australia
Environmental
N = Normal
E = Extended
Customization
S = Standard
V = Non-standard Variant
Switch Configuration
-100 = Output power monitors with absolute VOA
-300 = Output power monitors
-400 = Input power monitors
For information regarding any other configurations, please contact our sales team.
Fiber Count Designator
L
Insertion Loss @ 1550nm 1
<1.7dB
Polarization Dependent Loss
@ 0 dB attenuation
<0.15dB
Crosstalk
<-60dB
Operating Wavelength Range 5
1260-1625nm
Wavelength Dependent Loss
<0.3dB (C+L band)
Repeatability
±0.05dB
Return Loss 2
>55dB
Switching Time
<17ms
Maximum Optical Power 3
+24dBm
Switch Lifetime
108 cycles
Operating Temp (Normal)
+10° to +40°C, <85% RH non-condensing
Operating Temp (Extended)
- 5° to +55°C, <90% RH non-condensing
Storage Temp (Normal)
-40° to +70°C, <40% RH non-condensing
Storage Temp (Extended)
-40° to +70°C, <95% RH non-condensing
Qualification (Normal)
Designed to meet EN60950
Qualification (Extended)
Designed to meet Telcordia GR63
EN60950
VOA Performance
Polarization Dependent Loss
@ 20dB attenuation
<0.6dB
VOA Dynamic Range 4
-30 to+24dBm
VOA Resolution
0.1dB
OPM Performance
Operating Wavelength Range 5
1290-1330nm + 1450-1625nm
OPM Dynamic Range 4
-30 to +24dBm
OPM Accuracy
+/-0.25dB
All parameters are measured excluding connectors at 1550nm and 20°C with an unpolarized
source after thermal equalization unless stated.
1. Measured using a 3 patch-cord method as defined in TIA/EIA-526-14A
2. With APC connectors return loss >70dB without connectors
3. Switch will operate on dark fiber
4. Dynamic range for extended temperature is –20 to +24dBm
5. Calibrated range for optical power monitors; switch operable over 1260-1625nm
Partially populated VOA & OPM options also available. Call for details.
Fiber
Count
08
12
16
20
24
28
32
CC
LLLLLLL
PERFORMANCE SPECIFICATIONS
Fiber Count
Connector
Tray
Power
Dimensions
Dissipation
8-32
LC or MU
19” rack mount
8-16
FC, SC or ST
1 rack unit high
30W
17-32
FC, SC or ST
19” rack mount
2 rack units high
FOR MORE INFORMATION
Visit our website: www.jdsu.com
E-mail us: sales@jdsu.com
Phone us:
North American Sales: 1 866 228 3762
Latin American Sales: +55 11 5503 3800
Asia Pacific Sales: +852 2892 0990
EMEA Sales: +49 7121 86 2222


Similar Part No. - VST-24XCC-UU1-MS

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
VST-24XCC-UU1 JDSU-VST-24XCC-UU1 Datasheet
176Kb / 2P
   VOA & Power Meter Switch Tray
More results

Similar Description - VST-24XCC-UU1-MS

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
VST-04X04-LU1 JDSU-VST-04X04-LU1 Datasheet
176Kb / 2P
   VOA & Power Meter Switch Tray
VSD-04X04-LU1 JDSU-VSD-04X04-LU1 Datasheet
546Kb / 2P
   Touch Screen Display VOA Switch Tray VSD
logo
M/A-COM Technology Solu...
630740A MA-COM-630740A Datasheet
262Kb / 2P
   3.2Gbps 24 Port Reconfigurable Non-Blocking Crosspoint Switch
logo
List of Unclassifed Man...
AN231E04 ETC2-AN231E04 Datasheet
438Kb / 24P
   Dynamically Reconfigurable dpASP
logo
JDS Uniphase Corporatio...
OST-04XCC-LU1-ES JDSU-OST-04XCC-LU1-ES Datasheet
66Kb / 2P
   Optical Switch Tray
logo
List of Unclassifed Man...
AN220E04 ETC1-AN220E04 Datasheet
1Mb / 21P
   DANAMICALLY RECONFIGURABLE FPAA
logo
Advantech Co., Ltd.
VEGA-550 ADVANTECH-VEGA-550 Datasheet
238Kb / 1P
   Reconfigurable Video Content Intelligence Accelerator
23-Nov-2020
logo
JDS Uniphase Corporatio...
OST-04X04-LP8-ES JDSU-OST-04X04-LP8-ES Datasheet
71Kb / 2P
   Multimode Optical Switch Tray
logo
Siemens Semiconductor G...
PAC3100 SIEMENS-PAC3100 Datasheet
243Kb / 8P
   Power Meter
PAC4200 SIEMENS-PAC4200 Datasheet
292Kb / 8P
   Power Meter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com