Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY-SM100 Datasheet(PDF) 5 Page - JDS Uniphase Corporation

Part # CY-SM100
Description  Quasi-Continuous Wave (CW) UV Laser
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

CY-SM100 Datasheet(HTML) 5 Page - JDS Uniphase Corporation

  CY-SM100 Datasheet HTML 1Page - JDS Uniphase Corporation CY-SM100 Datasheet HTML 2Page - JDS Uniphase Corporation CY-SM100 Datasheet HTML 3Page - JDS Uniphase Corporation CY-SM100 Datasheet HTML 4Page - JDS Uniphase Corporation CY-SM100 Datasheet HTML 5Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
QUASI-CW UV LASER
5
NORTH AMERICA
: 800 498-JDSU (5378)
WEBSITE
: www.jdsu.com
WORLDWIDE
: +800 5378-JDSU
Patent Information
The Xcyte laser systems are manufactured under several US patents including 4455657, 4578793, 4731787, 4734912, 4739507,
4749842, 4752931, 4764933, 4797896, 4809291, 4827485, 4829532, 4909612, 4947402, 4998255, 5027361, 5076678, 5103487, 5130995,
5226051, 5237584, 5299222, 5329539, 5420878, 5546222, 5615043, 5640405, 5757831, 5768302, 5774488, 5787102, 5850407, 5867324,
5982790, 6009110. Additional patents pending.
Compliance with Regulatory Requirements
The lasers are Class IIIb lasers as defined by the Federal
Register 21 CFR 1040.10 Laser Safety Standard. The
Standard requires that certain performance features and
laser safety labels be provided on the product. EMC
Declaration of Conformity. UL Mark.
Warranty
JDS Uniphase diode-pumped Xycte series laser systems are warranted to be free of defects in materials and workmanship for thirteen
months from the date of shipment.
All statements, technical information and recommendations related to the products herein are based upon information believed to be
reliable or accurate. However, the accuracy or completeness thereof is not guaranteed, and no responsibility is assumed for any
inaccuracies. The user assumes all risks and liability whatsoever in connection with the use of a product or its application. JDS Uniphase
reserves the right to change at any time without notice the design, specifications, function, fit or form of its products described herein,
including withdrawal at any time of a product offered for sale herein. JDS Uniphase makes no representations that the products
herein are free from any intellectual property claims of others. Please contact JDS Uniphase for more information. JDS Uniphase and
the JDS Uniphase logo are trademarks of JDS Uniphase Corporation. Other trademarks are the property of their respective holders.
©2005 JDS Uniphase Corporation. All rights reserved. 10143147 Rev. 001 05/05


Similar Part No. - CY-SM100

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
CY-SERIES MITSUMI-CY-SERIES Datasheet
96Kb / 5P
   Power Inductors
More results

Similar Description - CY-SM100

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
125N-1319-100 JDSU-125N-1319-100 Datasheet
261Kb / 5P
   Continuous Wave (CW) Single-Frequency IR Laser
142H-532-100 JDSU-142H-532-100 Datasheet
217Kb / 4P
   Continuous Wave (CW) Single Frequency Green Laser
logo
Analog Devices
ADN2830 AD-ADN2830_15 Datasheet
147Kb / 10P
   Continuous Wave Laser
REV. B
logo
Hamamatsu Corporation
L8411 HAMAMATSU-L8411 Datasheet
72Kb / 2P
   HIGH POWER QUASI-CW LASER DIODE
logo
Eudyna Devices Inc
FLD5F15CX-L EUDYNA-FLD5F15CX-L Datasheet
277Kb / 5P
   1,550nm Continuous Wave DFB Laser
FLD5F15CX-H EUDYNA-FLD5F15CX-H Datasheet
270Kb / 5P
   1,550nm Continuous Wave DFB Laser
logo
Analog Devices
ADN2830 AD-ADN2830 Datasheet
270Kb / 12P
   Continuous Wave Laser Average Power Controller
REV. A
ADN2830ACPZ32 AD-ADN2830ACPZ32 Datasheet
147Kb / 10P
   Continuous Wave Laser Average Power Controller
REV. B
logo
JDS Uniphase Corporatio...
FCD488-010 JDSU-FCD488-010 Datasheet
240Kb / 4P
   Continuous Wave 488 nm Solid-State Laser
logo
Hamamatsu Corporation
L9777-02 HAMAMATSU-L9777-02_15 Datasheet
256Kb / 2P
   CW laser diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com