Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MWSWC19100J501 Datasheet(PDF) 2 Page - JDS Uniphase Corporation

Part # MWSWC19100J501
Description  Wavelength Selective Switch (WSS) 1x9
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

MWSWC19100J501 Datasheet(HTML) 2 Page - JDS Uniphase Corporation

  MWSWC19100J501 Datasheet HTML 1Page - JDS Uniphase Corporation MWSWC19100J501 Datasheet HTML 2Page - JDS Uniphase Corporation MWSWC19100J501 Datasheet HTML 3Page - JDS Uniphase Corporation MWSWC19100J501 Datasheet HTML 4Page - JDS Uniphase Corporation MWSWC19100J501 Datasheet HTML 5Page - JDS Uniphase Corporation MWSWC19100J501 Datasheet HTML 6Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
WAVELENGTH SELECTIVE SWITCH ( WSS) 1X9
The WSS is used to dynamically attenuate, block switch and route wavelengths
independently. Any wavelength/wavelengths can be routed from any port/ports to
any other port/ports in any order, resulting in a colorless solution, that is highly
flexible and requires no pre-planning. With the addition of the OCM
functionality the WSS can provide closed loop control using JDSU software or can
provide the flexibility for OCM data acquisition by the customer for use in the
customer’s network management software. The WSS combined with OCM
provides higher level integration resulting in lower monitoring cost and reduced
space requirements at a system level all within the same form factor as the current
1x9 WSS.
Functional Diagram
(This diagram shows the functionality of the Wavelength Selective Switch only.
Diagram does not resemble actual device.)
Port 8
Port 9
WSS
Common
3.3V
15VA
5VA
Port 1
..
. DPRAM Interface
& RS232
.
.
.
.
.
.
Port 2
Continued


Similar Part No. - MWSWC19100J501

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
MWSW5150C5041 JDSU-MWSW5150C5041 Datasheet
221Kb / 4P
   Wavelength Selective Switch (WSS) 5x1
More results

Similar Description - MWSWC19100J501

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
MWSW5150C5041 JDSU-MWSW5150C5041 Datasheet
221Kb / 4P
   Wavelength Selective Switch (WSS) 5x1
logo
Finisar Corporation.
10WSAA09FLL FINISAR-10WSAA09FLL Datasheet
310Kb / 2P
   1x9 / 1x20 Flexgrid짰 Wavelength Selective Switch
EWP-AA-0104-96F-ZZ-L FINISAR-EWP-AA-0104-96F-ZZ-L Datasheet
339Kb / 2P
   1x2 / 1x4 Flexgrid짰 Wavelength Selective Switch
logo
3M Electronics
WSS-M11P62 3M-WSS-M11P62 Datasheet
204Kb / 10P
   Ford Specification WSS-M11P62
logo
List of Unclassifed Man...
GTR-221X ETC2-GTR-221X Datasheet
437Kb / 8P
   Bi-Directional 1X9 Transceiver
logo
Roithner LaserTechnik G...
RLA4116 ROITHNER-RLA4116 Datasheet
1Mb / 3P
   peak wavelength
logo
KODENSHI_AUK CORP.
KEL5002A KODENSHI-KEL5002A Datasheet
194Kb / 3P
   940nm wavelength
logo
Roithner LaserTechnik G...
QL78D6S-ABC ROITHNER-QL78D6S-ABC Datasheet
211Kb / 3P
   lasing wavelength
logo
PHOENIX CONTACT
1885389 PHOENIX-1885389 Datasheet
53Kb / 3P
   Cable gland - VC-K-KV-PG16 1X3/1X9
logo
AVAGO TECHNOLOGIES LIMI...
AEDS-9310 AVAGO-AEDS-9310 Datasheet
112Kb / 6P
   Infra-Red Wavelength
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com