Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WRT-740DT240B-153 Datasheet(PDF) 4 Page - JDS Uniphase Corporation

Part # WRT-740DT240B-153
Description  Extended Reach, Client-Side SFP, Multi-Rate,Multi-Protocol, DWDM,3R Transponder
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

WRT-740DT240B-153 Datasheet(HTML) 4 Page - JDS Uniphase Corporation

  WRT-740DT240B-153 Datasheet HTML 1Page - JDS Uniphase Corporation WRT-740DT240B-153 Datasheet HTML 2Page - JDS Uniphase Corporation WRT-740DT240B-153 Datasheet HTML 3Page - JDS Uniphase Corporation WRT-740DT240B-153 Datasheet HTML 4Page - JDS Uniphase Corporation WRT-740DT240B-153 Datasheet HTML 5Page - JDS Uniphase Corporation WRT-740DT240B-153 Datasheet HTML 6Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Other Specifications
4
WRT-740
Parameter
Condition
Specifications
Electrical
Power consumption
Over temperature range EOL
Typical
16.5 W
Maximum
20 W
Supply voltage1
Minimum
38 V
Typical
48 V
Maximum
60 V
Environmental
Storage temperature
-40 to 85 °C
Ambient operating temperature
-5 to 55 °C short term, 96 hours continuous.
-5 to 55 °C
No more than 15 days per year.
Humidity
Non-condensing
5 to 95%
Mechanical
Weight (approximate)
1.4 kg (3.1 pounds)
Dimensions (WxHxD)
25.4 x 223.5 x 175 mm
(1.0 x 6.89 x 8.8 inches)
Mounting options
WaveReady 3500-F or fan-equipped
WaveReady 3100 shelf in standard
19- or 24-inch rack
1. The DC power supply must be -48 V SELV output and certified by a nationally recognized test laboratory (NRTL)
Interface Specifications
Parameter
Specification
Provisioning, operations, administration, maintenance
Via the WaveReady Communication Module 200. Remote management:
SNMP and TL1 command mode through JDS Uniphase Node Manager
software or TL1 through telnet or command-line application or SNMP.
Communication with remote modules through an embedded supervisory channel.
Front panel LEDs
CARD (power), MAJ/CRIT (major or critical alarm), MIN (minor alarm),
LOS B, LOS D, LOS F (loss of lock) LOOPBK (loopback), MGT (management).
Front panel ports
Client side ports A and B single mode or multimode fiber (SMF or MMF),
SFP1, SFP2, SFP3, SFP4 or SFP5.
Network side ports: C and D, SMF.
Alarms
CARD (power), MAJ/CRIT (major or critical alarm), MIN (minor alarm),
LOS B, LOS D (loss of lock). Alarm relay open under normal operation.
Relay closed when power is off and alarm is active.


Similar Part No. - WRT-740DT240B-153

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
WRT-740DC240B-047 JDSU-WRT-740DC240B-047 Datasheet
344Kb / 5P
   Long Reach, Client-Side SFP, Multi-Rate,Multi-Protocol, CWDM,3R Transponder
WRT-740DC240B-049 JDSU-WRT-740DC240B-049 Datasheet
344Kb / 5P
   Long Reach, Client-Side SFP, Multi-Rate,Multi-Protocol, CWDM,3R Transponder
WRT-740DC240B-051 JDSU-WRT-740DC240B-051 Datasheet
344Kb / 5P
   Long Reach, Client-Side SFP, Multi-Rate,Multi-Protocol, CWDM,3R Transponder
WRT-740DC240B-053 JDSU-WRT-740DC240B-053 Datasheet
344Kb / 5P
   Long Reach, Client-Side SFP, Multi-Rate,Multi-Protocol, CWDM,3R Transponder
WRT-740DC240B-055 JDSU-WRT-740DC240B-055 Datasheet
344Kb / 5P
   Long Reach, Client-Side SFP, Multi-Rate,Multi-Protocol, CWDM,3R Transponder
More results

Similar Description - WRT-740DT240B-153

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
WRT-740DC240B-047 JDSU-WRT-740DC240B-047 Datasheet
344Kb / 5P
   Long Reach, Client-Side SFP, Multi-Rate,Multi-Protocol, CWDM,3R Transponder
WRT-760DT240B-035 JDSU-WRT-760DT240B-035 Datasheet
165Kb / 6P
   Path Protected, Client-Side SFP, Multi-Rate,Multi-Protocol, 3R DWDM Transponder
logo
MRV Communications, Inc...
EM316DMR3G-3R MRV-EM316DMR3G-3R Datasheet
325Kb / 4P
   SFP Multi-Rate Dual Transponder
EM316DMR10G-3R MRV-EM316DMR10G-3R Datasheet
792Kb / 3P
   SFP Multi-Rate Dual Transponder
DMR10GF MRV-DMR10GF Datasheet
866Kb / 4P
   SFP Multi-Rate Dual OTN/FEC Transponder
logo
Finisar Corporation.
FTLX3871MCCXX FINISAR-FTLX3871MCCXX Datasheet
744Kb / 14P
   10Gb/s DWDM 80km Multi-Rate SFP Transceiver
FTLX3871DCCXX FINISAR-FTLX3871DCCXX Datasheet
738Kb / 13P
   10Gb/s DWDM 80km Multi-Rate SFP Transceiver
FTLX6871MCC FINISAR-FTLX6871MCC Datasheet
586Kb / 13P
   10GB/S DWDM 80KM MULTI-RATE TUNABLE SFP
FTLX3871DCC17 FINISAR-FTLX3871DCC17 Datasheet
738Kb / 13P
   10Gb/s DWDM 80km Multi-Rate SFP Transceiver
logo
Mitsubishi Electric Sem...
MF-27WXE MITSUBISHI-MF-27WXE Datasheet
274Kb / 14P
   100Mbps-2.7Gbps, Multi-Rate DWDM SFP TRANSCEIVER MODULE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com