Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WRT-740DC240B-049 Datasheet(PDF) 3 Page - JDS Uniphase Corporation

Part # WRT-740DC240B-049
Description  Long Reach, Client-Side SFP, Multi-Rate,Multi-Protocol, CWDM,3R Transponder
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

WRT-740DC240B-049 Datasheet(HTML) 3 Page - JDS Uniphase Corporation

  WRT-740DC240B-049 Datasheet HTML 1Page - JDS Uniphase Corporation WRT-740DC240B-049 Datasheet HTML 2Page - JDS Uniphase Corporation WRT-740DC240B-049 Datasheet HTML 3Page - JDS Uniphase Corporation WRT-740DC240B-049 Datasheet HTML 4Page - JDS Uniphase Corporation WRT-740DC240B-049 Datasheet HTML 5Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Network Optical Specifications
3
WAVEREADY TRANSPONDER 740 LR CWDM
Parameter
Specifications
Optical Path between Transmitter and Receiver Connectors
Dispersion penalty at OC-48 (80 km)
Maximum
2 dB
Dispersion at OC-48
Minimum
1600 ps/nm
Optical return loss of cable plant, including any connectors
Minimum
24 dB
Discrete reflectance between transmitter and receiver connectors
Maximum
27 dB
Maximum link budget at OC-48,
Minimum
25.5 dB
including dispersion penalty at BER = 1x10-12
Typical
27 dB
Transmitter
Output wavelengths
1471, 1491, 1511, 1531, 1551, 1571, 1591, and 1611 nm
Wavelength accuracy
± 6.5 nm
Mean output power
Minimum
-1 dBm
Typical
1 dBm
Maximum
4 dBm
Extinction ratio
Minimum
8.2 dB1
Receiver
Sensitivity at 100Base-F to GigE, BER = 1x10-12
Minimum
-30 dBm
Sensitivity at OC-48, BER = 1x10-12
Minimum
-28.5 dBm
Overload
Minimum
-8 dBm2
LOS activation threshold
Typical
-36 dBm
LOS deactivation threshold
Typical
-34 dBm
Note: All specifications are guaranteed over the life, operating temperatures, wavelengths, and input voltage range specified. This product should be deployed in accordance
with each company’s deployment directives.
1. At OC-48
2. Management communications at OC-3 require input power less than -15 dBm
Point-to-Point Single-Channel CWDM Link
Typical Link Budget
Data Rate
Minimum Rx Power
Total Power Budget
Maximum Distance
OC-48
-28.5 dBm
27.5 dB
110 km
Gigabit Ethernet
-30 dBm
29.0 dB
116 km
Note: Power budget is 25 dB, but to go from 80 to 100 km, a dispersion compensation module (DCM) is required.


Similar Part No. - WRT-740DC240B-049

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
WRT-740DT240B-135 JDSU-WRT-740DT240B-135 Datasheet
251Kb / 6P
   Extended Reach, Client-Side SFP, Multi-Rate,Multi-Protocol, DWDM,3R Transponder
WRT-740DT240B-137 JDSU-WRT-740DT240B-137 Datasheet
251Kb / 6P
   Extended Reach, Client-Side SFP, Multi-Rate,Multi-Protocol, DWDM,3R Transponder
WRT-740DT240B-144 JDSU-WRT-740DT240B-144 Datasheet
251Kb / 6P
   Extended Reach, Client-Side SFP, Multi-Rate,Multi-Protocol, DWDM,3R Transponder
WRT-740DT240B-145 JDSU-WRT-740DT240B-145 Datasheet
251Kb / 6P
   Extended Reach, Client-Side SFP, Multi-Rate,Multi-Protocol, DWDM,3R Transponder
WRT-740DT240B-146 JDSU-WRT-740DT240B-146 Datasheet
251Kb / 6P
   Extended Reach, Client-Side SFP, Multi-Rate,Multi-Protocol, DWDM,3R Transponder
More results

Similar Description - WRT-740DC240B-049

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
WRT-740DT240B-135 JDSU-WRT-740DT240B-135 Datasheet
251Kb / 6P
   Extended Reach, Client-Side SFP, Multi-Rate,Multi-Protocol, DWDM,3R Transponder
WRT-760DT240B-035 JDSU-WRT-760DT240B-035 Datasheet
165Kb / 6P
   Path Protected, Client-Side SFP, Multi-Rate,Multi-Protocol, 3R DWDM Transponder
logo
MRV Communications, Inc...
EM316DMR3G-3R MRV-EM316DMR3G-3R Datasheet
325Kb / 4P
   SFP Multi-Rate Dual Transponder
logo
Source Photonics, Inc.
SPC-MR-EIR-31CDA SOURCE-SPC-MR-EIR-31CDA Datasheet
493Kb / 8P
   Multi-Rate CWDM SFP Transceiver
logo
MRV Communications, Inc...
EM316DMR10G-3R MRV-EM316DMR10G-3R Datasheet
792Kb / 3P
   SFP Multi-Rate Dual Transponder
SFP-27DCWEIR MRV-SFP-27DCWEIR Datasheet
39Kb / 1P
   CWDM Multi-rate SFP Interfaces
logo
Finisar Corporation.
FWLF15217D FINISAR-FWLF15217D Datasheet
702Kb / 11P
   Multi-rate CWDM Pluggable SFP Transceiver
FWLF1621P2T47 FINISAR-FWLF1621P2T47 Datasheet
506Kb / 12P
   Multi-rate CWDM Pluggable SFP Transceiver
FWLF15217DXX FINISAR-FWLF15217DXX Datasheet
702Kb / 11P
   Multi-rate CWDM Pluggable SFP Transceiver
FWLF1521P2N47 FINISAR-FWLF1521P2N47 Datasheet
500Kb / 11P
   Multi-rate CWDM Pluggable SFP Transceiver
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com