Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VSA-0LPHE15FP Datasheet(PDF) 3 Page - JDS Uniphase Corporation

Part # VSA-0LPHE15FP
Description  Variable Slope Attenuators
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

VSA-0LPHE15FP Datasheet(HTML) 3 Page - JDS Uniphase Corporation

  VSA-0LPHE15FP Datasheet HTML 1Page - JDS Uniphase Corporation VSA-0LPHE15FP Datasheet HTML 2Page - JDS Uniphase Corporation VSA-0LPHE15FP Datasheet HTML 3Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
NORTH AMERICA
: 800 498-JDSU (5378)
WEBSITE
: www.jdsu.com
WORLDWIDE
: +800 5378-JDSU
SMF-28 is a registered trademark of Corning Incorporated.
All statements, technical information and recommendations related to the products herein are based upon information believed to be
reliable or accurate. However, the accuracy or completeness thereof is not guaranteed, and no responsibility is assumed for any
inaccuracies. The user assumes all risks and liability whatsoever in connection with the use of a product or its application. JDSU reserves
the right to change at any time without notice the design, specifications, function, fit or form of its products described herein, includ-
ing withdrawal at any time of a product offered for sale herein. JDSU makes no representations that the products
herein are free from any intellectual property claims of others. Please contact JDSU for more information. JDSU and the JDSU logo are
trademarks of JDS Uniphase Corporation. Other trademarks are the property of their respective holders. ©2007 JDS Uniphase
Corporation. All rights reserved. 21025483 Rev. 002 10/05 VSA.DS.CC.AE
Ordering Information
For more information on this or other products and their availability, please contact your local JDSU account manager or
JDSU directly at 1-800-498-JDSU (5378) in North America and +800-5378-JDSU worldwide or via e-mail at
customer.service@jdsu.com.
Sample: VSA-0CNHC10NC
VSA SERIES
Code
Contrast Level
HHigh contrast
LLow contrast
Code
Fiber Type
C
9/125/900 fiber
E
9/125/250 fiber
Code
Wavelength
CC band
LL band
Code
Slope
NNegative slope
PPositive slope
VSA-0
Code
Fiber Length1
10
1.0 m
15
1.5 m
Code
Connector
NC
No connector
FP
FC/HPC
FA
FC/APC
SC
SC/HPC
SU
SC/APC
SP
ST/HPC
MU
MU
1. Other fiber length available upon request.
Reviewed February 2007


Similar Part No. - VSA-0LPHE15FP

ManufacturerPart #DatasheetDescription
logo
Volgen Kaga Electronics...
VSA05-2.5S1R2 VOLGEN-VSA05-2.5S1R2 Datasheet
606Kb / 7P
   High Efficiency, Small, Low price, Step-Down DC-DC Converter
logo
Vishay Siliconix
VSA101 VISHAY-VSA101 Datasheet
120Kb / 5P
   Ultra High Precision Axial Z-Foil Resistor with TCR of ± 0.05 ppm/°C, PCR of 5 ppm at Rated Power
Revision: 03-Nov-08
logo
Volgen Kaga Electronics...
VSA24-12S0R6 VOLGEN-VSA24-12S0R6 Datasheet
606Kb / 7P
   High Efficiency, Small, Low price, Step-Down DC-DC Converter
VSA24-3.3S1R2 VOLGEN-VSA24-3.3S1R2 Datasheet
606Kb / 7P
   High Efficiency, Small, Low price, Step-Down DC-DC Converter
logo
Connor-Winfield Corpora...
VSA31012 CONNOR-WINFIELD-VSA31012 Datasheet
64Kb / 1P
   SURFACE MOUNT ACMOS VCXO
More results

Similar Description - VSA-0LPHE15FP

ManufacturerPart #DatasheetDescription
logo
Merrimac Industries, In...
ARC-1 MERRIMAC-ARC-1 Datasheet
247Kb / 2P
   VARIABLE ATTENUATORS, MANUAL
logo
Hirose Electric
HRLA-C1ML-06-PJ HIROSE-HRLA-C1ML-06-PJ Datasheet
104Kb / 2P
   Optical Variable Attenuators
logo
BOWEI Integrated Circui...
HE411B BOWEI-HE411B Datasheet
68Kb / 1P
   Voltage Variable Attenuators
HE891A BOWEI-HE891A Datasheet
86Kb / 1P
   Voltage Variable Attenuators
HE893 BOWEI-HE893 Datasheet
78Kb / 1P
   Voltage Variable Attenuators
logo
Merrimac Industries, In...
AR-1 MERRIMAC-AR-1 Datasheet
244Kb / 2P
   VARIABLE ATTENUATORS, MANUAL
logo
BOWEI Integrated Circui...
HE892 BOWEI-HE892 Datasheet
71Kb / 1P
   Voltage Variable Attenuators
logo
CML Microcircuits
DB839 CMLMICRO-DB839 Datasheet
169Kb / 20P
   Two Variable Attenuators
logo
Qualwave Inc. All right...
QCA1 QUALWAVE-QCA1 Datasheet
144Kb / 1P
   Continuously Variable Attenuators
logo
Copal Electronics
E-TA COPAL-E-TA Datasheet
110Kb / 5P
   THERMAL VARIABLE ATTENUATORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com