Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WDM-1MDD25614 Datasheet(PDF) 4 Page - JDS Uniphase Corporation

Part # WDM-1MDD25614
Description  100 GHz Wavelength Division Multiplexer/Demultiplexer (WDM) Filter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

WDM-1MDD25614 Datasheet(HTML) 4 Page - JDS Uniphase Corporation

  WDM-1MDD25614 Datasheet HTML 1Page - JDS Uniphase Corporation WDM-1MDD25614 Datasheet HTML 2Page - JDS Uniphase Corporation WDM-1MDD25614 Datasheet HTML 3Page - JDS Uniphase Corporation WDM-1MDD25614 Datasheet HTML 4Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
NORTH AMERICA
: 800 498-JDSU (5378)
WEBSITE
: www.jdsu.com
WORLDWIDE
: +800 5378-JDSU
Ordering Information
For more information on this or other products and their availability, please contact your local JDSU account manager or
JDSU directly at 1-800-498-JDSU (5378) in North America and +800-5378-JDSU worldwide, or via e-mail at
customer.service@jdsu.com.
Sample: WDM-1MDxxxxxx
100 GHZ WAVELENGTH DIVISION
MULTIPLEXER/DEMULTIPLEXER ( WDM) FILTER
WDM-1MD
Code
Number of Channels
8
8 without upgrade
E
8 with upgrade
S
16 without upgrade
D
16 with upgrade
Channel Frequency Code
Refer to the JDSU channel
specification table on page 3
Code
Connector Type
1
SC/UPC
2
SC/APC
3
Duplex LC/UPC
4Duplex LC/APC
5
LC/UPC
6LC/APC
1. Detailed package drawings are available upon request.
Product specifications and descriptions in this document subject to change without notice. © 2008 JDS Uniphase Corporation 30162529 000 1108 WDM100MUXDEMUX816.DS.CMS.AE November 2008
LGX is a registered trademark of Alcatel-Lucent.
Code
Packaging
0LGX1
1
1U 19-inch rack1
2
1U 23-inch rack1


Similar Part No. - WDM-1MDD25614

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
WDM-1AD125601 JDSU-WDM-1AD125601 Datasheet
170Kb / 4P
   100 GHz Dense Wavelength Division Multiplexer (DWDM) Add/Drop Filter
WDM-1AD125602 JDSU-WDM-1AD125602 Datasheet
170Kb / 4P
   100 GHz Dense Wavelength Division Multiplexer (DWDM) Add/Drop Filter
WDM-1AD125603 JDSU-WDM-1AD125603 Datasheet
170Kb / 4P
   100 GHz Dense Wavelength Division Multiplexer (DWDM) Add/Drop Filter
WDM-1AD125604 JDSU-WDM-1AD125604 Datasheet
170Kb / 4P
   100 GHz Dense Wavelength Division Multiplexer (DWDM) Add/Drop Filter
WDM-1AD125605 JDSU-WDM-1AD125605 Datasheet
170Kb / 4P
   100 GHz Dense Wavelength Division Multiplexer (DWDM) Add/Drop Filter
More results

Similar Description - WDM-1MDD25614

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
WDM-CAD04000 JDSU-WDM-CAD04000 Datasheet
160Kb / 3P
   Coarse Wavelength Division Multiplexer/Demultiplexer (CWDM) Filter
WDM-D13150001 JDSU-WDM-D13150001 Datasheet
148Kb / 3P
   1310/1550 Wavelength Division Multiplexer (WDM) Dual Line Filter
WDM-1AD125601 JDSU-WDM-1AD125601 Datasheet
170Kb / 4P
   100 GHz Dense Wavelength Division Multiplexer (DWDM) Add/Drop Filter
logo
OPLINK Communications I...
AWGM5-S0154 OPLINK-AWGM5-S0154 Datasheet
272Kb / 2P
   Planar Waveguide Dense Wavelength Division Multiplexer/Demultiplexer
AWGM5 OPLINK-AWGM5 Datasheet
272Kb / 2P
   Division Multiplexer/Demultiplexer
logo
Emcore Corporation
6925WM-SDSP EMCORE-6925WM-SDSP Datasheet
136Kb / 2P
   Coarse Wavelength-division Multiplexer
logo
JDS Uniphase Corporatio...
WDM-CAD01000 JDSU-WDM-CAD01000 Datasheet
162Kb / 3P
   Coarse Wavelength Division Multiplexer (CWDM) Add/Drop Filter
DWS-1F3883P20 JDSU-DWS-1F3883P20 Datasheet
127Kb / 3P
   WDM,Filter, 100 GHz, ITU Component
MDX-01AD1018B JDSU-MDX-01AD1018B Datasheet
238Kb / 4P
   100 GHz Dense Wavelength Division Multiplexing Optical Add/Drop Module
FWS-F00110000 JDSU-FWS-F00110000 Datasheet
141Kb / 3P
   1550/1590 nm Filter Wavelength Division Multiplexers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com