Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN54HC273 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN54HC273
Description  OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN54HC273 Datasheet(HTML) 1 Page - Texas Instruments

  SN54HC273 Datasheet HTML 1Page - Texas Instruments SN54HC273 Datasheet HTML 2Page - Texas Instruments SN54HC273 Datasheet HTML 3Page - Texas Instruments SN54HC273 Datasheet HTML 4Page - Texas Instruments SN54HC273 Datasheet HTML 5Page - Texas Instruments SN54HC273 Datasheet HTML 6Page - Texas Instruments SN54HC273 Datasheet HTML 7Page - Texas Instruments SN54HC273 Datasheet HTML 8Page - Texas Instruments SN54HC273 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
SN54HC273, SN74HC273
OCTAL DTYPE FLIPFLOPS
WITH CLEAR
SCLS136D − DECEMBER 1982 − REVISED AUGUST 2003
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Wide Operating Voltage Range of 2 V to 6 V
D Outputs Can Drive Up To 10 LSTTL Loads
D Low Power Consumption, 80-µA Max ICC
D Typical tpd = 12 ns
D ±4-mA Output Drive at 5 V
D Low Input Current of 1 µA Max
D Contain Eight Flip-Flops With Single-Rail
Outputs
D Direct Clear Input
D Individual Data Input to Each Flip-Flop
D Applications Include:
− Buffer/Storage Registers
− Shift Registers
− Pattern Generators
description
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
CLR
1Q
1D
2D
2Q
3Q
3D
4D
4Q
GND
VCC
8Q
8D
7D
7Q
6Q
6D
5D
5Q
CLK
SN54HC273 ...J OR W PACKAGE
SN74HC273 . . . DB, DW, N, NS, OR PW PACKAGE
(TOP VIEW)
3
2120 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
8D
7D
7Q
6Q
6D
2D
2Q
3Q
3D
4D
SN54HC273 . . . FK PACKAGE
(TOP VIEW)
description/ordering information
These circuits are positive-edge-triggered D-type flip-flops with a direct clear (CLR) input.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
PDIP − N
Tube of 20
SN74HC273N
SN74HC273N
SOIC − DW
Tube of 25
SN74HC273DW
HC273
SOIC − DW
Reel of 2000
SN74HC273DWR
HC273
−40
°C to 85°C
SOP − NS
Reel of 2000
SN74HC273NSR
HC273
−40
°C to 85°C
SSOP − DB
Reel of 2000
SN74HC273DBR
HC273
Tube of 70
SN74HC273PW
TSSOP − PW
Reel of 2000
SN74HC273PWR
HC273
TSSOP − PW
Reel of 250
SN74HC273PWT
HC273
CDIP − J
Tube of 20
SNJ54HC273J
SNJ54HC273J
−55
°C to 125°C
CFP − W
Tube of 85
SNJ54HC273W
SNJ54HC273W
−55 C to 125 C
LCCC − FK
Tube of 55
SNJ54HC273FK
SNJ54HC273FK
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are
available at www.ti.com/sc/package.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Copyright
 2003, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
On products compliant to MILPRF38535, all parameters are tested
unless otherwise noted. On all other products, production
processing does not necessarily include testing of all parameters.


Similar Part No. - SN54HC273

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HC273 TI-SN54HC273 Datasheet
741Kb / 20P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
SN54HC273 TI1-SN54HC273 Datasheet
1Mb / 32P
[Old version datasheet]   Octal D-Type Flip-Flops With Clear
SN54HC273-DIE TI1-SN54HC273-DIE Datasheet
106Kb / 5P
[Old version datasheet]   RAD-TOLERANT SPACE GRADE DIE, QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54HC273-SP TI1-SN54HC273-SP Datasheet
1Mb / 32P
[Old version datasheet]   Octal D-Type Flip-Flops With Clear
SN54HC273FK TI1-SN54HC273FK Datasheet
1Mb / 32P
[Old version datasheet]   Octal D-Type Flip-Flops With Clear
More results

Similar Description - SN54HC273

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ALS273 TI-SN54ALS273 Datasheet
93Kb / 6P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
1446753 TI-1446753 Datasheet
592Kb / 16P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
SN74ALS273NSR TI-SN74ALS273NSR Datasheet
831Kb / 18P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
SN54AHC273 TI1-SN54AHC273_15 Datasheet
1Mb / 30P
[Old version datasheet]   Octal D-Type Flip-Flops With Clear
SN54HC273 TI1-SN54HC273_16 Datasheet
1Mb / 32P
[Old version datasheet]   Octal D-Type Flip-Flops With Clear
logo
Renesas Technology Corp
HD74HC273 RENESAS-HD74HC273 Datasheet
71Kb / 10P
   Octal D-type Flip-Flops (with Clear)
logo
Texas Instruments
SN54LV273 TI1-SN54LV273_08 Datasheet
158Kb / 8P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
logo
Fairchild Semiconductor
MM74HC273 FAIRCHILD-MM74HC273 Datasheet
95Kb / 7P
   Octal D-Type Flip-Flops with Clear
logo
Texas Instruments
SN54LV273 TI-SN54LV273 Datasheet
137Kb / 7P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
SN54AHC273 TI-SN54AHC273_08 Datasheet
835Kb / 21P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com