Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VST-20XCC-FA1-ES Datasheet(PDF) 1 Page - JDS Uniphase Corporation

Part # VST-20XCC-FA1-ES
Description  Reconfigurable VOA & Power Meter Switch Tray VST
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

VST-20XCC-FA1-ES Datasheet(HTML) 1 Page - JDS Uniphase Corporation

  VST-20XCC-FA1-ES Datasheet HTML 1Page - JDS Uniphase Corporation VST-20XCC-FA1-ES Datasheet HTML 2Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
High performance optical switch solutions
KEY FEATURES
APPLICATIONS
Reconfigurable
VOA & Power Meter Switch Tray
VST
• Integrated Variable Attenuation (VOA) option
• Integrated Power Meter (OPM) option
• Instrumentation grade performance
• Ultra-low insertion loss
• High repeatability
• Low polarization dependent loss
• High power handling
• Dark fiber switching
• Bi-directional operation
• Protocol and bit rate independent
• Ethernet, RS232 and GPIB options
• Standard protocols: SCPI, TL1
• Automated component test
• Automated manufacturing test
• Network span emulation
• Systems verification testing
• Centralized optical equipment sharing
• Centralized PON/FTTH test capability
• ROADM
Reconfigurable
VOA & Power Meter Switch Tray
The Polatis VST family of products offers an ideal integration
of optical switching, attenuation and power monitoring in a
single, compact package. This class of switch is unique to
Polatis and delivers significant cost savings for a highly
versatile tool with a single, easy-to-use interface.
The Reconfigurable option provides user-definable input
and output ports, providing unprecedented flexibility for
applications with changing needs. Users can create any
matrix up to the total fiber count, such that a 16x16 could
be reconfigured to a 1x31.
Ideal for test environments, the VST provides physical-layer
connectivity for sharing of high value equipment and
automation of test sequences in design verification for
manufacturing systems. Its instrument-grade performance
ensures the maximum signal fidelity, with ultra-high stability
and repeatability. VST integrated power meters permit rapid
trouble-shooting across the entire test set without patching
in separate meters.
The unique VOA function permits easy control of preset
maximum power levels to protect sensitive downstream
equipment.
DirectLight® Technology
All Polatis products are based on the patented DirectLight
beam-steering technology, setting the benchmark for reliable,
high performance switching.
Polatis also offers Fixed port and Multimode optical switch
systems, as well as a range of optical switch modules and
standard backplane optical cards.


Similar Part No. - VST-20XCC-FA1-ES

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
VST-20XCC-FA1 JDSU-VST-20XCC-FA1 Datasheet
176Kb / 2P
   VOA & Power Meter Switch Tray
More results

Similar Description - VST-20XCC-FA1-ES

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
VST-04X04-LU1 JDSU-VST-04X04-LU1 Datasheet
176Kb / 2P
   VOA & Power Meter Switch Tray
VSD-04X04-LU1 JDSU-VSD-04X04-LU1 Datasheet
546Kb / 2P
   Touch Screen Display VOA Switch Tray VSD
logo
M/A-COM Technology Solu...
630740A MA-COM-630740A Datasheet
262Kb / 2P
   3.2Gbps 24 Port Reconfigurable Non-Blocking Crosspoint Switch
logo
List of Unclassifed Man...
AN231E04 ETC2-AN231E04 Datasheet
438Kb / 24P
   Dynamically Reconfigurable dpASP
logo
JDS Uniphase Corporatio...
OST-04XCC-LU1-ES JDSU-OST-04XCC-LU1-ES Datasheet
66Kb / 2P
   Optical Switch Tray
logo
List of Unclassifed Man...
AN220E04 ETC1-AN220E04 Datasheet
1Mb / 21P
   DANAMICALLY RECONFIGURABLE FPAA
logo
Advantech Co., Ltd.
VEGA-550 ADVANTECH-VEGA-550 Datasheet
238Kb / 1P
   Reconfigurable Video Content Intelligence Accelerator
23-Nov-2020
logo
JDS Uniphase Corporatio...
OST-04X04-LP8-ES JDSU-OST-04X04-LP8-ES Datasheet
71Kb / 2P
   Multimode Optical Switch Tray
logo
Siemens Semiconductor G...
PAC3100 SIEMENS-PAC3100 Datasheet
243Kb / 8P
   Power Meter
PAC4200 SIEMENS-PAC4200 Datasheet
292Kb / 8P
   Power Meter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com