Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WDM-1MDS25604 Datasheet(PDF) 3 Page - JDS Uniphase Corporation

Part # WDM-1MDS25604
Description  100 GHz Wavelength Division Multiplexer/Demultiplexer (WDM) Filter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

WDM-1MDS25604 Datasheet(HTML) 3 Page - JDS Uniphase Corporation

  WDM-1MDS25604 Datasheet HTML 1Page - JDS Uniphase Corporation WDM-1MDS25604 Datasheet HTML 2Page - JDS Uniphase Corporation WDM-1MDS25604 Datasheet HTML 3Page - JDS Uniphase Corporation WDM-1MDS25604 Datasheet HTML 4Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
100 GHZ WAVELENGTH DIVISION
MULTIPLEXER/DEMULTIPLEXER ( WDM) FILTER
JDSU ITU Channel Specification
Freq. (THz)
λ (nm)
Ch. #
Freq. (THz)
λ (nm)
Ch. #
Freq. (THz)
λ (nm)
Ch. #
196.20
1527.994
256
192.90
1554.134
388
189.65
1580.767
518
196.15
1528.384
258
192.85
1554.537
390
189.60
1581.184
520
196.10
1528.773
260
192.80
1554.940
392
189.55
1581.601
522
196.05
1529.163
262
192.75
1555.343
394
189.50
1582.018
524
196.00
1529.553
264
192.70
1555.747
396
189.45
1582.436
526
195.95
1529.944
266
192.65
1556.151
398
189.40
1582.854
528
195.90
1530.334
268
192.60
1556.555
400
189.35
1583.272
530
195.85
1530.725
270
192.55
1556.959
402
189.30
1583.690
532
195.80
1531.116
272
192.50
1557.363
404
189.25
1584.108
534
195.75
1531.507
274
192.45
1557.768
406
189.20
1584.527
536
195.70
1531.898
276
192.40
1558.173
408
189.15
1584.946
538
195.65
1532.290
278
192.35
1558.578
410
189.10
1585.365
540
195.60
1532.681
280
192.30
1558.983
412
189.05
1585.784
542
195.55
1533.073
282
192.25
1559.389
414
189.00
1586.203
544
195.50
1533.465
284
192.20
1559.794
416
188.95
1586.623
546
195.45
1533.858
286
192.15
1560.200
418
188.90
1587.043
548
195.40
1534.250
288
192.10
1560.606
420
188.85
1587.463
550
195.35
1534.643
290
192.05
1561.013
422
188.80
1587.884
552
195.30
1535.036
292
192.00
1561.419
424
188.75
1588.304
554
195.25
1535.429
294
191.95
1561.826
426
188.70
1588.725
556
195.20
1535.822
296
191.90
1562.233
428
188.65
1589.146
558
195.15
1536.216
298
191.85
1562.640
430
188.60
1589.568
560
195.10
1536.609
300
191.80
1563.047
432
188.55
1589.989
562
195.05
1537.003
302
191.75
1563.455
434
188.50
1590.411
564
195.00
1537.397
304
191.70
1563.863
436
188.45
1590.833
566
194.95
1537.792
306
191.65
1564.271
438
188.40
1591.255
568
194.90
1538.186
308
191.60
1564.679
440
188.35
1591.678
570
194.85
1538.581
310
191.55
1565.087
442
188.30
1592.100
572
194.80
1538.976
312
191.50
1565.496
444
188.25
1592.523
574
194.75
1539.371
314
191.45
1565.905
446
188.20
1592.946
576
194.70
1539.766
316
191.40
1566.314
448
188.15
1593.369
578
194.65
1540.162
318
191.35
1566.723
450
188.10
1593.793
580
194.60
1540.557
320
191.30
1567.133
452
188.05
1594.217
582
194.55
1540.953
322
191.25
1567.542
454
188.00
1594.641
584
194.50
1541.349
324
191.20
1567.952
456
187.95
1595.065
586
194.45
1541.746
326
191.15
1568.362
458
187.90
1595.489
588
194.40
1542.142
328
191.10
1568.773
460
187.85
1595.914
590
194.35
1542.539
330
191.05
1569.183
462
187.80
1596.339
592
194.30
1542.936
332
191.00
1569.594
464
187.75
1596.764
594
194.25
1543.333
334
190.95
1570.005
466
187.70
1597.189
596
194.20
1543.730
336
190.90
1570.416
468
187.65
1597.615
598
194.15
1544.128
338
190.85
1570.828
470
187.60
1598.041
600
194.10
1544.526
340
190.80
1571.239
472
187.55
1598.467
602
194.05
1544.924
342
190.75
1571.651
474
187.50
1598.893
604
194.00
1545.322
344
190.70
1572.063
476
187.45
1599.320
606
193.95
1545.720
346
190.65
1572.476
478
187.40
1599.746
608
193.90
1546.119
348
190.60
1572.888
480
187.35
1600.173
610
193.85
1546.518
350
190.55
1573.301
482
187.30
1600.600
612
193.80
1546.917
352
190.50
1573.714
484
187.25
1601.028
614
193.75
1547.316
354
190.45
1574.127
486
187.20
1601.455
616
193.70
1547.715
356
190.40
1574.540
488
187.15
1601.883
618
193.65
1548.115
358
190.35
1574.954
490
187.10
1602.311
620
193.60
1548.515
360
190.30
1575.368
492
187.05
1602.740
622
193.55
1548.915
362
190.25
1575.782
494
187.00
1603.168
624
193.50
1549.315
364
190.20
1576.196
496
186.95
1603.597
626
193.45
1549.715
366
190.15
1576.610
498
186.90
1604.026
628
193.40
1550.116
368
190.10
1577.025
500
186.85
1604.455
630
193.35
1550.517
370
190.05
1577.440
502
186.80
1604.885
632
193.30
1550.918
372
190.00
1577.855
504
186.75
1605.314
634
193.25
1551.319
374
189.95
1578.270
506
186.70
1605.744
636
193.20
1551.721
376
189.90
1578.686
508
186.65
1606.174
638
193.15
1552.122
378
189.85
1579.102
510
186.60
1606.605
640
193.10
1552.524
380
189.80
1579.518
512
186.55
1607.035
642
193.05
1552.926
382
189.75
1579.934
514
186.50
1607.466
644
193.00
1553.329
384
189.70
1580.350
516
186.45
1607.897
646
192.95
1553.731
386
Note: Indication for variant determining: The channel # to use is the lowest one that fits in the customer wavelength's plan.
Example: 4 channel which covers 196.1, 196.0, 195.9 and 195.8 THz will have a variant number of 260 (196.1 THz).


Similar Part No. - WDM-1MDS25604

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
WDM-1AD125601 JDSU-WDM-1AD125601 Datasheet
170Kb / 4P
   100 GHz Dense Wavelength Division Multiplexer (DWDM) Add/Drop Filter
WDM-1AD125602 JDSU-WDM-1AD125602 Datasheet
170Kb / 4P
   100 GHz Dense Wavelength Division Multiplexer (DWDM) Add/Drop Filter
WDM-1AD125603 JDSU-WDM-1AD125603 Datasheet
170Kb / 4P
   100 GHz Dense Wavelength Division Multiplexer (DWDM) Add/Drop Filter
WDM-1AD125604 JDSU-WDM-1AD125604 Datasheet
170Kb / 4P
   100 GHz Dense Wavelength Division Multiplexer (DWDM) Add/Drop Filter
WDM-1AD125605 JDSU-WDM-1AD125605 Datasheet
170Kb / 4P
   100 GHz Dense Wavelength Division Multiplexer (DWDM) Add/Drop Filter
More results

Similar Description - WDM-1MDS25604

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
WDM-CAD04000 JDSU-WDM-CAD04000 Datasheet
160Kb / 3P
   Coarse Wavelength Division Multiplexer/Demultiplexer (CWDM) Filter
WDM-D13150001 JDSU-WDM-D13150001 Datasheet
148Kb / 3P
   1310/1550 Wavelength Division Multiplexer (WDM) Dual Line Filter
WDM-1AD125601 JDSU-WDM-1AD125601 Datasheet
170Kb / 4P
   100 GHz Dense Wavelength Division Multiplexer (DWDM) Add/Drop Filter
logo
OPLINK Communications I...
AWGM5-S0154 OPLINK-AWGM5-S0154 Datasheet
272Kb / 2P
   Planar Waveguide Dense Wavelength Division Multiplexer/Demultiplexer
AWGM5 OPLINK-AWGM5 Datasheet
272Kb / 2P
   Division Multiplexer/Demultiplexer
logo
Emcore Corporation
6925WM-SDSP EMCORE-6925WM-SDSP Datasheet
136Kb / 2P
   Coarse Wavelength-division Multiplexer
logo
JDS Uniphase Corporatio...
WDM-CAD01000 JDSU-WDM-CAD01000 Datasheet
162Kb / 3P
   Coarse Wavelength Division Multiplexer (CWDM) Add/Drop Filter
DWS-1F3883P20 JDSU-DWS-1F3883P20 Datasheet
127Kb / 3P
   WDM,Filter, 100 GHz, ITU Component
MDX-01AD1018B JDSU-MDX-01AD1018B Datasheet
238Kb / 4P
   100 GHz Dense Wavelength Division Multiplexing Optical Add/Drop Module
FWS-F00110000 JDSU-FWS-F00110000 Datasheet
141Kb / 3P
   1550/1590 nm Filter Wavelength Division Multiplexers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com