Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D212EI Datasheet(PDF) 2 Page - MicroPower Direct, LLC

Part # D212EI
Description  Low Cost, 2W SIP High Isolation DC/DC Converters
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

D212EI Datasheet(HTML) 2 Page - MicroPower Direct, LLC

  D212EI Datasheet HTML 1Page - MicroPower Direct, LLC D212EI Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Notes:
All dimensions are typical in inches (mm)
Tolerance x.xx =
±0.01 (±0.25)
Pin 1 is marked by a “dot” or indentation on the side of the unit
Model
Number
Input
Output
Load
Regulation
(%, Max)
Efficiency
(%, Typ)
Fuse Rating
Slow-Blow
(mA)
Voltage (VDC)
Current (mA)
Voltage
(VDC)
Current
(mA, Max)
Current
(mA, Min)
Nominal
Range
Full-Load
No-Load
D201EI
5
4.5 - 5.5
500
30
5.0
400.0
40.0
15
80
1,000
D202EI
5
4.5 - 5.5
494
30
9.0
222.0
23.0
15
81
1,000
D203EI
5
4.5 - 5.5
488
30
12.0
167.0
17.0
15
82
1,000
D204EI
5
4.5 - 5.5
476
30
15.0
133.0
14.0
15
84
1,000
D205EI
5
4.5 - 5.5
488
30
±5.0
±200.0
±20.0
15
82
1,000
D206EI
5
4.5 - 5.5
482
30
±9.0
±111.0
±12.0
15
83
1,000
D207EI
5
4.5 - 5.5
470
30
±12.0
±83.0
±9.0
15
85
1,000
D208EI
5
4.5 - 5.5
470
30
±15.0
±67.0
±7.0
15
85
1,000
D211EI
12
10.8 - 13.2
208
15
5.0
400.0
40.0
15
80
500
D212EI
12
10.8 - 13.2
201
15
9.0
222.0
23.0
15
83
500
D213EI
12
10.8 - 13.2
198
15
12.0
167.0
17.0
15
84
500
D214EI
12
10.8 - 13.2
196
15
15.0
133.0
14.0
15
85
500
D215EI
12
10.8 - 13.2
201
15
±5.0
±200.0
±20.0
15
83
500
D216EI
12
10.8 - 13.2
198
15
±9.0
±111.0
±12.0
15
84
500
D217EI
12
10.8 - 13.2
194
15
±12.0
±83.0
±9.0
15
86
500
D218EI
12
10.8 - 13.2
194
15
±15.0
±67.0
±7.0
15
86
500
D221EI
24
21.6 - 26.4
103
8
5.0
400.0
40.0
15
81
200
D222EI
24
21.6 - 26.4
99
8
9.0
222.0
23.0
15
84
200
D223EI
24
21.6 - 26.4
98
8
12.0
167.0
17.0
15
85
200
D224EI
24
21.6 - 26.4
97
8
15.0
133.0
14.0
15
86
200
D225EI
24
21.6 - 26.4
99
8
±5.0
±200.0
±20.0
15
84
200
D226EI
24
21.6 - 26.4
98
8
±9.0
±111.0
±12.0
15
85
200
D227EI
24
21.6 - 26.4
96
8
±12.0
±83.0
±9.0
15
87
200
D228EI
24
21.6 - 26.4
96
8
±15.0
±67.0
±7.0
15
87
200
Pin
Single
Dual
Pin
Single
Dual
1
+Vin
+Vin
6
No Pin
Common
2
-Vin
-Vin
7
+Vout
+Vout
5
-Vout
-Vout
Derating Curve
Notes:
1. Output load regulation is specified for a load change of 10% to
100%.
2. These units should not be operated with a load under 10% of
full load. Operation at no-load may cause damage to the unit.
3. These converters will operate without external components.
However, when measuring output ripple, it is recommended
that an external ceramic capacitor be placed from the +Vout
pin to the -Vout pin for single output units and from each out-
put to common for dual output units. An input capacitor will
enhance stability over temperature and input line variations.
Recommended capacitor values are given in the table below.
For applications requiring very low output noise levels, a simple
LC filter should be effective.
4. Dual output units may be connected to provide a 10V, 18V, 24V
or 30 VDC output. To do this, connect the load across the posi-
tive (+Vout) and negative (-Vout) outputs and float the output
common
5. It is recommended that a fuse be used on the input of a power
supply for protection. See the Model Selection table above for
the correct rating.
Vin
Input
Capacitor
Vout
Output Capacitor
Single
Dual
5 VDC
4.7
µF
5 VDC
10.0
µF
4.7
µF
12 VDC
2.2
µF
9 VDC
4.7
µF
2.2
µF
24 VDC
1.0
µF
12 VDC
2.2
µF
1.0
µF
15 VDC
1.0
µF
0.47
µF
Model Selection Guide
Mechanical Dimensions
Pin Connections
MicroPower Direct
www.micropowerdirect.com
292 Page Street Ste D Stoughton, MA 02072
TEL: (781) 344-8226
FAX: (781) 344-8481
E-Mail: sales@micropowerdirect.com


Similar Part No. - D212EI

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
D212E MPD-D212E Datasheet
181Kb / 2P
   Low Cost, 2W SIP Single & Dual Output DC/DC Converters
D212ED MPD-D212ED Datasheet
209Kb / 2P
   Very Low Cost, 2W SIP Dual Isolated Output DC/DC Converters
D212ERU MPD-D212ERU Datasheet
205Kb / 2P
   Low Cost, 4:1 Input Miniature, 2W SIP DC/DC Converters
D212ERU MPD-D212ERU Datasheet
319Kb / 2P
   D200ERU SERIES
D212ERW MPD-D212ERW Datasheet
188Kb / 2P
   Low Cost, Miniature 2W SIP, Wide Input DC/DC Con vert ers
More results

Similar Description - D212EI

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
MD200XEI MPD-MD200XEI Datasheet
409Kb / 2P
   Low Cost, 2W High Isolation SIP DC/DC Converters
D200I MPD-D200I Datasheet
197Kb / 2P
   High Isolation Miniature, 2W SIP DC/DC Converters
logo
List of Unclassifed Man...
D221I ETC1-D221I Datasheet
97Kb / 2P
   High Isolation Miniature, 2W SIP DC/DC Converters
logo
MicroPower Direct, LLC
G200EI MPD-G200EI Datasheet
204Kb / 2P
   High Isolation, 2W Low Cost, MiniDIP DC/DC Converters
logo
List of Unclassifed Man...
D118EI ETC1-D118EI Datasheet
82Kb / 2P
   Low Cost, 1W High Isolation SIP DC/DC Converters
logo
MicroPower Direct, LLC
D100EI MPD-D100EI Datasheet
183Kb / 2P
   Low Cost, 1W SIP High Isolation DC/DC Converters
E200E MPD-E200E Datasheet
201Kb / 2P
   Low Cost, 2W Ultra-Miniature SIP DC/DC Converters
ME200SE MPD-ME200SE Datasheet
429Kb / 2P
   Low Cost, 2W Ultra-Miniature SIP DC/DC Converters
E200I MPD-E200I Datasheet
171Kb / 2P
   High Isolation, 2W Ultra-Miniature, SIP DC/DC Converters
D200E MPD-D200E Datasheet
181Kb / 2P
   Low Cost, 2W SIP Single & Dual Output DC/DC Converters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com