Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPM-16T4 Datasheet(PDF) 3 Page - JDS Uniphase Corporation

Part # IPM-16T4
Description  Miniature Integrated Power Monitor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

IPM-16T4 Datasheet(HTML) 3 Page - JDS Uniphase Corporation

  IPM-16T4 Datasheet HTML 1Page - JDS Uniphase Corporation IPM-16T4 Datasheet HTML 2Page - JDS Uniphase Corporation IPM-16T4 Datasheet HTML 3Page - JDS Uniphase Corporation IPM-16T4 Datasheet HTML 4Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Specifications
3
Parameter
Specification
Wavelength range
C-Band
1510-1580 nm
L-Band
1560-1625 nm
C+L Band
1510-1625 nm
Insertion loss (input to output)
Maximum
See table below
Wavelength flatness (input to output)
Maximum
0.002 dB/nm
Polarization dependent loss (input to output)
Maximum
0.03 dB
PMD (input to output)
Maximum
0.1 ps
Optical return loss
Minimum
45 dB
PD operating bias voltage, VR
-5 V (typical)
PD responsivity
Minimum
0.8 A/W (for net responsivity, see table below)
PD linearity
±10%
PD dark current
Maximum
1 nA @ VR = -5 V and 23 °C
PD cut-off frequency
600 MHz @ VR = -5 V and RL = 50 W
Input optical power
Maximum
See table below
Operating temperature
-20 to 75 °C
Storage temperature
-40 to 85 °C
Tensile load
Maximum
5 N
Package dimensions
Single unit
3.2 mm x 18.5 mm
6 to 8 channels array
32 mm x 32.5 mm x 6 mm
10 channels array
38.8 mm x 32.5 mm x 6 mm
Fiber type
SMF-28, 250 µm primary coating
Pigtail color code
Black (input port); Clear (output port)
Note: Parameters are specified for the signal wavelength range, all polarization states, and operating temperature range without connector unless otherwise stated.
MINIATURE INTEGRATED POWER MONITOR
Tap Ratio and Insertion Loss Table
Code
Tap Ratio
Maximum Insertion Loss
Minimum Net Responsivity1
Maximum Optical Power2
(Input to Output)
1
1%
0.5 dB
0.008 A/W
500 mW
2
2%
0.5 dB
0.016 A/W
250 mW
3
3%
0.5 dB
0.024 A/W
150 mW
4
4%
0.5 dB
0.032 A/W
125 mW
5
5%
0.6 dB
0.040 A/W
100 mW
T
10%
0.8 dB
0.080 A/W
50 mW
1. The net responsivity is defined as the ratio of the PD current output and optical power measured at output fiber.
2. The maximum optical power is the maximum value of the power at input port within the PD linearity range specified.


Similar Part No. - IPM-16T4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IPM-10 ETC2-IPM-10 Datasheet
275Kb / 2P
   Rugged construction and slim modularized design
IPM-12 ETC2-IPM-12 Datasheet
710Kb / 2P
   Rugged construction and slim modularized design
IPM-15 ETC2-IPM-15 Datasheet
365Kb / 2P
   Rugged construction and slim modularized design
IPM-17 ETC2-IPM-17 Datasheet
328Kb / 2P
   Rugged construction and slim modularized design
IPM-19 ETC2-IPM-19 Datasheet
313Kb / 2P
   Rugged construction and slim modularized design
More results

Similar Description - IPM-16T4

ManufacturerPart #DatasheetDescription
logo
CUI INC
CMS0321KLX CUI-CMS0321KLX Datasheet
142Kb / 2P
   MINIATURE MONITOR SPEAKER
CMS0461KLX CUI-CMS0461KLX Datasheet
886Kb / 2P
   MINIATURE MONITOR SPEAKER
logo
OPLINK Communications I...
ITMA080520E2111G OPLINK-ITMA080520E2111G Datasheet
212Kb / 2P
   Integrated TAP Monitor Arrays
IWMA4121000511 OPLINK-IWMA4121000511 Datasheet
219Kb / 2P
   Integrated WDM Monitor Arrays
ITMA OPLINK-ITMA Datasheet
212Kb / 2P
   Integrated TAP Monitor Arrays
IWMA OPLINK-IWMA Datasheet
188Kb / 2P
   Integrated WDM Monitor Array
IWMA-S0158 OPLINK-IWMA-S0158 Datasheet
188Kb / 2P
   Integrated WDM Monitor Array
ITMA-S0017 OPLINK-ITMA-S0017 Datasheet
212Kb / 2P
   Integrated TAP Monitor Arrays
logo
Analog Devices
LTC2947-65 AD-LTC2947-65 Datasheet
307Kb / 42P
   65A Power/Energy Monitor with Integrated Sense Resistor
logo
Fairchild Semiconductor
FDMF5820DC FAIRCHILD-FDMF5820DC Datasheet
1Mb / 25P
   Smart Power Stage Module with Integrated Temperature Monitor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com