Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D200ERU Datasheet(PDF) 1 Page - MicroPower Direct, LLC

Part # D200ERU
Description  Low Cost, 4:1 Input Miniature, 2W SIP DC/DC Converters
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

D200ERU Datasheet(HTML) 1 Page - MicroPower Direct, LLC

  D200ERU Datasheet HTML 1Page - MicroPower Direct, LLC D200ERU Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Key Features:
2W Output Power
4:1 Input Voltage Range
1,500 VDC Isolation
Short Circuit Protected
Miniature SIP Case
Single & Dual Outputs
1.0 MH MTBF
Industry Standard Pin-Out
Low Low Cost!!
D200ERU
Low Cost, 4:1 Input
Miniature, 2W SIP
DC/DC Converters
Series
Input
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Voltage Range
24 VDC Input
9.0
24.0
36.0
VDC
48 VDC Input
18.0
48.0
72.0
Reverse Polarity Input Current
1.0
A
Short Circuit Input Power
1,500
mW
Output
Parameter
Conditions
Min.
Typ.
Max.
Units
Output Voltage Accuracy
±1.0
±3.0
%
Output Voltage Balance
±1.0
±2.0
%
Line Regulation
Vin = Min to Max
±0.2
±0.75
%
Load Regulation
Iout = 10% to 100%
±0.5
±1.5
%
Ripple (20 MHz)
See Note 1
15
30
mV P - P
Noise (20 MHz)
50
150
mV P - P
Output Power Protection
120
%
Temperature Coefficient
±0.03
%/°C
Output Short Circuit
Continuous (Autorecovery)
General
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation Voltage
60 Seconds
1,500
VDC
Isolation Resistance
500 VDC
1,000
Isolation Capacitance
100 kHz, 1V
65
pF
Switching Frequency , Single Output
Iout = 100%
100
650
kHz
Switching Frequency , Dual Output
Iout = 100%
200
400
kHz
Environmental
Parameter
Conditions
Min.
Typ.
Max.
Units
Operating Temperature Range
Ambient
-40
+25
+85
°C
Storage Temperature Range
-55
+125
°C
Cooling
Free Air Convection
Humidity
RH, Non-condensing
95
%
Physical
Case Size
1.02 x 0.37 x 0.49 Inches (26.0 x 9.50 x 12.50 mm)
Case Material
Non-Conductive Black Plastic (UL94-V0)
Weight
0.24 Oz (7.0g)
Reliability Specifications
Parameter
Conditions
Min.
Typ.
Max.
Units
MTBF
MIL HDBK 217F, 25°C, Gnd Benign
1.0
MHours
Absolute Maximum Ratings
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Voltage Surge (1 Sec)
24 VDC Input
-0.7
40.0
VDC
48 VDC Input
-0.7
80.0
Lead Temperature
1.5 mm From Case For 10 Sec
300
°C
Internal Power Dissipation
All Models
1,800
mW
Caution: Exceeding Absolute Maximum Ratings may damage the module. These are not continuous operating ratings.
MicroPower Direct
292 Page Street
Suite D
Stoughton, MA 02072
USA
T: (781) 344-8226
F: (781) 344-8481
E: sales@micropowerdirect.com
W: www.micropowerdirect.com
Electrical Specifications
Specifications typical @ +25°C, nominal input voltage & rated output current, unless otherwise noted. Specifications subject to change without notice.
RoHS Compliant


Similar Part No. - D200ERU

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
D200ERU MPD-D200ERU_14 Datasheet
319Kb / 2P
   D200ERU SERIES
More results

Similar Description - D200ERU

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
E200E MPD-E200E Datasheet
201Kb / 2P
   Low Cost, 2W Ultra-Miniature SIP DC/DC Converters
ME200SE MPD-ME200SE Datasheet
429Kb / 2P
   Low Cost, 2W Ultra-Miniature SIP DC/DC Converters
D200RU MPD-D200RU Datasheet
223Kb / 2P
   Miniature SIP, 2W Ultra-Wide 4:1 Input DC/DC Converters
logo
List of Unclassifed Man...
D221RW ETC1-D221RW Datasheet
70Kb / 2P
   Miniature SIP, 2W Wide Input Range DC/DC Converters
logo
MicroPower Direct, LLC
D200RW MPD-D200RW Datasheet
198Kb / 2P
   Miniature SIP, 2W Wide Input Range DC/DC Converters
D100ERW MPD-D100ERW Datasheet
185Kb / 2P
   Low Cost, Miniature 1W SIP, Wide Input DC/DC Converters
MD200XEI MPD-MD200XEI Datasheet
409Kb / 2P
   Low Cost, 2W High Isolation SIP DC/DC Converters
D200EI MPD-D200EI Datasheet
168Kb / 2P
   Low Cost, 2W SIP High Isolation DC/DC Converters
D200ERW MPD-D200ERW Datasheet
188Kb / 2P
   Low Cost, Miniature 2W SIP, Wide Input DC/DC Con vert ers
MD200XE MPD-MD200XE Datasheet
350Kb / 2P
   Low Cost, 2W Miniature SIP DC/DC Con vert ers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com