Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SNJ54HC193W Datasheet(PDF) 6 Page - Texas Instruments

Part # SNJ54HC193W
Description  4-BIT SYNCHRONOUS UP/DOWN COUNTERS DUAL CLOCK WITH CLEAR
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SNJ54HC193W Datasheet(HTML) 6 Page - Texas Instruments

Back Button SNJ54HC193W Datasheet HTML 2Page - Texas Instruments SNJ54HC193W Datasheet HTML 3Page - Texas Instruments SNJ54HC193W Datasheet HTML 4Page - Texas Instruments SNJ54HC193W Datasheet HTML 5Page - Texas Instruments SNJ54HC193W Datasheet HTML 6Page - Texas Instruments SNJ54HC193W Datasheet HTML 7Page - Texas Instruments SNJ54HC193W Datasheet HTML 8Page - Texas Instruments SNJ54HC193W Datasheet HTML 9Page - Texas Instruments SNJ54HC193W Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
SN54HC193, SN74HC193
4BIT SYNCHRONOUS UP/DOWN COUNTERS
(DUAL CLOCK WITH CLEAR)
SCLS122D − DECEMBER 1982 − REVISED OCTOBER 2003
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
TA = 25°C
SN54HC193
SN74HC193
UNIT
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
2 V
1.9
1.998
1.9
1.9
IOH = −20 µA
4.5 V
4.4
4.499
4.4
4.4
VOH
VI = VIH or VIL
IOH = −20 µA
6 V
5.9
5.999
5.9
5.9
V
VOH
VI = VIH or VIL
IOH = −4 mA
4.5 V
3.98
4.3
3.7
3.84
V
IOH = −5.2 mA
6 V
5.48
5.8
5.2
5.34
2 V
0.002
0.1
0.1
0.1
IOL = 20 µA
4.5 V
0.001
0.1
0.1
0.1
VOL
VI = VIH or VIL
IOL = 20 µA
6 V
0.001
0.1
0.1
0.1
V
VOL
VI = VIH or VIL
IOL = 4 mA
4.5 V
0.17
0.26
0.4
0.33
V
IOL = 5.2 mA
6 V
0.15
0.26
0.4
0.33
II
VI = VCC or 0
6 V
±0.1
±100
±1000
±1000
nA
ICC
VI = VCC or 0,
IO = 0
6 V
8
160
80
µA
Ci
2 V to 6 V
3
10
10
10
pF
timing requirements over recommended operating free-air temperature range (unless otherwise
noted)
VCC
TA = 25°C
SN54HC193
SN74HC193
UNIT
VCC
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
2 V
4.2
2.8
3.3
fclock
Clock frequency
4.5 V
21
14
17
MHz
fclock
Clock frequency
6 V
24
16
19
MHz
2 V
120
180
150
CLR high
4.5 V
24
36
30
CLR high
6 V
21
31
26
2 V
120
180
150
tw
Pulse duration
LOAD low
4.5 V
24
36
30
ns
tw
Pulse duration
LOAD low
6 V
21
31
26
ns
2 V
120
180
150
UP or DOWN high or low
4.5 V
24
36
30
UP or DOWN high or low
6 V
21
31
26
2 V
110
165
140
Data before LOAD inactive
4.5 V
22
33
28
Data before LOAD inactive
6 V
19
28
24
2 V
110
165
140
tsu
Setup time
CLR inactive before UP
↑ or DOWN↑
4.5 V
22
33
28
ns
tsu
Setup time
CLR inactive before UP
↑ or DOWN↑
6 V
19
28
24
ns
2 V
110
165
140
LOAD inactive before UP
↑ or DOWN↑
4.5 V
22
33
28
LOAD inactive before UP
↑ or DOWN↑
6 V
19
28
24
2 V
5
5
5
th
Hold time
Data after LOAD inactive
4.5 V
5
5
5
ns
th
Hold time
Data after LOAD inactive
6 V
5
5
5
ns


Similar Part No. - SNJ54HC193W

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SNJ54HC193W TI1-SNJ54HC193W Datasheet
1Mb / 21P
[Old version datasheet]   4-BIT SYNCHRONOUS UP/DOWN COUNTERS DUAL CLOCK WITH CLEAR
More results

Similar Description - SNJ54HC193W

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54192 TI-SN54192 Datasheet
846Kb / 22P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN COUNTERS (DUAL CLOCK WITH CLEAR)
SN54HC193 TI1-SN54HC193_15 Datasheet
1Mb / 21P
[Old version datasheet]   4-BIT SYNCHRONOUS UP/DOWN COUNTERS DUAL CLOCK WITH CLEAR
SN54ALS193A TI-SN54ALS193A Datasheet
130Kb / 8P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTERS WITH DUAL CLOCK AND CLEAR
logo
Aeroflex Circuit Techno...
UT54ACS193 AEROFLEX-UT54ACS193 Datasheet
260Kb / 10P
   Synchronous 4-Bit Up-Down Dual Clock Counters
logo
Texas Instruments
SN74HC193-Q1 TI1-SN74HC193-Q1 Datasheet
233Kb / 13P
[Old version datasheet]   4-BIT SYNCHRONOUS UP/DOWN COUNTER (DUAL CLOCK WITH CLEAR)
logo
Hitachi Semiconductor
HD74LS193 HITACHI-HD74LS193 Datasheet
104Kb / 7P
   Synchronous Up/Down 4-bit Binary Counters(dual clock lines)
logo
Texas Instruments
SN54LS668 TI-SN54LS668 Datasheet
481Kb / 12P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN COUNTERS
logo
STMicroelectronics
M54HC190 STMICROELECTRONICS-M54HC190 Datasheet
299Kb / 14P
   4 BIT SYNCHRONOUS UP/DOWN COUNTERS
logo
Texas Instruments
SN54192 TI1-SN54192_15 Datasheet
1Mb / 27P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN COUNTERS
logo
STMicroelectronics
M74HC190 STMICROELECTRONICS-M74HC190_01 Datasheet
555Kb / 14P
   4 BIT SYNCHRONOUS UP/DOWN COUNTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com