Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D224E Datasheet(PDF) 2 Page - MicroPower Direct, LLC

Part # D224E
Description  Low Cost, 2W SIP Single & Dual Output DC/DC Converters
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

D224E Datasheet(HTML) 2 Page - MicroPower Direct, LLC

  D224E Datasheet HTML 1Page - MicroPower Direct, LLC D224E Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Notes:
All dimensions are typical in inches (mm)
Tolerance x.xx =
±0.01 (±0.25)
Pin 1 is marked by a “dot” or indentation on the side of the unit
Model
Number
Input
Output
Load
Regulation
(%, Max)
Efficiency
(%, Typ)
Fuse Rating
Slow-Blow
(mA)
Voltage (VDC)
Current (mA)
Voltage
(VDC)
Current
(mA, Max)
Current
(mA, Min)
Nominal
Range
Full-Load
No-Load
D201E
5
4.5 - 5.5
494
30
5.0
400.0
40.0
15
81
1,000
D202E
5
4.5 - 5.5
488
30
9.0
222.0
23.0
15
82
1,000
D203E
5
4.5 - 5.5
476
30
12.0
167.0
17.0
15
84
1,000
D204E
5
4.5 - 5.5
476
30
15.0
133.0
14.0
15
84
1,000
D205E
5
4.5 - 5.5
488
30
±5.0
±200.0
±20.0
15
82
1,000
D206E
5
4.5 - 5.5
482
30
±9.0
±111.0
±12.0
15
83
1,000
D207E
5
4.5 - 5.5
470
30
±12.0
±83.0
±9.0
15
85
1,000
D208E
5
4.5 - 5.5
470
30
±15.0
±67.0
±7.0
15
85
1,000
D211E
12
10.8 - 13.2
203
15
5.0
400.0
40.0
15
82
500
D212E
12
10.8 - 13.2
201
15
9.0
222.0
23.0
15
83
500
D213E
12
10.8 - 13.2
196
15
12.0
167.0
17.0
15
85
500
D214E
12
10.8 - 13.2
196
15
15.0
133.0
14.0
15
85
500
D215E
12
10.8 - 13.2
201
15
±5.0
±200.0
±20.0
15
83
500
D216E
12
10.8 - 13.2
198
15
±9.0
±111.0
±12.0
15
84
500
D217E
12
10.8 - 13.2
194
15
±12.0
±83.0
±9.0
15
86
500
D218E
12
10.8 - 13.2
194
15
±15.0
±67.0
±7.0
15
86
500
D221E
24
21.6 - 26.4
100
8
5.0
400.0
40.0
15
83
200
D222E
24
21.6 - 26.4
99
8
9.0
222.0
23.0
15
84
200
D223E
24
21.6 - 26.4
97
8
12.0
167.0
17.0
15
86
200
D224E
24
21.6 - 26.4
97
8
15.0
133.0
14.0
15
86
200
D225E
24
21.6 - 26.4
99
8
±5.0
±200.0
±20.0
15
84
200
D226E
24
21.6 - 26.4
98
8
±9.0
±111.0
±12.0
15
85
200
D227E
24
21.6 - 26.4
96
8
±12.0
±83.0
±9.0
15
87
200
D228E
24
21.6 - 26.4
96
8
±15.0
±67.0
±7.0
15
87
200
Pin
Single
Dual
Pin
Single
Dual
1
+Vin
+Vin
5
No Pin
Common
2
-Vin
-Vin
6
+Vout
+Vout
4
-Vout
-Vout
Derating Curve
g
g
g
Notes:
1. Output load regulation is specified for a load change of 10% to
100%.
2. These units should not be operated with a load under 10% of
full load. Operation at no-load may cause damage to the unit.
3. These converters will operate without external components.
However, when measuring output ripple, it is recommended
that an external ceramic capacitor be placed from the +Vout
pin to the -Vout pin for single output units and from each out-
put to common for dual output units. An input capacitor will
enhance stability over temperature and input line variations.
Recommended capacitor values are given in the table below.
For applications requiring very low output noise levels, a simple
LC filter should be effective.
4. Dual output units may be connected to provide a 10V, 18V, 24V
or 30 VDC output. To do this, connect the load across the posi-
tive (+Vout) and negative (-Vout) outputs and float the output
common
5. It is recommended that a fuse be used on the input of a power
supply for protection. See the Model Selection table above for
the correct rating.
Vin
Input
Capacitor
Vout
Output Capacitor
Single
Dual
5 VDC
4.7
µF
5 VDC
10.0
µF
4.7
µF
12 VDC
2.2
µF
9 VDC
4.7
µF
2.2
µF
24 VDC
1.0
µF
12 VDC
2.2
µF
1.0
µF
15 VDC
1.0
µF
0.47
µF
MicroPower Direct
www.micropowerdirect.com
292 Page Street Ste D Stoughton, MA 02072
TEL: (781) 344-8226
FAX: (781) 344-8481
E-Mail: sales@micropowerdirect.com
Model Selection Guide
Mechanical Dimensions
Pin Connections


Similar Part No. - D224E

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
D224ED MPD-D224ED Datasheet
209Kb / 2P
   Very Low Cost, 2W SIP Dual Isolated Output DC/DC Converters
D224EI MPD-D224EI Datasheet
168Kb / 2P
   Low Cost, 2W SIP High Isolation DC/DC Converters
D224ERW MPD-D224ERW Datasheet
188Kb / 2P
   Low Cost, Miniature 2W SIP, Wide Input DC/DC Con vert ers
More results

Similar Description - D224E

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
D200ED MPD-D200ED Datasheet
209Kb / 2P
   Very Low Cost, 2W SIP Dual Isolated Output DC/DC Converters
logo
Minmax Technology Co., ...
MAU300 MINMAX-MAU300 Datasheet
217Kb / 6P
   2W, Miniature SIP, Single & Dual Output DC/DC Converters
logo
List of Unclassifed Man...
D221 ETC1-D221 Datasheet
91Kb / 2P
   Single & Dual Output Miniature, 2W SIP DC/DC Converters
logo
MicroPower Direct, LLC
D200 MPD-D200 Datasheet
219Kb / 2P
   Single & Dual Output Miniature, 2W SIP DC/DC Converters
logo
MPS Industries, Inc.
ADC300 MPSIND-ADC300 Datasheet
172Kb / 2P
   2W, Miniature SIP, Single & Dual Output DC/DC Converters
logo
Minmax Technology Co., ...
S200R MINMAX-S200R Datasheet
233Kb / 6P
   2W, Low Cost DIP, Single & Dual Output DC/DC Converters
logo
MicroPower Direct, LLC
D100E MPD-D100E Datasheet
183Kb / 2P
   Low Cost, 1W SIP Single & Dual Output DC/DC Converters
MHI200DI5.7 MPD-MHI200DI5.7 Datasheet
645Kb / 3P
   High Isolation, 2W SIP Single & Dual Output DC/DC Converters
LF200ES MPD-LF200ES Datasheet
325Kb / 2P
   Low Cost, 2W SMT Single Output DC/DC Converters
E200E MPD-E200E Datasheet
201Kb / 2P
   Low Cost, 2W Ultra-Miniature SIP DC/DC Converters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com