Electronic Components Datasheet Search |
|
VCF0503LANCE1 Datasheet(PDF) 3 Page - JDS Uniphase Corporation |
|
VCF0503LANCE1 Datasheet(HTML) 3 Page - JDS Uniphase Corporation |
3 / 4 page Specifications1 3 Parameter VCF050 VCF100 Optimized tuning range 1525 to 1570 nm (C band) or 1565 to 1610 nm (L band) Bandwidth (BW at -0.5 dB) Typical 15 GHz 25 GHz Bandwidth (BW at -1 dB) Minimum 20 GHz 30 GHz Bandwidth (BW at -3 dB) Typical 35 GHz 70 GHz Bandwidth (BW at -20 dB) Maximum 84 GHz 160 GHz Non-adjacent rejection Minimum -40 dB -40 dB -1 dB bandwidth variation over tuning range Typical ±5% ±5% Insertion loss Maximum 3.0 dB 3.0 dB Insertion loss variation over tuning range Typical 0.5 dB 0.5 dB Frequency setting accuracy2 Typical ±3 GHz ±3 GHz Maximum ±4 GHz ±5 GHz Potentiometer frequency backlash Typical 2 GHz 2 GHz Maximum 8 GHz 8 GHz Stepper motor frequency backlash Typical 3 GHz 3 GHz Maximum 9.5 GHz 9.5 GHz Stepper motor frequency repeatability (unidirectional) Typical ±0.5 GHz ±0.5 GHz Polarization dependent loss3 Maximum 0.30 dB 0.20 dB Polarization mode dispersion3 0.2 ps 0.2 ps Group delay dispersion2 ±50 ps/nm ±20 ps/nm Return loss Minimum 40 dB Settling time Maximum 30 ms Tuning speed Maximum 5000 ms Wear Maximum 1.2 x 106 nm Fiber type SMF-28 with 900 µm buffered jacket or 250 µm bare fiber Maximum optical power (single-channel) Maximum 10 dBm Maximum optical power (all channels) Maximum 23 dBm Dimensions (W x H x D)4 side pinout 25 x 12 x 50 mm Operating temperature -5 to 70 °C Storage temperature -40 to 85 °C 1. All specifications are excluding connectors, over operating temperature range -5 to 70°C, wavelength range 1525 to 1570 nm or 1565 to 1610 nm, and all polarization states. 2. Using insertion loss feedback. 3. Within specified bandwidth over ±12 GHz from filter center. 4. Excluding strain relief and connector pins. VCF SERIES Filter Performance: VCF100 Relative Frequency (GHz) 0 -5 -10 -15 -20 -25 -30 -200 -175 -150 -125 -100 -75 -50 -25 0 25 50 75 100 125 150 175 200 60 40 20 0 -20 -40 -60 |
Similar Part No. - VCF0503LANCE1 |
|
Similar Description - VCF0503LANCE1 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |