Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VSA-0CPHC10NC Datasheet(PDF) 2 Page - JDS Uniphase Corporation

Part # VSA-0CPHC10NC
Description  Variable Slope Attenuators
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

VSA-0CPHC10NC Datasheet(HTML) 2 Page - JDS Uniphase Corporation

  VSA-0CPHC10NC Datasheet HTML 1Page - JDS Uniphase Corporation VSA-0CPHC10NC Datasheet HTML 2Page - JDS Uniphase Corporation VSA-0CPHC10NC Datasheet HTML 3Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
(Note: Negative slope and low contrast variant)
Performance
2
VSA SERIES
Specifications
Parameter
High Contrast
Low Contrast
Optimized wavelength range
C band
1530 to 1560 nm
1528 to 1565 nm
L band
1570 to 1610 nm
1568 to 1609 nm
Insertion loss at minimum slope1,2
Maximum
1.3 dB
1.3 dB
Insertion loss at maximum slope1,2
Maximum
2.2 dB
2.0 dB
Loss contrast at maximum slope1
Minimum
7.0 dB
4.0 dB
Minimum loss slope1
Maximium
0.02 dB/nm
0.02 dB/nm
Linearity
Maximum
1.0 dB (absolute)
0.5 dB (absolute)
Polarization dependent loss
Maximum
0.25 dB
0.25 dB
Polarization mode dispersion
0.1 ps
0.1 ps
Return loss1
Minimum
40 dB
35 dB
Repeatability3
Typical
0.003 dB/nm
0.002 dB/nm
Resolution
Typical
0.003 dB/nm
0.002 dB/nm
Backlash
Typical
0.003 dB/nm
0.002 dB/nm
Fiber type
SMF-28 with 900 µm buffered jacket or 250 µm bare fiber
Maximum optical power
Maximum
200 mW
200 mW
Dimensions (W x H x D)4
25 x 12 x 50 mm
25 x 12 x 50 mm
Operating temperature
-5 to 70 °C
-5 to 70 °C
Storage temperature
-40 to 85 °C
-40 to 85 °C
1. Excluding connectors.
2. Measured at
λMIN for negative slope and at λMAX for positive slope.
3. With reference to potentiometer voltage at 25 °C.
4. Excluding strain relief and connector pins.
-7
-6
-5
-4
-3
-2
-1
0
1525
1530
1535
1540
1545
1550
1555
1560
1565
1570
Wavelength (nm)
Start
+165
+250
+330
+415
+500
+580
+660
+750
End


Similar Part No. - VSA-0CPHC10NC

ManufacturerPart #DatasheetDescription
logo
Volgen Kaga Electronics...
VSA05-2.5S1R2 VOLGEN-VSA05-2.5S1R2 Datasheet
606Kb / 7P
   High Efficiency, Small, Low price, Step-Down DC-DC Converter
logo
Vishay Siliconix
VSA101 VISHAY-VSA101 Datasheet
120Kb / 5P
   Ultra High Precision Axial Z-Foil Resistor with TCR of ± 0.05 ppm/°C, PCR of 5 ppm at Rated Power
Revision: 03-Nov-08
logo
Volgen Kaga Electronics...
VSA24-12S0R6 VOLGEN-VSA24-12S0R6 Datasheet
606Kb / 7P
   High Efficiency, Small, Low price, Step-Down DC-DC Converter
VSA24-3.3S1R2 VOLGEN-VSA24-3.3S1R2 Datasheet
606Kb / 7P
   High Efficiency, Small, Low price, Step-Down DC-DC Converter
logo
Connor-Winfield Corpora...
VSA31012 CONNOR-WINFIELD-VSA31012 Datasheet
64Kb / 1P
   SURFACE MOUNT ACMOS VCXO
More results

Similar Description - VSA-0CPHC10NC

ManufacturerPart #DatasheetDescription
logo
Merrimac Industries, In...
ARC-1 MERRIMAC-ARC-1 Datasheet
247Kb / 2P
   VARIABLE ATTENUATORS, MANUAL
logo
Hirose Electric
HRLA-C1ML-06-PJ HIROSE-HRLA-C1ML-06-PJ Datasheet
104Kb / 2P
   Optical Variable Attenuators
logo
BOWEI Integrated Circui...
HE411B BOWEI-HE411B Datasheet
68Kb / 1P
   Voltage Variable Attenuators
HE891A BOWEI-HE891A Datasheet
86Kb / 1P
   Voltage Variable Attenuators
HE893 BOWEI-HE893 Datasheet
78Kb / 1P
   Voltage Variable Attenuators
logo
Merrimac Industries, In...
AR-1 MERRIMAC-AR-1 Datasheet
244Kb / 2P
   VARIABLE ATTENUATORS, MANUAL
logo
BOWEI Integrated Circui...
HE892 BOWEI-HE892 Datasheet
71Kb / 1P
   Voltage Variable Attenuators
logo
CML Microcircuits
DB839 CMLMICRO-DB839 Datasheet
169Kb / 20P
   Two Variable Attenuators
logo
Qualwave Inc. All right...
QCA1 QUALWAVE-QCA1 Datasheet
144Kb / 1P
   Continuously Variable Attenuators
logo
Copal Electronics
E-TA COPAL-E-TA Datasheet
110Kb / 5P
   THERMAL VARIABLE ATTENUATORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com