Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VCF0503CANCC1 Datasheet(PDF) 1 Page - JDS Uniphase Corporation

Part # VCF0503CANCC1
Description  Voltage-Controlled Optical Filters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

VCF0503CANCC1 Datasheet(HTML) 1 Page - JDS Uniphase Corporation

  VCF0503CANCC1 Datasheet HTML 1Page - JDS Uniphase Corporation VCF0503CANCC1 Datasheet HTML 2Page - JDS Uniphase Corporation VCF0503CANCC1 Datasheet HTML 3Page - JDS Uniphase Corporation VCF0503CANCC1 Datasheet HTML 4Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
AGILE OPTICAL COMPONENTS
Key Features
• 50 and 100 GHz tunable filters for C or L band
• High adjacent and non-adjacent channel rejection
• Good wavelength setting accuracy
• Low insertion loss
• Low chromatic dispersion
• Wide tuning range
• Low tuning voltage
• Pins extruding from side of the package
• Mountable on PCB with small footprint
The JDSU Agile Optical Components family includes modulators, switches,
attenuators and tunable filters. These products provide the basis for spectrally
efficient DWDM transmission utilizing dispersion tolerant modulation, channel
monitoring, wavelength switching, remote power control and dynamic channel
selection. They support a wide range of flexible functionalities at lower
operational expenses for the Agile Optical Network. In addition, we have a
complete line of tunable lasers assemblies and sub-assemblies in our Agile
Transmission Module family.
The JDSU VCF series is a voltage-controlled tunable band pass filters* that can be
used for amplified spontaneous emission (ASE) suppression of optical signals and
for single-channel demultiplexing from a multichannel dense wavelength division
multiplexing (DWDM) optical signal stream. The VCF can also be used in flexible
and dynamic wavelength optical add/drop applications. The VCF uses hermetic
sealing for increased resistance to environmental extremes. The VCF series offers
excellent optical performance in either C or L band.
The center wavelength selection is precisely tuned using a stepper motor driven by
an external integrated circuit controller. The driver moves the filter up and down
in uniform steps in the center wavelength, to provide high resolution. The VCF is
compact in size and can easily be mounted on a printed circuit board (PCB).
The transmission spectrum of the VCF is optimized for low insertion loss, high
rejection, and low chromatic dispersion.
* Patent pending.
Applications
• ASE suppression for optical fiber
amplifiers (OFAs) and tunable lasers
or receivers
• Signal demultiplexers for wavelength
division multiplexers (WDMs) or
1xN splitters
• Dynamic wavelength selection
associated with WDM systems using
optical add/drops and flexible
wavelength conversion
Voltage-Controlled Optical Filters
VCF Series
NORTH AMERICA
: 800 498-JDSU (5378)
WEBSITE
: www.jdsu.com
WORLDWIDE
: +800 5378-JDSU


Similar Part No. - VCF0503CANCC1

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
VCF0 SCHNEIDER-VCF0 Datasheet
185Kb / 3P
   TeSys Vario - emergency stop switch disconnector - 25 A - on door
VCF0 SCHNEIDER-VCF0 Datasheet
199Kb / 3P
   TeSys Vario - emergency stop switch disconnector - 25 A - on door
Jun 13, 2022
VCF01 SCHNEIDER-VCF01 Datasheet
104Kb / 3P
   TeSys Vario - emergency stop switch disconnector - 20 A - on door
VCF01 SCHNEIDER-VCF01 Datasheet
115Kb / 3P
   TeSys Vario - emergency stop switch disconnector - 20 A - on door
Jun 13, 2022
VCF01GE SCHNEIDER-VCF01GE Datasheet
163Kb / 3P
   TeSys Vario enclosed, emergency switch disconnector, 16A, IP65
More results

Similar Description - VCF0503CANCC1

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
VCB01NC1 JDSU-VCB01NC1 Datasheet
137Kb / 4P
   Voltage-Controlled Optical Attenuators
logo
Z-Communications, Inc
V950ME17-LF ZCOMM-V950ME17-LF Datasheet
85Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
ZRO0743B2LF ZCOMM-ZRO0743B2LF Datasheet
85Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
V800ME10 ZCOMM-V800ME10_10 Datasheet
82Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
logo
SYNERGY MICROWAVE CORPO...
DCYS300600-5 SYNERGY-DCYS300600-5 Datasheet
357Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR VOLTAGE CONTROLLED OSCILLATOR
logo
API Technologies Corp
TOM9318 APITECH-TOM9318 Datasheet
50Kb / 1P
   VOLTAGE CONTROLLED
logo
List of Unclassifed Man...
ACTOCXO14 ETC2-ACTOCXO14 Datasheet
93Kb / 1P
   VOLTAGE CONTROLLED
logo
Z-Communications, Inc
CLV0625E ZCOMM-CLV0625E Datasheet
155Kb / 2P
   VOLTAGE CONTROLLED OSCILLATOR
V844ME21 ZCOMM-V844ME21 Datasheet
70Kb / 2P
   VOLTAGE CONTROLLED OSCILLATOR
V868MEM1-LF ZCOMM-V868MEM1-LF Datasheet
65Kb / 2P
   VOLTAGE CONTROLLED OSCILLATOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com