Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D133R Datasheet(PDF) 2 Page - MicroPower Direct, LLC

Part # D133R
Description  Tightly Regulated Miniature, 1W SIP DC/DC Converters
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

D133R Datasheet(HTML) 2 Page - MicroPower Direct, LLC

  D133R Datasheet HTML 1Page - MicroPower Direct, LLC D133R Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Notes:
1. Output load regulation is specified for a load
change of 20% to 100%.
2. When measuring output ripple, it is recommended
that an external ceramic capacitor (approx 10 μF)
be placed from the +Vout pin to the -Vout pin.
3. The 5V, 12V and 24V input units do not require
external components to operate, but the use of an
input capacitor (10 μF) may enhance performance
in some applications. An output capacitor (1.0 μF
to 10 μF) may be used to reduce ripple. The 48V
input models require an input capacitor of 4.7 μF
to 47 μF (dependent upon the application).
4. It is recommended that a fuse be used on the input
of a power supply for protection. See the table
above for the correct rating.
Derating Curve
g
Notes:
All dimensions are typical in inches (mm)
Tolerance x.xx = ±0.01 (±0.25)
Pin 1 is marked by a “dot” or indentation on
the side of the unit
Model Selection Guide
Mechanical Dimensions
Pin Connections
(μF Max)
220
Capacitive
Load
Model
Number
Input
Output
Efficiency
(%, Typ)
Fuse Rating
Slow-Blow
(mA)
Voltage (VDC)
Current (mA)
Voltage
(VDC)
Current
(mA, Max)
Current
(mA, Min)
Nominal
Range
Full-Load
No-Load
D101R
5
4.5 - 5.5
322
28
3.3
200.0
20.0
62
500
D102R
5
4.5 - 5.5
298
28
5.0
200.0
20.0
67
500
D103R
5
4.5 - 5.5
298
26
9.0
111.0
11.0
67
500
D104R
5
4.5 - 5.5
285
26
12.0
83.0
9.0
70
500
D105R
5
4.5 - 5.5
285
38
15.0
66.0
7.0
70
500
D111R
12
10.8 - 13.2
136
16
3.3
200.0
20.0
61
200
D112R
12
10.8 - 13.2
128
16
5.0
200.0
20.0
65
200
D113R
12
10.8 - 13.2
124
16
9.0
111.0
11.0
67
200
D114R
12
10.8 - 13.2
119
16
12.0
83.0
9.0
70
200
D115R
12
10.8 - 13.2
119
16
15.0
66.0
7.0
70
200
D121R
24
21.6 - 26.4
66
9
3.3
200.0
20.0
63
100
D122R
24
21.6 - 26.4
61
9
5.0
200.0
20.0
68
100
D123R
24
21.6 - 26.4
65
9
9.0
111.0
11.0
68
100
D124R
24
21.6 - 26.4
59
9
12.0
83.0
9.0
70
100
D125R
24
21.6 - 26.4
59
9
15.0
66.0
7.0
70
100
D131R
48
44.0 - 52.0
33
7
3.3
200.0
20.0
63
100
D132R
48
44.0 - 52.0
32
7
5.0
200.0
20.0
65
100
D133R
48
44.0 - 52.0
32
7
9.0
111.0
11.0
67
100
D134R
48
44.0 - 52.0
30
7
12.0
83.0
9.0
70
100
D135R
48
44.0 - 52.0
30
7
15.0
66.0
7.0
70
100
Pin
Function
1+Vin
2-Vin
4
-Vout
6
+Vout
MicroPower Direct
www.micropowerdirect.com
292 Page Street Ste D Stoughton, MA 02072
TEL: (781) 344-8226
FAX: (781) 344-8481
E-Mail: sales@micropowerdirect.com


Similar Part No. - D133R

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
D133 MPD-D133 Datasheet
200Kb / 2P
   Single & Dual Output Miniature, 1W SIP DC/DC Converters
logo
Panasonic Semiconductor
D1330 PANASONIC-D1330 Datasheet
42Kb / 2P
   Silicon NPN epitaxial planer type(For low-voltage output amplification)
logo
eupec GmbH
D1331SH EUPEC-D1331SH Datasheet
219Kb / 10P
   Schnelle beschaltungslose Diode Fast Hard Drive Diode
logo
Infineon Technologies A...
D1331SH INFINEON-D1331SH Datasheet
349Kb / 11P
   Full blocking capability 50/60Hz over a wide temperature range
2015-04-01 Revision: 10.2
logo
NXP Semiconductors
D133513 NXP-D133513 Datasheet
470Kb / 14P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 03/2021
More results

Similar Description - D133R

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
G100R MPD-G100R Datasheet
68Kb / 2P
   Tightly Regulated, 1W Ultra-Miniature DIP DC/DC Converters
D100ER MPD-D100ER Datasheet
192Kb / 2P
   Low Cost, 1W SIP Tightly Regulated DC/DC Con vert ers
logo
Burr-Brown (TI)
DCR01 BURR-BROWN-DCR01 Datasheet
151Kb / 9P
   Miniature, 1W Isolated REGULATED DC/DC CONVERTERS
DCR01 BURR-BROWN-DCR01_07 Datasheet
326Kb / 18P
   Miniature, 1W Isolated REGULATED DC/DC CONVERTERS
logo
Texas Instruments
DCR010503P TI1-DCR010503P_14 Datasheet
326Kb / 19P
[Old version datasheet]   Miniature, 1W Isolated REGULATED DC/DC CONVERTERS
logo
MicroPower Direct, LLC
D100I MPD-D100I Datasheet
201Kb / 2P
   High Isolation Miniature, 1W SIP DC/DC Converters
E100I MPD-E100I Datasheet
185Kb / 2P
   High Isolation Miniature, 1W SIP DC/DC Converters
logo
MPS Industries, Inc.
ADC100 MPSIND-ADC100 Datasheet
172Kb / 2P
   1W, Miniature SIP, Single & Dual Output DC/DC Converters
logo
MicroPower Direct, LLC
E100 MPD-E100 Datasheet
160Kb / 2P
   Isolated, Single Output Miniature, 1W SIP DC/DC Converters
E100E MPD-E100E Datasheet
230Kb / 2P
   Low Cost, 1W Ultra-Miniature SIP DC/DC Converters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com