Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN54HC193 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN54HC193
Description  4-BIT SYNCHRONOUS UP/DOWN COUNTERS DUAL CLOCK WITH CLEAR
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN54HC193 Datasheet(HTML) 1 Page - Texas Instruments

  SN54HC193 Datasheet HTML 1Page - Texas Instruments SN54HC193 Datasheet HTML 2Page - Texas Instruments SN54HC193 Datasheet HTML 3Page - Texas Instruments SN54HC193 Datasheet HTML 4Page - Texas Instruments SN54HC193 Datasheet HTML 5Page - Texas Instruments SN54HC193 Datasheet HTML 6Page - Texas Instruments SN54HC193 Datasheet HTML 7Page - Texas Instruments SN54HC193 Datasheet HTML 8Page - Texas Instruments SN54HC193 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
SN54HC193, SN74HC193
4BIT SYNCHRONOUS UP/DOWN COUNTERS
(DUAL CLOCK WITH CLEAR)
SCLS122D − DECEMBER 1982 − REVISED OCTOBER 2003
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Wide Operating Voltage Range of 2 V to 6 V
D Outputs Can Drive Up To 10 LSTTL Loads
D Low Power Consumption, 80-µA Max ICC
D Typical tpd = 20 ns
D ±4-mA Output Drive at 5 V
D Low Input Current of 1 µA Max
D Look-Ahead Circuitry Enhances Cascaded
Counters
D Fully Synchronous in Count Modes
D Parallel Asynchronous Load for Modulo-N
Count Lengths
D Asynchronous Clear
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
B
QB
QA
DOWN
UP
QC
QD
GND
VCC
A
CLR
BO
CO
LOAD
C
D
SN54HC193 ...J OR W PACKAGE
SN74HC193 . . . D, N, NS, OR PW PACKAGE
(TOP VIEW)
32 1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
CLR
BO
NC
CO
LOAD
QA
DOWN
NC
UP
QC
SN54HC193 . . . FK PACKAGE
(TOP VIEW)
NC − No internal connection
description/ordering information
The
’HC193
devices
are
4-bit
synchronous,
reversible,
up/down
binary
counters.
Synchronous operation is provided by having all flip-flops clocked simultaneously so that the outputs change
coincidentally with each other when so instructed by the steering logic. This mode of operation eliminates the
output counting spikes normally associated with asynchronous (ripple-clock) counters.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
PDIP − N
Tube of 25
SN74HC193N
SN74HC193N
Tube of 40
SN74HC193D
SOIC − D
Reel of 2500
SN74HC193DR
HC193
−40
°C to 85°C
SOIC − D
Reel of 250
SN74HC193DT
HC193
−40
°C to 85°C
SOP − NS
Reel of 2000
SN74HC193NSR
HC193
Tube of 90
SN74HC193PW
TSSOP − PW
Reel of 2000
SN74HC193PWR
HC193
TSSOP − PW
Reel of 250
SN74HC193PWT
HC193
CDIP − J
Tube of 25
SNJ54HC193J
SNJ54HC193J
−55
°C to 125°C
CFP − W
Tube of 150
SNJ54HC193W
SNJ54HC193W
−55 C to 125 C
LCCC − FK
Tube of 55
SNJ54HC193FK
SNJ54HC193FK
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are
available at www.ti.com/sc/package.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Copyright
 2003, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
On products compliant to MILPRF38535, all parameters are tested
unless otherwise noted. On all other products, production
processing does not necessarily include testing of all parameters.


Similar Part No. - SN54HC193

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HC193 TI1-SN54HC193 Datasheet
1Mb / 21P
[Old version datasheet]   4-BIT SYNCHRONOUS UP/DOWN COUNTERS DUAL CLOCK WITH CLEAR
SN54HC193J TI1-SN54HC193J Datasheet
1Mb / 21P
[Old version datasheet]   4-BIT SYNCHRONOUS UP/DOWN COUNTERS DUAL CLOCK WITH CLEAR
SN54HC193 TI1-SN54HC193_15 Datasheet
1Mb / 21P
[Old version datasheet]   4-BIT SYNCHRONOUS UP/DOWN COUNTERS DUAL CLOCK WITH CLEAR
More results

Similar Description - SN54HC193

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54192 TI-SN54192 Datasheet
846Kb / 22P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN COUNTERS (DUAL CLOCK WITH CLEAR)
SN54HC193 TI1-SN54HC193_15 Datasheet
1Mb / 21P
[Old version datasheet]   4-BIT SYNCHRONOUS UP/DOWN COUNTERS DUAL CLOCK WITH CLEAR
SN54ALS193A TI-SN54ALS193A Datasheet
130Kb / 8P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTERS WITH DUAL CLOCK AND CLEAR
logo
Aeroflex Circuit Techno...
UT54ACS193 AEROFLEX-UT54ACS193 Datasheet
260Kb / 10P
   Synchronous 4-Bit Up-Down Dual Clock Counters
logo
Texas Instruments
SN74HC193-Q1 TI1-SN74HC193-Q1 Datasheet
233Kb / 13P
[Old version datasheet]   4-BIT SYNCHRONOUS UP/DOWN COUNTER (DUAL CLOCK WITH CLEAR)
logo
Hitachi Semiconductor
HD74LS193 HITACHI-HD74LS193 Datasheet
104Kb / 7P
   Synchronous Up/Down 4-bit Binary Counters(dual clock lines)
logo
Texas Instruments
SN54LS668 TI-SN54LS668 Datasheet
481Kb / 12P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN COUNTERS
logo
STMicroelectronics
M54HC190 STMICROELECTRONICS-M54HC190 Datasheet
299Kb / 14P
   4 BIT SYNCHRONOUS UP/DOWN COUNTERS
logo
Texas Instruments
SN54192 TI1-SN54192_15 Datasheet
1Mb / 27P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN COUNTERS
logo
STMicroelectronics
M74HC190 STMICROELECTRONICS-M74HC190_01 Datasheet
555Kb / 14P
   4 BIT SYNCHRONOUS UP/DOWN COUNTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com