Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN54HC191 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # SN54HC191
Description  4-BIT SYNCHRONOUS UP/DOWN BINARY COUNTERS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN54HC191 Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN54HC191 Datasheet HTML 4Page - Texas Instruments SN54HC191 Datasheet HTML 5Page - Texas Instruments SN54HC191 Datasheet HTML 6Page - Texas Instruments SN54HC191 Datasheet HTML 7Page - Texas Instruments SN54HC191 Datasheet HTML 8Page - Texas Instruments SN54HC191 Datasheet HTML 9Page - Texas Instruments SN54HC191 Datasheet HTML 10Page - Texas Instruments SN54HC191 Datasheet HTML 11Page - Texas Instruments SN54HC191 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
SN54HC191, SN74HC191
4BIT SYNCHRONOUS UP/DOWN BINARY COUNTERS
SCLS121D − DECEMBER 1982 − REVISED OCTOBER 2003
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended operating free-air temperature range, CL = 50 pF
(unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
VCC
TA = 25°C
SN54HC191
SN74HC191
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
2 V
4.2
8
2.8
3.3
fmax
4.5 V
21
42
14
17
MHz
fmax
6 V
24
48
16
19
MHz
2 V
130
264
396
330
LOAD
Any Q
4.5 V
40
53
79
66
LOAD
Any Q
6 V
33
45
67
56
QA, QB, QC,
2 V
135
240
360
300
A, B, C, or D
QA, QB, QC,
or QD
4.5 V
36
48
72
60
A, B, C, or D
or QD
6 V
30
41
61
51
2 V
58
120
180
150
RCO
4.5 V
17
24
36
30
RCO
6 V
14
21
31
26
2 V
107
192
288
240
CLK
Any Q
4.5 V
31
38
58
48
tpd
CLK
Any Q
6 V
26
32
49
41
ns
tpd
2 V
123
252
378
315
ns
MAX/MIN
4.5 V
39
50
76
63
MAX/MIN
6 V
32
43
65
54
2 V
102
228
342
285
RCO
4.5 V
29
46
68
57
D/U
RCO
6 V
24
38
59
49
D/U
2 V
86
192
288
240
MAX/MIN
4.5 V
24
38
58
48
MAX/MIN
6 V
20
32
49
41
2 V
50
132
198
165
CTEN
RCO
4.5 V
15
26
40
33
CTEN
RCO
6 V
13
23
34
28
2 V
38
75
110
95
tt
Any
4.5 V
8
15
22
19
ns
tt
Any
6 V
6
13
19
16
ns
operating characteristics, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance
No load
50
pF


Similar Part No. - SN54HC191

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HC191 TI1-SN54HC191 Datasheet
1Mb / 21P
[Old version datasheet]   4-BIT SYNCHRONOUS UP/DOWN BINARY COUNTERS
SN54HC191-DIE TI1-SN54HC191-DIE Datasheet
132Kb / 6P
[Old version datasheet]   4-Bit Synchronous Up/Down Binary Counter
SN54HC191J TI1-SN54HC191J Datasheet
1Mb / 21P
[Old version datasheet]   4-BIT SYNCHRONOUS UP/DOWN BINARY COUNTERS
SN54HC191TDE1 TI1-SN54HC191TDE1 Datasheet
132Kb / 6P
[Old version datasheet]   4-Bit Synchronous Up/Down Binary Counter
SN54HC191TDE2 TI1-SN54HC191TDE2 Datasheet
132Kb / 6P
[Old version datasheet]   4-Bit Synchronous Up/Down Binary Counter
More results

Similar Description - SN54HC191

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
UT54ACS191 AEROFLEX-UT54ACS191 Datasheet
258Kb / 10P
   Synchronous 4-Bit Up-Down Binary Counters
logo
Texas Instruments
SN54ALS191A TI1-SN54ALS191A_15 Datasheet
625Kb / 18P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTERS
SN54ALS169B TI-SN54ALS169B_07 Datasheet
686Kb / 19P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTERS
SN54ALS169B TI-SN54ALS169B Datasheet
148Kb / 9P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTERS
SN54ALS191A TI-SN54ALS191A Datasheet
133Kb / 8P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTERS
SN54ALS193A TI1-SN54ALS193A_15 Datasheet
404Kb / 15P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTERS
SN54LS169B TI-SN54LS169B_99 Datasheet
421Kb / 12P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTERS
SN54LS169B TI-SN54LS169B Datasheet
823Kb / 20P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTERS
logo
Hitachi Semiconductor
HD74LS669 HITACHI-HD74LS669 Datasheet
102Kb / 7P
   Synchronous Up/Down 4-bit Binary Counters
logo
Texas Instruments
SN54ALS169B TI-SN54ALS169B_08 Datasheet
826Kb / 20P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com