Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FFS-157K6 Datasheet(PDF) 4 Page - JDS Uniphase Corporation

Part # FFS-157K6
Description  Fused Coupler, Near Infrared
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

FFS-157K6 Datasheet(HTML) 4 Page - JDS Uniphase Corporation

  FFS-157K6 Datasheet HTML 1Page - JDS Uniphase Corporation FFS-157K6 Datasheet HTML 2Page - JDS Uniphase Corporation FFS-157K6 Datasheet HTML 3Page - JDS Uniphase Corporation FFS-157K6 Datasheet HTML 4Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
NORTH AMERICA
: 800 498-JDSU (5378)
WEBSITE
: www.jdsu.com
WORLDWIDE
: +800 5378-JDSU
LC is a registered trademark of Lucent Technologies.
4
Ordering Information
For more information on this or other products and their availability, please contact your local JDSU account manager or
JDSU directly at 1-800-498-JDSU (5378) in North America and +800-5378-JDSU worldwide or via e-mail at
customer.service@jdsu.com.
Sample: FFS-060K31A10 (Fused Fiber Speciality Coupler, 1060 nm, 50/50 coupling ratio, regular housing, 1x2, A grade, 1 m
pigtails, no connectors)
FUSED COUPLER, NEAR INFRARED
Code
Housing2
3Regular
4
Ø 0.9 mm slim
5
Ø 0.9 mm
semi-ruggedised
6
Ø 3.0mm fully
ruggedised
Code
Configuration
11x2
22x2
Code
Wavelength
(Second and
Third Digit)
Examples:
33
x33 nm
32
x32 nm
57
x57 nm
Code
Wavelength
(First Digit)
7
7xx nm
8
8xx nm
9
9xx nm
0
10xx nm
1
11xx nm
FFS-
Code
Coupling Ratio1
A
10%
C
20%
E
30%
H
40%
K
50%
Code
Pigtail Length3
(Minimum)
0
0.5 meter
11 meter
Code
Connectors2,4
0None
1FC/PC
3
FC/APC
5
SC/APC
9
FC/UPC
A
SC/UPC
BLC5
Code
Grade
AGrade A
BGrade B
1. Other coupling ratio are available. Please contact JDSU for ordering codes of coupling ratios not listed.
2. Connectors may be fitted to housing types 4, 5 and 6. For connectorisation of housing type 3, please contact JDSU sales office.
3. Minimum pigtail length. Other pigtail lengths are available on request. When the pigtail has been modified to include a
connector, pigtail length measurment includes the connector end face.
4. Excess Loss in specification table does not include connector losses.
5. LC connector is not available for housing code 6, fully ruggedised housing.
Product specifications and descriptions in this document subject to change without notice. © 2007 JDS Uniphase Corporation 21025845 Rev. 003 10/05 FFSNI.DS.CC.AE
March 2007


Similar Part No. - FFS-157K6

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
FFS-B32A3 JDSU-FFS-B32A3 Datasheet
120Kb / 3P
   Fused Coupler, Visible Light
FFS-B32A4 JDSU-FFS-B32A4 Datasheet
120Kb / 3P
   Fused Coupler, Visible Light
FFS-B32A5 JDSU-FFS-B32A5 Datasheet
120Kb / 3P
   Fused Coupler, Visible Light
FFS-B32A6 JDSU-FFS-B32A6 Datasheet
120Kb / 3P
   Fused Coupler, Visible Light
FFS-B32C3 JDSU-FFS-B32C3 Datasheet
120Kb / 3P
   Fused Coupler, Visible Light
More results

Similar Description - FFS-157K6

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MT5720-IR MARKTECH-MT5720-IR Datasheet
595Kb / 2P
   Near Infrared LED
MT5720-IR MARKTECH-MT5720-IR_15 Datasheet
595Kb / 2P
   Near Infrared LED
logo
OPLINK Communications I...
MMFC OPLINK-MMFC Datasheet
212Kb / 2P
   Fused Fiber Coupler
logo
JDS Uniphase Corporatio...
FFC-A1H01B1 JDSU-FFC-A1H01B1 Datasheet
187Kb / 5P
   Fused Coupler,Two Window
FFP-5M3145E0 JDSU-FFP-5M3145E0 Datasheet
109Kb / 3P
   Fused Coupler, PM Combiner
FFS-R33A3 JDSU-FFS-R33A3 Datasheet
120Kb / 3P
   Fused Coupler, Visible Light
FFC-31H JDSU-FFC-31H Datasheet
172Kb / 4P
   Fused Coupler, Single Window
logo
Texas Instruments
DLP2010NIR TI1-DLP2010NIR Datasheet
742Kb / 39P
[Old version datasheet]   0.2 WVGA Near-Infrared DMD
DLP4500NIR TI1-DLP4500NIR_19 Datasheet
2Mb / 53P
[Old version datasheet]   .45 WXGA Near-Infrared DMD
logo
TT Electronics.
OPA80 TTELEC-OPA80 Datasheet
1Mb / 4P
   Near Infrared Light Ring Series
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com