Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D114EI Datasheet(PDF) 2 Page - MicroPower Direct, LLC

Part # D114EI
Description  Low Cost, 1W SIP High Isolation DC/DC Converters
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

D114EI Datasheet(HTML) 2 Page - MicroPower Direct, LLC

  D114EI Datasheet HTML 1Page - MicroPower Direct, LLC D114EI Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Model
Number
Input
Output
Load
Regulation
(%, Max)
Efficiency
(%, Typ)
Fuse Rating
Slow-Blow
(mA)
Voltage (VDC)
Current (mA)
Voltage
(VDC)
Current
(mA, Max)
Current
(mA, Min)
Nominal
Range
Full-Load
No-Load
D101EI
5
4.5 - 5.5
286
30
5.0
200.0
20.0
15
70
500
D102EI
5
4.5 - 5.5
267
30
9.0
111.0
12.0
15
75
500
D103EI
5
4.5 - 5.5
256
30
12.0
83.0
9.0
15
78
500
D104EI
5
4.5 - 5.5
250
30
15.0
67.0
7.0
15
80
500
D105EI
5
4.5 - 5.5
278
30
±5.0
±100.0
±10.0
15
72
500
D106EI
5
4.5 - 5.5
267
30
±9.0
±56.0
±6.0
15
75
500
D107EI
5
4.5 - 5.5
256
30
±12.0
±42.0
±5.0
15
78
500
D108EI
5
4.5 - 5.5
253
30
±15.0
±33.0
±4.0
15
79
500
D111EI
12
10.8 - 13.2
115
15
5.0
200.0
20.0
15
72
200
D112EI
12
10.8 - 13.2
110
15
9.0
111.0
12.0
15
76
200
D113EI
12
10.8 - 13.2
105
15
12.0
83.0
9.0
15
79
200
D114EI
12
10.8 - 13.2
103
15
15.0
67.0
7.0
15
81
200
D115EI
12
10.8 - 13.2
113
15
±5.0
±100.0
±10.0
15
74
200
D116EI
12
10.8 - 13.2
110
15
±9.0
±56.0
±6.0
15
76
200
D117EI
12
10.8 - 13.2
105
15
±12.0
±42.0
±5.0
15
79
200
D118EI
12
10.8 - 13.2
104
15
±15.0
±33.0
±4.0
15
80
200
D121EI
24
21.6 - 26.4
57
8
5.0
200.0
20.0
15
73
100
D122EI
24
21.6 - 26.4
54
8
9.0
111.0
12.0
15
77
100
D123EI
24
21.6 - 26.4
52
8
12.0
83.0
9.0
15
80
100
D124EI
24
21.6 - 26.4
51
8
15.0
67.0
7.0
15
82
100
D125EI
24
21.6 - 26.4
56
8
±5.0
±100.0
±10.0
15
74
100
D126EI
24
21.6 - 26.4
55
8
±9.0
±56.0
±6.0
15
76
100
D127EI
24
21.6 - 26.4
52
8
±12.0
±42.0
±5.0
15
80
100
D128EI
24
21.6 - 26.4
51
8
±15.0
±33.0
±4.0
15
81
100
Derating Curve
Notes:
All dimensions are typical in inches (mm)
Tolerance x.xx = ±0.01 (±0.25)
Pin 1 is marked by a “dot” or indentation on the side of the unit
Pin
Single
Dual
Pin
Single
Dual
1
+Vin
+Vin
6
No Pin
Common
2
-Vin
-Vin
7
+Vout
+Vout
5
-Vout
-Vout
Notes:
1. Output load regulation is specified for a load change of 10% to 100%.
2. These units should not be operated with a load under 10% of full load.
Operation at no-load may cause damage to the unit.
3. These converters will operate without external components. However,
when measuring output ripple, it is recommended that an external ceramic
capacitor be placed
from the +Vout pin to
the -Vout pin for single
output units and from
each output to common
for dual output units.
An input capacitor will
enhance stability over
temperature and input line variations. Recommended capacitor values are
given in the table above. For applications requiring very low output noise
levels, a simple LC filter should be effective.
4. Dual output units may be connected to provide a 10V, 18V, 24V or
30 VDC output. To do this, connect the load across the positive (+Vout) and
negative (-Vout) outputs and float the output common
5. It is recommended that a fuse be used on the input of a power supply for
protection. See the Model Selection table above for the correct rating.
Vin
Input
Capacitor
Vout
Output Capacitor
Single
Dual
5 VDC
4.7 μF
5 VDC
10.0 μF
4.7 μF
12 VDC
2.2 μF
9 VDC
4.7 μF
2.2 μF
24 VDC
1.0 μF
12 VDC
2.2 μF
1.0 μF
15 VDC
1.0 μF
0.47 μF
Other input/output combinations are available
(i.e. 3.3 VDC). Contact the factory for details at:
sales@micropowerdirect.com
Pin Connections
Model Selection Guide
Mechanical Dimensions
MicroPower Direct
www.micropowerdirect.com
292 Page Street Ste D Stoughton, MA 02072
TEL: (781) 344-8226
FAX: (781) 344-8481
E-Mail: sales@micropowerdirect.com


Similar Part No. - D114EI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D114EI ETC1-D114EI Datasheet
82Kb / 2P
   Low Cost, 1W High Isolation SIP DC/DC Converters
More results

Similar Description - D114EI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D118EI ETC1-D118EI Datasheet
82Kb / 2P
   Low Cost, 1W High Isolation SIP DC/DC Converters
logo
MicroPower Direct, LLC
D100EHI MPD-D100EHI Datasheet
181Kb / 2P
   Low Cost, Miniature SIP 1W, Very High Isolation DC/DC Converters
D100I MPD-D100I Datasheet
201Kb / 2P
   High Isolation Miniature, 1W SIP DC/DC Converters
D200EI MPD-D200EI Datasheet
168Kb / 2P
   Low Cost, 2W SIP High Isolation DC/DC Converters
MD200XEI MPD-MD200XEI Datasheet
409Kb / 2P
   Low Cost, 2W High Isolation SIP DC/DC Converters
E100I MPD-E100I Datasheet
185Kb / 2P
   High Isolation Miniature, 1W SIP DC/DC Converters
G100EI MPD-G100EI Datasheet
180Kb / 2P
   Low Cost, 1W MiniDIP High Isolation DC/DC Converters
E100E MPD-E100E Datasheet
230Kb / 2P
   Low Cost, 1W Ultra-Miniature SIP DC/DC Converters
D100VHI MPD-D100VHI Datasheet
193Kb / 2P
   Miniature, 1W SIP Ultra-High Isolation DC/DC Converters
E100EI MPD-E100EI Datasheet
266Kb / 2P
   1W, High Isolation Ultra-Miniature SIP DC/DC Converters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com