Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S5U2178 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # S5U2178
Description  CMOS Low Dropout Voltage Regula tor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

S5U2178 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  S5U2178 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH S5U2178 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH S5U2178 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH S5U2178 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH S5U2178 Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH S5U2178 Datasheet HTML 6Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Elektronische Bauelemente
S5U2178
CMOS Low Dropout
Voltage Regulator
*
Highly Accurate 1.5%
Features
* Low Temperature Coefficient
* Over-Temperature Shutdown
* Very Low Dropout Voltage
* Noise Reduction Bypass Capacitor
* Short Circuit Current Fold-back
* Guaranteed
1.5 A output
* Current Limiting
* Portable Electronics
Applications
*
PC Peripherals
*
Wireless Devices
* Battery Powered Widgets
* Instrumentation
Typical Application Circuit
Functional Block Diagram
* Power-Saving Shutdown Mode
The S5U2178 is stable with an output capacitance
4.7µF or greater.
Bypass and Ground.
of
The S5U2178 series positive,linear regulators feature low quiescent
current (45µA typ.) with low dropout voltage, making them ideal
for battery applications. Output voltage are set at the factory and
trimmed to 1.5% accuracy.These rugged devices have both
Thermal Shutdown and Current Fold-back to prevent device failure
under the "Worst" of operating conditions. In applications requiring a
low noise, regulated supply, place a 1000pF capacitor between
Description
01-Jun-2002 Rev. A
Page 1 of 6
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
RoHS Compliant Product
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
4.40
4.80
c2
1.25
1.45
b
0.66
0.91
L2
1.27 REF.
L4
0.00
0.30 B D
8.6
9.0
c
0.36
0.5
e
1.70 REF.
L1
2.29
2.79
L
14.6
15.8
E
9.80
10.4
Millimeter
±
S5U2178


Similar Part No. - S5U2178

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
S5U2179 SECOS-S5U2179 Datasheet
1Mb / 6P
   CMOS Low Dropout Voltage Regula tor
More results

Similar Description - S5U2178

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
S5U2179 SECOS-S5U2179 Datasheet
1Mb / 6P
   CMOS Low Dropout Voltage Regula tor
S5JLM2931 SECOS-S5JLM2931 Datasheet
945Kb / 4P
   100mA CMOS Low Dropout Adjustable Voltage Regula tor
S2113 SECOS-S2113 Datasheet
638Kb / 5P
   CMOS Positive Voltage Regula tor
SQ2181 SECOS-SQ2181 Datasheet
1Mb / 5P
   CMOS Positive Voltage Regula tor
S62VP SECOS-S62VP Datasheet
1Mb / 7P
   CMOS Positive Voltage Regula tor
SQ2131 SECOS-SQ2131 Datasheet
1,002Kb / 5P
   CMOS Positive Voltage Regula tor
SQ2143 SECOS-SQ2143 Datasheet
1Mb / 8P
   CMOS Positive Voltage Regula tor
SQ2153 SECOS-SQ2153 Datasheet
1Mb / 7P
   CMOS Positive Voltage Regula tor
S5M2163 SECOS-S5M2163 Datasheet
957Kb / 7P
   CMOS Positive Voltage Regula tor
SQ2113 SECOS-SQ2113 Datasheet
958Kb / 5P
   CMOS Positive Voltage Regula tor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com