Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S5U1284 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # S5U1284
Description  4A Ultra Low Dropout Positive Adjustable or Fixed-Mode Regulator
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

S5U1284 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  S5U1284 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH S5U1284 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH S5U1284 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH S5U1284 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Elektronische Bauelemente
01-Jun-2002 Rev. A
Page 1 of
4
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
RoHS Compliant Product
Typical Circuit
S5U1284
4
A Ultra Low Dropout
Positive Adjustable or Fixed-Mode Regulator
Description
The S5U1284 is 4A regulator with extremely low dropout voltage.
This product is specifically designed to provide well regulated
supply for applications requiring 2.8V or lower voltages from 3.3V
ATX power supplies where high efficiency of the switch can be
achieved without the cost and compliexity associated with
switching regulator. One such application is the new graphic
chipsets that requires anywhere from 2.4V to 2.7V supply.
* Adjustable or Fixed Output Voltage 1.5V,1.8V,2.5V,3.3V,5.0V
Features
*
0.7V Max. Dropout Voltage At 4A Load Current
* Output Current Limiting
* Good Noise Rejection
* Fast Transient Response
* Built-in Thermal Shutdown
Pin Descriptions
Block Diagram
Name
I/O
Description
Adj (Gnd)
A resistor divider from this pin to the Vout pin and ground sets the output voltage. (Gnd only for fixed mode)
Vsense
I
The pin is the positive side of the reference that allows remote load sensing to achieve excellent load
regulation. A minimum of 10uF capacitor must be connected from this pin to ground to insure stability.
Vin
I
The input pin of regulator. Typically a large storage capacitor is connected from this pin to ground to insure
that the input voltage does not sag below the minimum dropout voltage during the load transient response.
This pin must always be higher than Vout in order for the device to regulate.
Vctrl
I
This pin is the supply pin for the internal control circuit as well as the base drive for the pass transistor. This
pin must always by higher than the Vout pin in order the device to regulate. A minimum of 100uF capacitor
must be connected from this pin to ground to insure stability.
Vout
O
The output of the regulator. A minimum of 100uF capacitor must be connected from this pin to ground to
insure stability.
S5U1284-25
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
4.40
4.80
c2
1.25
1.45
b
0.66
0.91
L2
1.27 REF.
L4
0.00
0.30 B D
8.6
9.0
c
0.36
0.5
e
1.70 REF.
L1
2.29
2.79
L
14.6
15.8
E
9.80
10.4
Millimeter


Similar Part No. - S5U1284

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
S5U1118 SECOS-S5U1118 Datasheet
490Kb / 3P
   1A Positive Low Dropout Fixed-Mode Regulator With EN Function
logo
Epson Company
S5U13503P00C EPSON-S5U13503P00C Datasheet
535Kb / 94P
   LCD Controller ICs
S5U13504P00C EPSON-S5U13504P00C Datasheet
535Kb / 94P
   LCD Controller ICs
S5U13505P00C EPSON-S5U13505P00C Datasheet
535Kb / 94P
   LCD Controller ICs
S5U13506P00C EPSON-S5U13506P00C Datasheet
535Kb / 94P
   LCD Controller ICs
More results

Similar Description - S5U1284

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1184 DIODES-AP1184_07 Datasheet
293Kb / 11P
   4A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1184 Rev. 2
AP1184 DIODES-AP1184 Datasheet
313Kb / 12P
   4A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1184 Rev. 1
logo
GTM CORPORATION
G5E1284 GTM-G5E1284 Datasheet
214Kb / 4P
   4A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
logo
E-Tech Electronics LTD
G5E1284 ETL-G5E1284 Datasheet
217Kb / 4P
   4A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
logo
Anachip Corp
AP1184 ANACHIP-AP1184 Datasheet
236Kb / 11P
   4A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
logo
Diodes Incorporated
AP1184 DIODES-AP1184_08 Datasheet
265Kb / 12P
   4A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1184 Rev. 4
logo
Anachip Corp
AP1186 ANACHIP-AP1186 Datasheet
191Kb / 8P
   1.5A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
logo
Diodes Incorporated
AP1186 DIODES-AP1186 Datasheet
269Kb / 9P
   1.5A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1186 Rev. 1
logo
E-Tech Electronics LTD
G5E1286 ETL-G5E1286 Datasheet
301Kb / 4P
   1.5A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
logo
Advanced Power Electron...
APE1185 A-POWER-APE1185 Datasheet
569Kb / 10P
   3A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com