Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SQ223Y42 Datasheet(PDF) 3 Page - JDS Uniphase Corporation

Part # SQ223Y42
Description  Flexible Small Channel Count Switch Module
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

SQ223Y42 Datasheet(HTML) 3 Page - JDS Uniphase Corporation

  SQ223Y42 Datasheet HTML 1Page - JDS Uniphase Corporation SQ223Y42 Datasheet HTML 2Page - JDS Uniphase Corporation SQ223Y42 Datasheet HTML 3Page - JDS Uniphase Corporation SQ223Y42 Datasheet HTML 4Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
FLEXIBLE SMALL CHANNEL COUNT SWITCH MODULE
Parameter
Single-mode (SM)
Multimode (MM)
Wavelength range
850 to 1350 nm
850 to 1350 nm
or 1270 to 1670 nm
Fiber type
9/125 µm
50/125 µm, 62.5/125 µm
Fiber jacket size
900 µm fiber, 3.0 mm cable
Configuration
1 x 3 to 1 x 8
Dual 1 x 2 (2 independent 1 x 2's)
Duplex 1 x 2 (2 x 4 "D")
Duplex 1 x 3 (2 x 6 "D")
Duplex 1 x 4 (2 x 8 "D")
Optical connectors
FC/PC, FC/APC, SC/PC, SC/APC, LC/PC, no connector
Length
0.3 to 9.9 m (± 5 cm for lengths under 1 m, ± 5% for lengths 1 m or greater)
Test orientation
Standard, bi-directional
Insertion loss (IL)2 (includes one FC/PC connection)
1 x 3, 1 x 4, Dual 1 x 2, 2 x 4 "D"
< 1.1 dB
< 1.0 dB
1 x 5, 1 x 6, 1 x 7, 1 x 8, 2 x 6 "D", 2 x 8 "D"
< 1.25 dB
< 1.15 dB
Return loss (RL) (excludes connectors)
Selected port SM
> 55 dB
> 55 dB
Selected port MM
> 30 dB
> 30 dB
Polarization dependent loss (PDL)
1 x 3, 1 x 4, Dual 1 x 2, 2 x 4 "D"
< 0.08 dB
-
1 x 5, 1 x 6, 1 x 7, 1 x 8, 2 x 6 "D", 2 x 8 "D"
< 0.10 dB
-
IL stability3
1 hour
± 0.02 dB
± 0.02 dB
24 hours
± 0.05 dB
± 0.05 dB
Repeatability4,5
1 x 3, 1 x 4, Dual 1 x 2, 2 x 4 "D"
< 0.01 dB (p-p)
(± 0.005 dB)
1 x 5, 1 x 6, 1 x 7, 1 x 8, 2 x 6 "D", 2 x 8 "D"
< 0.02 dB (p-p)
(± 0.01 dB)
Crosstalk/isolation
Selected port to other ports
< -60 dB
< -50 dB
Bi-directional - non-selected to other non-selected
< -50 dB
< -40 dB
Optical input power
300 mW max
Lifetime
> 10 million cycles
Switching time
< 20 ms
Control interface
Configurable TTL
Operating voltage (DC)2,6
5.0 V DC ± 10 % at 100 mA (300 mA max during switching)
Qualification testing
GR1073 for Central Office
182 g (1 x 8, 1.5 meters of 900 µm fiber, FC/PC connectors)
Operating temperature
0 to 60 °C
Storage temperature
-40 to 85 °C
Humidity (relative, non-condensing)
Operating
< 90 % at 23 °C, < 20 % at 60 °C
Storage
< 90 % at 60 °C, < 40 % at 85 °C
Dimensions (W x H x D)
70 x 17 x 70 mm
Weight
119 g (1 x 8, 1.5 meters of 900 µm fiber, no connectors)
1. Unless otherwise specified, all specifications at start of life at 23 °C ± 3 °C and 45 % RH ± 5 %.
2. At 23 °C ± 3 °C at specified test wavelengths (850/1310 MM or 1310/1550 SM) and optical input power of -25 to 0 dBm.
3. Drift of any channel at ± 3 °C deviation of ambient temperature without changing channels (excludes repeatability).
4. Repeatability as per Telcordia GR-1073-CORE (100 cycles, max-min/peak-to-peak).
5. Measured between two consecutive readings over 100 cycles.
6. At 23°C. Over full temperature range: 5.0 V ± 5%.
Specifications


Similar Part No. - SQ223Y42

ManufacturerPart #DatasheetDescription
logo
Polyfet RF Devices
SQ221 POLYFET-SQ221 Datasheet
58Kb / 2P
   SILICON GATE ENHANCEMENT MODE
logo
Semicoa Semiconductor
SQ2222A SEMICOA-SQ2222A Datasheet
29Kb / 1P
   Chip Type 2C2222A Geometry 0400 Polarity NPN
SQ2222AF SEMICOA-SQ2222AF Datasheet
29Kb / 1P
   Chip Type 2C2222A Geometry 0400 Polarity NPN
More results

Similar Description - SQ223Y42

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
OFMS-1XN OPLINK-OFMS-1XN Datasheet
278Kb / 2P
   Large Channel Count 1xN Switch Module
OFMS06400002315 OPLINK-OFMS06400002315 Datasheet
376Kb / 2P
   OFMS Series Large Channel Count 1xN Switch Subsystem
logo
Qorvo, Inc
QPB9319 QORVO-QPB9319 Datasheet
1Mb / 11P
   Dual-Channel Switch LNA Module
QPB9348 QORVO-QPB9348 Datasheet
1Mb / 13P
   Dual-Channel Switch LNA Module
June 27, 2019
logo
TriQuint Semiconductor
QPB9319 TRIQUINT-QPB9319 Datasheet
1Mb / 11P
   Dual-Channel Switch LNA Module
logo
Qorvo, Inc
QPB9329 QORVO-QPB9329 Datasheet
1Mb / 11P
   Dual-Channel Switch LNA Module
QPB9318 QORVO-QPB9318 Datasheet
4Mb / 14P
   Dual-Channel Switch LNA Module
August 10, 2017
logo
Zarlink Semiconductor I...
ZL50012 ZARLINK-ZL50012 Datasheet
1Mb / 65P
   Flexible 512-ch Digital Switch
logo
PLX Technology
PEX8516 PLX-PEX8516 Datasheet
2Mb / 5P
   Flexible & Versatile PCI Express Switch
PEX8533 PLX-PEX8533 Datasheet
369Kb / 4P
   Flexible & Versatile PCI Express??Switch
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com