Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B1515RU Datasheet(PDF) 2 Page - MicroPower Direct, LLC

Part # B1515RU
Description  Ultra-Wide Input 15W Single & Dual Output DC/DC Converters
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

B1515RU Datasheet(HTML) 2 Page - MicroPower Direct, LLC

  B1515RU Datasheet HTML 1Page - MicroPower Direct, LLC B1515RU Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Model Selection Guide
Mechanical Dimensions
Model
Number
Input
Reflected
Ripple
Current
(mA, Typ)
Output
Efficiency
(%, Typ)
Capacitive
Load
(µF Max)
Fuse Rating
Slow-Blow
(mA)
Voltage (VDC)
Current (mA)
Voltage
(VDC)
Current
(mA, Max)
Current
(mA, Min)
Nominal
Range
Full-Load No-Load
B1501RU
24
9.0 - 36.0
528
25
40
3.3
3,000
300.0
78
470
2,500
B1502RU
24
9.0 - 36.0
762
25
40
5.0
3,000
300.0
82
470
2,500
B1503RU
24
9.0 - 36.0
735
25
40
12.0
1,250
125.0
85
470
2,500
B1504RU
24
9.0 - 36.0
726
25
40
15.0
1,000
100.0
86
470
2,500
B1505RU
24
9.0 - 36.0
753
25
40
±5.0
±1,500
±150.0
81
±220
2,500
B1506RU
24
9.0 - 36.0
735
25
40
±12.0
±625
±62.5
85
±220
2,500
B1507RU
24
9.0 - 36.0
726
25
40
±15.0
±500
±50.0
86
±220
2,500
B1511RU
48
18.0 - 75.0
264
15
30
3.3
3,000
300.0
78
470
1,250
B1512RU
48
18.0 - 75.0
381
15
30
5.0
3,000
300.0
82
470
1,250
B1513RU
48
18.0 - 75.0
368
15
30
12.0
1,250
125.0
85
470
1,250
B1514RU
48
18.0 - 75.0
363
15
30
15.0
1,000
100.0
86
470
1,250
B1515RU
48
18.0 - 75.0
376
15
30
±5.0
±1,500
±150.0
81
±220
1,250
B1516RU
48
18.0 - 75.0
368
15
30
±12.0
±625
±62.5
85
±220
1,250
B1517RU
48
18.0 - 75.0
363
15
30
±15.0
±500
±50.0
86
±220
1,250
Notes:
1. When measuring output ripple, it is recommended that an external 4.7 µF ceramic capacitor be
placed from the +Vout pin to the -Vout pin for single output units and from each output to common
for dual output units.
2. Transient recovery is measured to within a 1% error band for a load step change of 75% to 100%.
3. The maximum control current at the on/off pin (pin 6) during a logic high is 50 µA. The maximum
control current to the on/off pin at logic low (-0.7V to 0.8V) is 1 mA. If the on/off pin is left open,
the unit operates. If it is grounded, the unit will shut off.
4. Operation at no-load will not damage these units. However, they may not meet all specifications.
5. Dual output units may be connected to provide a 10 VDC, 24 VDC or 30 VDC output. To do this,
connect the load across the positive (+Vout) and negative (-Vout) outputs and float the output
common.
6. The converter should be connected to a low ac-impedance source. An input source with a highly
inductive impedance may affect the stability of the converter.
In applications where the converter output loading is high and input power is supplied over long
lines, it may be necessary to use a capacitor on the input to insure start-up.
In this case, it is recommended that a low Equivalent Series Resistance (ESR <1.0
at 100 kHz)
capacitor be mounted close to the converter. A 10.0 µF is recommended.
7. It is recommended that a fuse be used on the input of a power supply for protection. See the table
above for the correct rating.
Heatsink Notes:
Use of the heatsink will extend the units operating temperature
range by approximately 10°C.
The heatsink is black anodized aluminum.
MicroPower Direct
We Power Your Success - For Less!
292 Page Street Ste D Stoughton, MA 02072
TEL: (781) 344-8226
FAX: (781) 344-8481
E-Mail: sales@micropowerdirect.com
Pin
Single
Dual
Pin
Single
Dual
1
+Vin
+Vin
4
No Pin
Comm.
2
-Vin
-Vin
5
-Vout
-Vout
3
+Vout
+Vout
6
ON/OFF ON/OFF
Pin Connections
Heatsink Dimensions (Optional)
For heatsink option, add suffix “H” to model number (i.e. B1503RU-H)
www.micropowerdirect.com
For Remote Control option, add suffix “R” to model number (i.e. B1503RU-R)
Mechanical Notes:
All dimensions are typical in inches (mm)
Tolerance x.xx = ±0.01 (±0.25)
Derating Curve


Similar Part No. - B1515RU

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
B1515RU MPD-B1515RU Datasheet
272Kb / 2P
   B1500RU SERIES
More results

Similar Description - B1515RU

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MKW2600 MINMAX-MKW2600 Datasheet
240Kb / 8P
   15W, Ultra-Wide Input Range, Single & Dual Output DC/DC Converters
MKW2500 MINMAX-MKW2500 Datasheet
240Kb / 8P
   15W, Wide Input Range, Single & Dual Output DC/DC Converters
logo
MicroPower Direct, LLC
B1200RU MPD-B1200RU Datasheet
81Kb / 2P
   Ultra-Wide Input 12W Single & Dual Output DC/DC Converters
MR1511S MPD-MR1511S Datasheet
859Kb / 4P
   Ultra-Wide Input, 15W Compact, Railway DC/DC Converters
A1500RU MPD-A1500RU Datasheet
272Kb / 2P
   15W Single & Dual Output DC/DC Converters
A500RU MPD-A500RU Datasheet
175Kb / 2P
   Single & Dual Output, 5W Ultra-Wide Input Range DC/DC Converters
A100ERU MPD-A100ERU Datasheet
211Kb / 2P
   Single & Dual Output, 1.5W Ultra-Wide Input Range DC/DC Converters
A400RU MPD-A400RU Datasheet
175Kb / 2P
   Single & Dual Output, 4W Ultra-Wide Input Range DC/DC Converters
A600ERU MPD-A600ERU Datasheet
193Kb / 2P
   Single & Dual Output, 6W Ultra-Wide Input Range DC/DC Converters
A300RU MPD-A300RU Datasheet
187Kb / 2P
   Single & Dual Output, 3W Ultra-Wide Input Range DC/DC Converters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com