Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS601M Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # RS601M
Description  VOLTAGE 50V ~ 1000V 6.0AMP Single Phase Bridge Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

RS601M Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  RS601M Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH RS601M Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Any changing of specification will not be informed individual
http://www.eris.com.tw
e-mail:eris@eris.com.tw
RS601M THRU RS607M
VOLTAGE 50V ~ 1000V
6.0AMP Single Phase Bridge Rectifiers
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature unless otherwise specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
.375"(9.5mm) Lead Length at Tc=100 C
FEATURES
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Maximum Forward Voltage Drop per Bridge Element at 6.0A D.C.
Maximum DC Reverse Current
Ta=25 C
at Rated DC Blocking Voltage
Ta=100 C
RS601M RS602M RS603M RS604M RS605M RS606M RS607M
UNITS
50
100
200
400
600
800
1000
V
50
100
200
400
600
800
1000
V
35
70
140
280
420
560
700
6.0
200
10
500
-65
+150
-65
+150
V
A
A
V
µA
µA
1.1
Dimensions in inches and (millimeters)
RS-6M
* Ideal for printed circuit board
* Low forward voltage
* Polarity: marked on body
* Mounting position: Any
* Low leakage current
* Weight: 4.0 grams
.303(7.7)
.287(7.3)
.709(18)
.669(17)
.602(15.3)
.579(14.7)
.147(3.7)
.130(3.3)
.382(9.7)
.365(9.3)
.061(1.55)
.053(1.35)
.024(0.6)
.016(0.4)
.037(0.95)
.030(0.75)
.531(13.5)
.492(12.5)
.134(3.4)
.122(3.1)
.043(1.1)
.035(0.9)
.083(2.1)
.067(1.7)
.935(23.7)
.895(22.7)
AC
Storage Temperature Range, TSTG
Operating Temperature Range, TJ
C
C
http://www.SeCoSGmbH.com
Elektronische Bauelemente


Similar Part No. - RS601M

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
RS601M RECTRON-RS601M Datasheet
23Kb / 2P
   SINGLE-PHASE SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 6.0 Amperes)
logo
Bytes
RS601M BYTES-RS601M Datasheet
148Kb / 2P
   SINGLE PHASE 6.0 AMP BRIDGE RECTIFIERS
logo
Zibo Seno Electronic En...
RS601M ZSELEC-RS601M Datasheet
111Kb / 2P
   6.0A GLASS PASSIVATED BRIDGE RECTIFIER
RS601M ZSELEC-RS601M Datasheet
114Kb / 2P
   6.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Rectron Semiconductor
RS601M RECTRON-RS601M_10 Datasheet
266Kb / 5P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 6.0 Amperes
More results

Similar Description - RS601M

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
RS601 SECOS-RS601 Datasheet
95Kb / 2P
   VOLTAGE 50V ~ 1000V 6.0AMP Single Phase Bridge Rectifiers
GBU6005 SECOS-GBU6005_11 Datasheet
963Kb / 2P
   Voltage 50V ~ 1000V 6.0Amp Glass Passivited Bridge Rectifiers
D6UB05 SECOS-D6UB05 Datasheet
189Kb / 2P
   Voltage 50V ~ 1000V 6.0Amp Glass Passivated Bridge Rectifiers
RB151 SECOS-RB151 Datasheet
226Kb / 2P
   VOLTAGE 50V ~ 1000V 1.5AMP Single Phase Bridge Rectifiers
RS201 SECOS-RS201 Datasheet
225Kb / 2P
   VOLTAGE 50V ~ 1000V 2.0AMP Single Phase Bridge Rectifiers
RS801 SECOS-RS801 Datasheet
238Kb / 2P
   VOLTAGE 50V ~ 1000V 8.0AMP Single Phase Bridge Rectifiers
RS801M SECOS-RS801M Datasheet
92Kb / 2P
   VOLTAGE 50V ~ 1000V 8.0AMP Single Phase Bridge Rectifiers
RS201L SECOS-RS201L Datasheet
290Kb / 2P
   VOLTAGE 50V ~ 1000V 2.0AMP Single Phase Bridge Rectifiers
RS1505 SECOS-RS1505 Datasheet
95Kb / 2P
   VOLTAGE 50V ~ 1000V 15.0 AMP Single Phase Bridge Rectifiers
logo
Shenzhen Luguang Electr...
KBL601 LUGUANG-KBL601 Datasheet
221Kb / 2P
   Single Phase 6.0AMP. Silicon Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com