Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

126N-1064-500 Datasheet(PDF) 3 Page - JDS Uniphase Corporation

Part # 126N-1064-500
Description  Continuous Wave (CW) Single-Frequency IR Laser
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

126N-1064-500 Datasheet(HTML) 3 Page - JDS Uniphase Corporation

  126N-1064-500 Datasheet HTML 1Page - JDS Uniphase Corporation 126N-1064-500 Datasheet HTML 2Page - JDS Uniphase Corporation 126N-1064-500 Datasheet HTML 3Page - JDS Uniphase Corporation 126N-1064-500 Datasheet HTML 4Page - JDS Uniphase Corporation 126N-1064-500 Datasheet HTML 5Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
CW SINGLE-FREQUENCY IR LASER
NPRO 125 Specifications 1
Parameter
125N-1319-xxx
125N-1064-xxx
Wavelength
1319 nm
1064 nm
CW power
>100, 150, 200 mW
>25 mW
Spatial mode
TEM00
TEM00
Longitudinal mode
Single frequency
Single frequency
Linewidth
<5 kHz/ms
<5 kHz/ms
Coherence length, calculated
>1000 m
>1000 m
Frequency drift 2
<50 MHz/hour
<50 MHz/hour
Amplitude noise, 10 Hz to 2 MHz
<0.05% rms
<0.05% rms
Power drift over 8 hours 3
<5% peak-to-peak
<5% peak-to-peak
Thermal tuning range, continuous
>10 GHz
>10 GHz
Thermal tuning range, total
>30 GHz
>30 GHz
Thermal tuning rate
>1 GHz/second
>1 GHz/second
Piezo tuning range, 0 to 100 V
>30 MHz
>30 MHz
Piezo response bandwidth, small signal
>30 kHz
>30 kHz
Warm-up time, from cold start (AC off)
1 minute
1 minute
Dimensions
Laser head size (W x H x D)
6 x 8 x 20 cm
6 x 8 x 20 cm
Weight
1.2 kg (2.65 lbs)
1.2kg (2.65 lbs)
Fiberoptic
Fiber supplier and part number
Fujikura SM13-P7/125-UV/UV-400
3M FS-PM-5121
Fiber pigtail length
>2 m
>2 m
Fiber pigtail connector alignment
FC/PC, key parallel to slow axis
FC/PC, key parallel to slow axis
Polarization, linear
>30:1, parallel to connector key
>30:1, parallel to connector key
Mode field diameter, NA
9.5 µm, 0.11
7.2 µm, 0.11
1. Fiber-coupled output.
2. Base temperature constant to within <2 °C, total range, after 30 minute warm-up.
3. Base temperature constant to within <5 °C, total range, after 30 minute warm-up.


Similar Part No. - 126N-1064-500

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
126NQ200-1 SMC-126NQ200-1 Datasheet
175Kb / 4P
   SCHOTTKY RECTIFIER
More results

Similar Description - 126N-1064-500

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
142H-532-100 JDSU-142H-532-100 Datasheet
217Kb / 4P
   Continuous Wave (CW) Single Frequency Green Laser
CY-SM20-M1 JDSU-CY-SM20-M1 Datasheet
231Kb / 5P
   Quasi-Continuous Wave (CW) UV Laser
logo
Analog Devices
ADN2830 AD-ADN2830_15 Datasheet
147Kb / 10P
   Continuous Wave Laser
REV. B
logo
Eudyna Devices Inc
FLD5F15CX-L EUDYNA-FLD5F15CX-L Datasheet
277Kb / 5P
   1,550nm Continuous Wave DFB Laser
FLD5F15CX-H EUDYNA-FLD5F15CX-H Datasheet
270Kb / 5P
   1,550nm Continuous Wave DFB Laser
logo
Analog Devices
ADN2830 AD-ADN2830 Datasheet
270Kb / 12P
   Continuous Wave Laser Average Power Controller
REV. A
ADN2830ACPZ32 AD-ADN2830ACPZ32 Datasheet
147Kb / 10P
   Continuous Wave Laser Average Power Controller
REV. B
logo
JDS Uniphase Corporatio...
FCD488-010 JDSU-FCD488-010 Datasheet
240Kb / 4P
   Continuous Wave 488 nm Solid-State Laser
logo
Hamamatsu Corporation
L9777-02 HAMAMATSU-L9777-02_15 Datasheet
256Kb / 2P
   CW laser diodes
L8933 HAMAMATSU-L8933 Datasheet
126Kb / 4P
   CW LASER DIODES
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com