Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QG5399A Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # QG5399A
Description  VOLTAGE 50V ~ 1000V 1.5AMP Surface Mount Silicon Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

QG5399A Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  QG5399A Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH QG5399A Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Any changing of specification will not be informed individual
QG5391A THRU QG5399A
VOLTAGE 50V ~ 1000V
1.5AMP Surface Mount Silicon Rectifiers
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature unless otherwise specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
.375"(9.5mm) Lead Length at Ta=75 C
FEATURES
MECHANICAL DATA
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Maximum Instantaneous Forward Voltage at 1.5A
Maximum DC Reverse Current
Ta=25 C
at Rated DC Blocking Voltage
Ta=100 C
Typical Junction Capacitance (Note 1)
50
100
200
400
600
800
1000
V
50
100
200
400
600
800
1000
V
35
70
140
280
420
560
700
1.5
50
10.0
100
30
-65
+175
V
A
A
V
µA
µA
pF
NOTES:
1. Measured at 1MHz and applied reverse voltage of 4.0V D.C.
2. Thermal Resistance from Junction to Ambient.
* Ideal for surface mount applications
* Easy pick and place
* Built-in strain relief
* High surge current capability
* Case: Molded plastic
* Epoxy: UL 94V-0 rate flame retardant
* Terminals: Solder plated, solderable per MIL-STD-202F,
method 208 guaranteed
* Polarity: Color band denotes cathode end
* Mounting position: Any
Weight: 0.063 gram
1.15
Typical Thermal Resistance RqJA (Note 2)
53
*
Operating and Storage Temperature Range TJ, TSTG
C
C/W
QG5391A QG5392A QG5393A QG5395A QG5397A QG5398A QG5399A
UNITS
http://www.SeCoSGmbH.com
Elektronische Bauelemente
01-Jun-2006 Rev. B
Page 1 of 2
A
B
D
G
E
H
F
C
Dimensions in
Millimeters
Dimensions in
Inches
A
1.25
1.65
0.049
0.065
B
3.99
4.60
0.157
0.181
C
2.50
2.90
0.098
0.114
D
1.98
2.44
0.078
0.096
E
0.051
0.203
0.002
0.008
F
4.78
5.28
0.188
0.208
G
0.76
1.52
0.030
0.060
H
0.152
0.305
0.006
0.012
SM A
RoHS Compliant Product
A suffix of "-C" specifies halogen & lead-free


Similar Part No. - QG5399A

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
QG5391A SECOS-QG5391A_15 Datasheet
177Kb / 2P
   1.5AMP Surface Mount Silicon Rectifiers
More results

Similar Description - QG5399A

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
QG301B SECOS-QG301B Datasheet
145Kb / 2P
   VOLTAGE 50V ~ 1000V 3.0Amp Surface Mount Silicon Rectifiers
QG201A SECOS-QG201A Datasheet
188Kb / 2P
   VOLTAGE 50V ~ 1000V 2.0AMP Surface Mount Silicon Rectifiers
QG301C SECOS-QG301C Datasheet
137Kb / 2P
   VOLTAGE 50V ~ 1000V 3.0AMP Surface Mount Silicon Rectifiers
RB151 SECOS-RB151 Datasheet
226Kb / 2P
   VOLTAGE 50V ~ 1000V 1.5AMP Single Phase Bridge Rectifiers
QG201B SECOS-QG201B Datasheet
137Kb / 2P
   VOLTAGE 50V ~ 1000V 2.0Amp Surface Mount Silicon Rectifiers
QG5391A SECOS-QG5391A_15 Datasheet
177Kb / 2P
   1.5AMP Surface Mount Silicon Rectifiers
logo
Taiwan Memory Technolog...
S4A TMT-S4A_16 Datasheet
359Kb / 4P
   4A, 50V - 1000V Surface Mount Rectifiers
S3A TMT-S3A_16 Datasheet
359Kb / 4P
   3A, 50V - 1000V Surface Mount Rectifiers
S2AA TMT-S2AA_16 Datasheet
365Kb / 4P
   2A, 50V - 1000V Surface Mount Rectifiers
S5A TMT-S5A_16 Datasheet
359Kb / 4P
   5A, 50V - 1000V Surface Mount Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com