Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QG306C Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # QG306C
Description  VOLTAGE 50V ~ 1000V 3.0AMP Surface Mount Silicon Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

QG306C Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  QG306C Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH QG306C Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Any changing of specification will not be informed individual
QG301C THRU QG307C
VOLTAGE 50V ~ 1000V
3.0AMP Surface Mount Silicon Rectifiers
.1
1.0
10
100
RATING AND CHARACTERISTIC CURVES (
QG301C THRU QG307C)
FIG.3 - TYPICAL REVERSE
CHARACTERISTICS
PERCENTAGE RATED PEAK REVERSE VOLTAGE
, %
0
20
40
60
80
100 120 140
.01
FIG.2-TYPICAL FORWARD CURRENT DERATING CURVE
Tj=100 C
Tj=25 C
FIG.4-MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
0
1.0
2.0
3.0
4.0
AMBIENT TEMPERATURE ( C)
Single Phase
Half Wave 60Hz
Resistive Or Inductive Load
0.1
1.0
.01
10
50
FIG.1-TYPICAL FORWARD
CHARACTERISTICS
FORWARD VOLTAGE,(V)
Pulse Width 300us
1% Duty Cycle
.6
.7
.8
.9
1.0
1.1
1.2
1.3
3.0
Tj=25 C
FIG.5-TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE,(V)
35
0
3
00
25
0
2
00
15
0
1
00
5
0
0
.01
.05
.1
.5
1
5
10
50
100
20
0
40
60
80
100
NUMBER OF CYCLES AT 60Hz
1
10
5
50
100
Tj=25 C
8.3ms Single Half
Sine Wave
JEDEC method
0
20
40
60
80
100
120
140
160
180
200
http://www.SeCoSGmbH.com
Elektronische Bauelemente
01-Jun-2002 Rev. A
Page 2 of 2


Similar Part No. - QG306C

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
QG306AM SECOS-QG306AM Datasheet
164Kb / 2P
   Voltage 50 ~ 1000 V 3.0Amp Surface Mount Silicon Rectifiers
QG306B SECOS-QG306B Datasheet
145Kb / 2P
   VOLTAGE 50V ~ 1000V 3.0Amp Surface Mount Silicon Rectifiers
QG306B-C SECOS-QG306B-C Datasheet
167Kb / 2P
   Surface Mount Silicon General Purpose Rectifiers
QG306YAM SECOS-QG306YAM Datasheet
270Kb / 2P
   3.0Amp Surface Mount Silicon Rectifiers
More results

Similar Description - QG306C

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
QG301B SECOS-QG301B Datasheet
145Kb / 2P
   VOLTAGE 50V ~ 1000V 3.0Amp Surface Mount Silicon Rectifiers
SMF301C SECOS-SMF301C Datasheet
190Kb / 2P
   VOLTAGE 50V ~1000V 3.0AMP Surface Mount Fast Reovery Rectifiers
logo
First Silicon Co., Ltd
GN3A FS-GN3A Datasheet
150Kb / 3P
   REVERSE VOLTGE 50V~1000V FORWARD CURRENT 3.0AMP Surface Mount Rectifiers
logo
SeCoS Halbleitertechnol...
QG201A SECOS-QG201A Datasheet
188Kb / 2P
   VOLTAGE 50V ~ 1000V 2.0AMP Surface Mount Silicon Rectifiers
QG5391A SECOS-QG5391A Datasheet
177Kb / 2P
   VOLTAGE 50V ~ 1000V 1.5AMP Surface Mount Silicon Rectifiers
QG201B SECOS-QG201B Datasheet
137Kb / 2P
   VOLTAGE 50V ~ 1000V 2.0Amp Surface Mount Silicon Rectifiers
GBP3005 SECOS-GBP3005 Datasheet
226Kb / 2P
   Voltage 50V ~ 1000V 3.0Amp Glass Passivated Bridge Rectifiers
KBP3005G SECOS-KBP3005G Datasheet
730Kb / 2P
   Voltage 50V ~ 1000V 3.0Amp Glass Passivited Bridge Rectifiers
D3UB05 SECOS-D3UB05 Datasheet
194Kb / 2P
   Voltage 50V ~ 1000V 3.0Amp Glass Passivated Bridge Rectifiers
QG301YAM SECOS-QG301YAM Datasheet
270Kb / 2P
   3.0Amp Surface Mount Silicon Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com