Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B1017RW Datasheet(PDF) 1 Page - MicroPower Direct, LLC

Part # B1017RW
Description  Compact 1 x 2 Inch 10W Wide Input Range DC/DC Converters
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

B1017RW Datasheet(HTML) 1 Page - MicroPower Direct, LLC

  B1017RW Datasheet HTML 1Page - MicroPower Direct, LLC B1017RW Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Key Features:
10W Output Power
UL Approved (File E245422)
2:1 Input Voltage Range
1,500 VDC Isolation
Meets EN55022 Class “A”
Compact 1 x 2 Inch Case
Single & Dual Outputs
Industry Standard Pin-Out
MicroPower Direct
232 Tosca Drive
Stoughton, MA 02072
USA
T: (781) 344-8226
F: (781) 344-8481
E: sales@micropowerdirect.com
W: www.micropowerdirect.com
B1000RW
Compact 1 x 2 Inch 10W
Compact 1 x 2 Inch 10W
Wide Input Range
Wide Input Range
DC/DC Converters
DC/DC Converters
Series
Input
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Start Voltage
12 VDC Input
8.0
8.5
9.0
VDC
24 VDC Input
15.0
17.0
18.0
48 VDC Input
30.0
33.0
36.0
Input Filter
π (Pi) Filter (Complies with EN55022 Class “A”)
Reverse Polarity Input Current
2.0
A
Short Circuit Input Power
3,500
4,500
mW
Output
Parameter
Conditions
Min.
Typ.
Max.
Units
Output Voltage Accuracy
±0.5
±1.0
%
Output Voltage Balance
Dual Output , Balanced Loads
±0.5
±1.0
%
Line Regulation
Vin = Min to Max
±0.1
±0.3
%
Load Regulation
Iout = 10% to 100%
±0.1
±0.5
%
Ripple & Noise (20 MHz) (Note 1)
50
75
mV P - P
Ripple & Noise (20 MHz)
Over Line, Load & Temp.
100
mV P - P
Ripple & Noise (20 MHz)
15
mV rms
Output Power Protection
120
%
Transient Recovery Time (Note 2)
25% Load Step Change
150
300
μSec
Transient Response Deviation
±2.0
±4.0
%
Temperature Coefficient
±0.01
±0.02
%/°C
Output Short Circuit
Continuous
General
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation Voltage
60 Seconds
1,500
VDC
Isolation Test Voltage
Flash Tested For 1 Sec
1,650
VDC
Isolation Resistance
500 VDC
1,000
M
Ω
Isolation Capacitance
100 kHz, 1V
120
160
pF
Switching Frequency
260
300
340
kHz
Environmental
Parameter
Conditions
Min.
Typ.
Max.
Units
Operating Temperature Range
Ambient
-40
+25
+71
°C
Operating Temperature Range
Case
-40
+90
°C
Storage Temperature Range
-50
+125
°C
Cooling
Free Air Convection
Humidity
RH, Non-condensing
95
%
RFI
Six-Side Shielded Metal Case
Conducted EMI
EN55022 Class “A”
Physical
Case Size
2.0 x 1.0 x 0.40 Inches (50.8 x 25.4 x 10.2 mm)
Case Material
Metal with Non-Conductive Base (UL94-V0)
Weight
1.06 Oz (30g)
Reliability Specifications
Parameter
Conditions
Min.
Typ.
Max.
Units
MTBF
MIL HDBK 217F, 25°C, Gnd Benign
700
kHours
Safety Standards
UL 1950, EN 60950, IEC 60950
Safety Approvals
UL, cUL; File No. E245422
Absolute Maximum Ratings
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Voltage Surge (1 Sec)
12 VDC Input
-0.7
25.0
VDC
24 VDC Input
-0.7
50.0
48 VDC Input
-0.7
100.0
Lead Temperature
1.5 mm From Case For 10 Sec
260.0
°C
Internal Power Dissipation
All Models
5,000
mW
Caution: Exceeding Absolute Maximum Ratings may damage the module. These are not continuous operating ratings.
Electrical Specifications
Specifications typical @ +25°C, nominal input voltage & rated output current, unless otherwise noted. Specifications subject to change without notice.


Similar Part No. - B1017RW

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
B1017RW MPD-B1017RW Datasheet
187Kb / 2P
   B1000RW SERIES
More results

Similar Description - B1017RW

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
MI1000RW MPD-MI1000RW Datasheet
357Kb / 3P
   Compact, 1 x 1 Inch 10W, 2:1 Input Range DC/DC Converters
B1000ERW MPD-B1000ERW Datasheet
200Kb / 2P
   Low Cost 1 x 2 Inch 10W Wide Input Range DC/DC Converters
B1500RW MPD-B1500RW Datasheet
265Kb / 2P
   Compact 1 x 2 Inch 15W Wide Input Range DC/DC Converters
B3000RW MPD-B3000RW Datasheet
270Kb / 2P
   Compact 1 x 2 Inch 30W Wide Input Range DC/DC Converters
MI1500RW MPD-MI1500RW Datasheet
591Kb / 5P
   Compact, 1 x 1 Inch 15W, 2:1 Input Range DC/DC Converters
MI1000ERU MPD-MI1000ERU Datasheet
1,003Kb / 4P
   Wide 4:1 Input, 10W Miniature 1 x 1 DC/DC Converters
MR1011S MPD-MR1011S Datasheet
720Kb / 4P
   Ultra-Wide Input, 10W Compact, Railway DC/DC Converters
B2000RW MPD-B2000RW Datasheet
261Kb / 2P
   Compact 1 x 2 Inch 20W Wide Input Range DC/DC Con vert ers
MI2500RW MPD-MI2500RW Datasheet
809Kb / 4P
   Compact, 25W, 2:1 Input Range DC/DC Converters
logo
Minmax Technology Co., ...
MKW1000 MINMAX-MKW1000 Datasheet
250Kb / 8P
   10W, Wide Input Range, Single & Dual Output DC/DC Converters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com